Electronic Components Datasheet Search
  English  ▼

X  

DM54184 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DM54184
Description  BCD-to-Binary and Binary-to-BCD Converters
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DM54184 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  DM54184 Datasheet HTML 1Page - National Semiconductor (TI) DM54184 Datasheet HTML 2Page - National Semiconductor (TI) DM54184 Datasheet HTML 3Page - National Semiconductor (TI) DM54184 Datasheet HTML 4Page - National Semiconductor (TI) DM54184 Datasheet HTML 5Page - National Semiconductor (TI) DM54184 Datasheet HTML 6Page - National Semiconductor (TI) DM54184 Datasheet HTML 7Page - National Semiconductor (TI) DM54184 Datasheet HTML 8Page - National Semiconductor (TI) DM54184 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
TLF6561
June 1989
DM74184DM74185A
BCD-to-Binary and Binary-to-BCD Converters
General Description
These monolithic converters are derived from the 256-bit
read only memories DM5488 and DM7488 Emitter con-
nections are made to provide direct read-out of converted
codes at outputs Y8 through Y1 as shown in the function
tables These converters demonstrate the versatility of a
read only memory in that an unlimited number of reference
tables or conversion tables may be built into a system Both
of these converters comprehend that the least significant
bits (LSB) of the binary and BCD codes are logically equal
and in each case the LSB bypasses the converter as illus-
trated in the typical applications This means that a 6-bit
converter is produced in each case Both devices are cas-
cadable to N bits
An overriding enable input is provided on each converter
which when taken high inhibits the function causing all out-
puts to go high For this reason and to minimize power
consumption unused outputs Y7 and Y8 of the 185A and all
‘‘don’t care’’ conditions of the 184 are programmed high
The outputs are of the open-collector type
DM74184 BCD-TO-BINARY CONVERTERS
The 6-bit BCD-to-binary function of the DM74184 is analo-
gous to the algorithm
a Shift BCD number right one bit and examine each dec-
ade Subtract three from each 4-bit decade containing a
binary value greater than seven
b Shift right examine and correct after each shift until the
least significant decade contains a number smaller than
eight and all other converted decades contain zeros
In addition to BCD-to-binary conversion the DM74184 is
programmed to generate BCD 9’s complement or BCD 10’s
complement Again in each case one bit of the comple-
ment code is logically equal to one of the BCD bits there-
fore these complements can be produced on three lines
As outputs Y6 Y7 and Y8 are not required in the BCD-to-bi-
nary conversion they are utilized to provide these comple-
ment codes as specified in the function table when the de-
vices are connected as shown
DM74185A BINARY-TO-BCD CONVERTERS
The function performed by these 6-bit binary-to-BCD con-
verters is analogous to the algorithm
a Examine the three most significant bits If the sum is
greater than four add three and shift left one bit
b Examine each BCD decade If the sum is greater than
four add three and shift left one bit
c Repeat step b until the least-significant binary bit is in the
least-significant BCD location
(Continued)
Connection Diagram
TLF6561 – 1
Order Number DM74184N or DM74185AN
See NS Package Number N16E
C1995 National Semiconductor Corporation
RRD-B30M105Printed in U S A


Similar Part No. - DM54184

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DM54180 NSC-DM54180 Datasheet
107Kb / 6P
9-Bit Parity Generators/Checkers
DM54181 NSC-DM54181 Datasheet
255Kb / 8P
ARITHMETIC LOGIC UNIT/FUNCTION GENERATORS
More results

Similar Description - DM54184

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC14028B MOTOROLA-MC14028B Datasheet
254Kb / 7P
BCD-To-Decimal Decoder Binary-To-Octal Decoder
logo
ON Semiconductor
MC14028B ONSEMI-MC14028B Datasheet
216Kb / 8P
BCD-To-Decimal Decoder Binary-To-Octal Decoder
March, 2000 ??Rev. 3
logo
Hitachi Semiconductor
HD14028B HITACHI-HD14028B Datasheet
77Kb / 6P
BCD-to-Decimal Decoder/Binary-to-Octal Decoder
HD74HC4518 HITACHI-HD74HC4518 Datasheet
59Kb / 10P
Dual BCD Use Converters/Dual Binary Up Converters
logo
Texas Instruments
SN54184 TI-SN54184 Datasheet
376Kb / 9P
BCD TO BINARY AND BINARY TO BCD CONVERTERS
logo
National Semiconductor ...
DM8898 NSC-DM8898 Datasheet
124Kb / 8P
TRI-STATE BCD to Binary/Binary to BCD Converters
logo
Fairchild Semiconductor
F10016 FAIRCHILD-F10016 Datasheet
264Kb / 6P
BCD DECADE COUNTER/4-BIT BINARY COUNTER
logo
Motorola, Inc
SN74LS160A MOTOROLA-SN74LS160A Datasheet
83Kb / 6P
BCD DECADE COUNTERS/ 4-BIT BINARY COUNTERS
logo
Fairchild Semiconductor
AN-6611 FAIRCHILD-AN-6611 Datasheet
296Kb / 3P
Binary/BCD Gain Programmed Amplifiers
logo
ON Semiconductor
MC14028B ONSEMI-MC14028B_14 Datasheet
116Kb / 6P
BCD-To-Decimal Decoder Binary-To-Octal Decoder
August, 2014 ??Rev. 9
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com