Electronic Components Datasheet Search
  English  ▼

X  

MB95690K Datasheet(PDF) 13 Page - Cypress Semiconductor

Part # MB95690K
Description  New 8FX 8-bit Microcontrollers
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB95690K Datasheet(HTML) 13 Page - Cypress Semiconductor

Back Button MB95690K Datasheet HTML 9Page - Cypress Semiconductor MB95690K Datasheet HTML 10Page - Cypress Semiconductor MB95690K Datasheet HTML 11Page - Cypress Semiconductor MB95690K Datasheet HTML 12Page - Cypress Semiconductor MB95690K Datasheet HTML 13Page - Cypress Semiconductor MB95690K Datasheet HTML 14Page - Cypress Semiconductor MB95690K Datasheet HTML 15Page - Cypress Semiconductor MB95690K Datasheet HTML 16Page - Cypress Semiconductor MB95690K Datasheet HTML 17Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 129 page
background image
MB95690K Series
Document Number: 002-04692 Rev. *E
Page 13 of 129
18
P17
F
General-purpose I/O port
Hysteresis CMOS
—
Ο
SNI0
Trigger input pin for the position detection
function of the MPG waveform sequencer
19
P70
F
General-purpose I/O port
Hysteresis CMOS
—
Ο
TO00
8/16-bit composite timer ch. 0 output pin
20
P71
F
General-purpose I/O port
Hysteresis CMOS
—
Ο
TO01
8/16-bit composite timer ch. 0 output pin
21
P72
H
General-purpose I/O port
CMOS
CMOS
Ο
—
SCL
I2C bus interface ch. 0 clock I/O pin
22
P73
H
General-purpose I/O port
CMOS
CMOS
Ο
—
SDA
I2C bus interface ch. 0 data I/O pin
23
P74
F
General-purpose I/O port
Hysteresis CMOS
—
Ο
EC0
8/16-bit composite timer ch. 0 clock input pin
24
P75
F
General-purpose I/O port
Hysteresis CMOS
—
Ο
UCK0
UART/SIO ch. 0 clock I/O pin
25
P76
F
General-purpose I/O port
Hysteresis CMOS
—
Ο
UO0
UART/SIO ch. 0 data output pin
26
P77
I
General-purpose I/O port
Hysteresis CMOS
—
Ο
UI0
UART/SIO ch. 0 data input pin
27
P60
D
General-purpose I/O port
High-current pin
Hysteresis CMOS
—
Ο
DTTI
MPG waveform sequencer input pin
28
P61
D
General-purpose I/O port
High-current pin
Hysteresis CMOS
—
Ο
TI1
16-bit reload timer ch. 1 input pin
29
P62
D
General-purpose I/O port
High-current pin
Hysteresis CMOS
—
Ο
OPT0
MPG waveform sequencer output pin
PPG00
8/16-bit PPG ch. 0 output pin
TO10
8/16-bit composite timer ch. 1 output pin
30
P63
D
General-purpose I/O port
High-current pin
Hysteresis CMOS
—
Ο
OPT1
MPG waveform sequencer output pin
PPG01
8/16-bit PPG ch. 0 output pin
TO11
8/16-bit composite timer ch. 1 output pin
Pin no.
Pin name
I/O
circuit
type*1
Function
I/O type
Input
Output OD*2 PU*3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com