Electronic Components Datasheet Search
  English  ▼

X  

PE44461 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE44461
Description  SMA Male QD Connector Crimp/Solder Attachment For RG142, RG223, RG400, RG55
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE44461 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE44461 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE44461 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE44461 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Configuration
• SMA Male Connector
• 50 Ohms
• Straight Body Geometry
• RG142, RG223, RG400, RG55 Interface Type
• Crimp/Solder Attachment
.
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
12.4
GHz
VSWR
1.27:1
Operating Voltage (AC)
335
Vrms
Dielectric Withstanding Voltage (AC)
1,000
.
Mechanical Specifications
Size
Length
1.12 in [28.45 mm]
Width/Dia.
0.51 in [12.95 mm]
.
Weight
0.018 lbs [8.16 g]
.
Material Specifications
Description
Material
Plating
Contact
Beryllium Copper
Gold
50µ in. minimum
Insulation
Teflon
Body
Brass
Gold
10µ in. minimum
Coupling Nut
Brass
Nickel
100µ in. minimum
.
Compliance Certifications (visit www.Pasternack.com for current document)
Not RoHS Compliant
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including
price, inventory and certifications: SMA Male QD Connector Crimp/Solder Attachment For RG142, RG223, RG400,
RG55 PE44461
PE44461 REV
SMA Male QD Connector Crimp/Solder Attachment
For RG142, RG223, RG400, RG55
RF Connectors Technical Data Sheet
PE44461


Similar Part No. - PE44461

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4446 PASTERNACK-PE4446 Datasheet
108Kb / 1P
TNC MALE CRIMP ATTACHMENT FOR RG8 & RG213
PE4446 PASTERNACK-PE4446 Datasheet
307Kb / 3P
TNC Male Connector Crimp/Solder Attachment
PE44460 PASTERNACK-PE44460 Datasheet
265Kb / 3P
SMA Male QD Connector Crimp/Solder Attachment For RG58, RG141, RG303
PE4446 PASTERNACK-PE4446_16 Datasheet
307Kb / 3P
TNC Male Connector Crimp/Solder Attachment
More results

Similar Description - PE44461

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4037 PASTERNACK-PE4037 Datasheet
88Kb / 1P
SMA MALE SOLDER ATTACHMENT FOR RG55 RG58 RG142 RG223 & RG400
PE4002 PASTERNACK-PE4002 Datasheet
285Kb / 3P
SMA Male Right Angle Connector Crimp/Solder Attachment For RG55, RG142, RG223, RG400
PE4576 PASTERNACK-PE4576 Datasheet
206Kb / 2P
SMA Male Connector Crimp/Solder (Captive Contact) Attachment For RG55, RG142, RG223, RG400
PE4412 PASTERNACK-PE4412 Datasheet
241Kb / 2P
SMA Female Connector Crimp/solder Attachment For RG55,RG142,RG223,RG400
PE4008 PASTERNACK-PE4008 Datasheet
468Kb / 3P
SMA Male Connector Crimp/Crimp Attachment For RG55, RG142, RG223, RG400
PE44182 PASTERNACK-PE44182 Datasheet
248Kb / 2P
RT SMA Male Connector Crimp/Solder Attachment For RG55, RG141, RG142, RG223, RG400
PE4477 PASTERNACK-PE4477 Datasheet
229Kb / 3P
HN Male Connector Crimp/Solder Attachment For RG55, RG142, RG223, RG400
PE4767 PASTERNACK-PE4767 Datasheet
213Kb / 2P
RP SMA Male Connector Crimp/Solder Attachment For RG55, RG141, RG142, RG223, RG400
PE44788 PASTERNACK-PE44788 Datasheet
224Kb / 3P
N Male Connector Crimp-Solder Attachment For RG223, RG142, RG400, RG55
PE44595 PASTERNACK-PE44595 Datasheet
223Kb / 3P
QN Male Connector Crimp - Solder Attachment For RG55, RG142, RG223, RG400
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com