Electronic Components Datasheet Search
  English  ▼

X  

BC860 Datasheet(PDF) 1 Page - Diotec Semiconductor

Part # BC860
Description  SMD General Purpose PNP Transistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

BC860 Datasheet(HTML) 1 Page - Diotec Semiconductor

  BC860 Datasheet HTML 1Page - Diotec Semiconductor BC860 Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
BC856 ... BC860
BC856 ... BC860
SMD General Purpose PNP Transistors
SMD Universal-PNP-Transistoren
IC
= -100 mA
hFE ~ 180/290/520
Tjmax = 150°C
VCEO = -30...-65 V
Ptot = 250 mW
Version 2018-02-02
SOT-23 (TO-236)
1 = B
2 = E
3 = C
Dimensions - Maße [mm]
Typical Applications
Signal processing,
Switching, Amplification
Commercial grade 1)
Typische Anwendungen
Signalverarbeitung,
Schalten, Verstärken
Standardausführung 1)
Features
General Purpose
Three current gain groups
Compliant to RoHS, REACH,
Conflict Minerals 1)
Besonderheiten
Universell anwendbar
Drei Stromverstärkungsklassen
Konform zu RoHS, REACH,
Konfliktmineralien 1)
Mechanical Data 1)
Mechanische Daten 1)
Taped and reeled
3000 / 7“
Gegurtet auf Rolle
Weight approx.
0.01 g
Gewicht ca.
Case material
UL 94V-0
Gehäusematerial
Solder & assembly conditions
260°C/10s
Löt- und Einbaubedingungen
MSL = 1
Type
Code
Recommended complementary NPN transistors
Empfohlene komplementäre NPN-Transistoren
BC856A = 3A
BC856B = 3B
BC856C = 3C
BC857A = 3E
BC857B = 3F
BC857C = 3G
BC860B = 3F
BC860C = 3G or 4G
BC858A = 3E
BC858B = 3F
BC858C = 3G
BC859A = 3E
BC859B = 3F
BC859C = 3G or 4C
BC846 ... BC850
Maximum ratings 2)
Grenzwerte 2)
BC856
BC857
BC860
BC858
BC859
Collector-Emitter-volt. – Kollektor-Emitter-Spannung
B open
- VCEO
65 V
45 V
30 V
Collector-Base-voltage – Kollektor-Basis-Spannung
E open
- VCBO
80 V
50 V
30 V
Emitter-Base-voltage – Emitter-Basis-Spannung
C open
- VEBO
5 V
Power dissipation – Verlustleistung
Ptot
250 mW 3)
Collector current – Kollektorstrom
DC
- IC
100 mA
Peak Collector current – Kollektor-Spitzenstrom
- ICM
200 mA
Junction temperature – Sperrschichttemperatur
Storage temperature – Lagerungstemperatur
Tj
TS
-55...+150°C
-55…+150°C
1
Please note the detailed information on our website or at the beginning of the data book
Bitte beachten Sie die detaillierten Hinweise auf unserer Internetseite bzw. am Anfang des Datenbuches
2
TA = 25°C unless otherwise specified – TA = 25°C wenn nicht anders angegeben
3
Mounted on P.C. board with 3 mm2 copper pad at each terminal
Montage auf Leiterplatte mit 3 mm2 Kupferbelag (Lötpad) an jedem Anschluss
© Diotec Semiconductor AG
http://www.diotec.com/
1
Pb
RoHS
1.1
+0.1
0.4+0.1
2.9 ±0.1
1
2
3
Type
Code
1.9±0.1
-0.05
-0.2


Similar Part No. - BC860

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BC860 PHILIPS-BC860 Datasheet
46Kb / 8P
PNP general purpose transistors
1999 May 28
logo
Fairchild Semiconductor
BC860 FAIRCHILD-BC860 Datasheet
68Kb / 5P
Switching and Amplifier Applications
logo
KEC(Korea Electronics)
BC860 KEC-BC860 Datasheet
243Kb / 2P
EPITAXIAL PLANAR PNP TRANSISTOR (GENERAL PURPOSE, SWITCHING)
logo
Infineon Technologies A...
BC860 INFINEON-BC860 Datasheet
218Kb / 8P
PNP Silicon AF Transistors
Dec-11-2001
logo
Diotec Semiconductor
BC860 DIOTEC-BC860 Datasheet
186Kb / 2P
Surface mount Si-Epitaxial PlanarTransistors
More results

Similar Description - BC860

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
BC807 DIOTEC-BC807_17 Datasheet
141Kb / 2P
SMD General Purpose PNP Transistors
BC856 DIOTEC-BC856_17 Datasheet
145Kb / 2P
SMD General Purpose PNP Transistors
MMBT2907A DIOTEC-MMBT2907A_18 Datasheet
144Kb / 2P
SMD General Purpose PNP Transistors
MMBT3906 DIOTEC-MMBT3906_18 Datasheet
144Kb / 2P
SMD General Purpose PNP Transistors
MMBT4403 DIOTEC-MMBT4403_18 Datasheet
145Kb / 2P
SMD General Purpose PNP Transistors
MMBTA56 DIOTEC-MMBTA56 Datasheet
145Kb / 2P
SMD General Purpose PNP Transistors
BC856S DIOTEC-BC856S_18 Datasheet
179Kb / 2P
SMD General Purpose PNP Transistors
BC856S DIOTEC-BC856S_1 Datasheet
180Kb / 2P
SMD General Purpose PNP Transistors
MMBTA56 DIOTEC-MMBTA56_18 Datasheet
127Kb / 2P
SMD General Purpose PNP Transistors
BC856AW DIOTEC-BC856AW Datasheet
125Kb / 2P
SMD General Purpose PNP Transistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com