Electronic Components Datasheet Search
  English  ▼

X  

BC549C Datasheet(PDF) 1 Page - Diotec Semiconductor

Part # BC549C
Description  General Purpose NPN Transistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

BC549C Datasheet(HTML) 1 Page - Diotec Semiconductor

  BC549C Datasheet HTML 1Page - Diotec Semiconductor BC549C Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
BC546 ... BC549
BC546 ... BC549
General Purpose NPN Transistors
Universal-NPN-Transistoren
IC
= 100 mA
hFE ~ 110/200/420
Tjmax = 150°C
VCEO = 30...65 V
Ptot = 500 mW
Version 2018-02-01
TO-92 (10D3)
(1)
(2)
Dimensions - Maße [mm]
Typical Applications
Signal processing,
Switching, Amplification
Commercial grade 1)
Typische Anwendungen
Signalverarbeitung,
Schalten, Verstärken
Standardausführung 1)
Features
General Purpose
Three current gain groups
Compliant to RoHS, REACH,
Conflict Minerals 1)
Besonderheiten
Universell anwendbar
Drei Stromverstärkungsklassen
Konform zu RoHS, REACH,
Konfliktmineralien 1)
Mechanical Data 1)
Mechanische Daten 1)
(1) Taped in ammo pack
(Raster 2.54)
(2) On request: in bulk
(Raster 1.27, suffix “BK”)
4000
5000
(1) Gegurtet in Ammo-Pack
(Raster 2.54)
(2) Auf Anfrage: Schüttgut
(Raster 1.27, Suffix “BK”)
Weight approx.
0.01 g
Gewicht ca.
Case material
UL 94V-0
Gehäusematerial
Solder & assembly conditions
260°C/10s
Löt- und Einbaubedingungen
MSL N/A
Current gain groups
Stromverstärkungsgruppen
Recommended complementary PNP transistors
Empfohlene komplementäre PNP-Transistoren
BC546A
BC547A
BC548A
BC549A
BC546B
BC547B
BC548B
BC549B
BC546C
BC547C
BC548C
BC549C
BC556 ... BC559
Maximum ratings 2)
Grenzwerte 2)
BC546
BC547
BC548/549
Collector-Emitter-voltage – Kollektor-Emitter-Spannung
E-B short
VCES
80 V
50 V
30 V
Collector-Emitter-voltage – Kollektor-Emitter-Spannung
B open
VCEO
65 V
45 V
30 V
Emitter-Base-voltage – Emitter-Basis-Spannung
C open
VEBO
80 V
50 V
30 V
Emitter-Base-voltage
C open
VEBO
5 V
Power dissipation – Verlustleistung
Ptot
500 mW 3)
Collector current – Kollektorstrom
DC
IC
100 mA
Peak Collector current – Kollektor-Spitzenstrom
ICM
200 mA
Peak Base current – Basis-Spitzenstrom
IBM
200 mA
Peak Emitter current – Emitter-Spitzenstrom
- IEM
200 mA
Junction temperature – Sperrschichttemperatur
Storage temperature – Lagerungstemperatur
Tj
TS
-55...+150°C
-55…+150°C
1
Please note the detailed information on our website or at the beginning of the data book
Bitte beachten Sie die detaillierten Hinweise auf unserer Internetseite bzw. am Anfang des Datenbuches
2
TA = 25°C, unless otherwise specified – TA = 25°C, wenn nicht anders angegeben
3
Valid, if leads are kept at ambient temperature at a distance of 2 mm from case
Gültig wenn die Anschlussdrähte in 2 mm Abstand vom Gehäuse auf Umgebungstemperatur gehalten werden
© Diotec Semiconductor AG
http://www.diotec.com/
1
2 x 2.54
C B E
2 x 1.27
C B E
4.6±0.1
Pb
RoHS


Similar Part No. - BC549C

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BC549C MOTOROLA-BC549C Datasheet
110Kb / 4P
Low Noise Transistors
logo
NXP Semiconductors
BC549C PHILIPS-BC549C Datasheet
44Kb / 8P
NPN general purpose transistors
1999 Apr 22
logo
Siemens Semiconductor G...
BC549C SIEMENS-BC549C Datasheet
210Kb / 6P
NPN Silicon Transistors
logo
Diotec Semiconductor
BC549C DIOTEC-BC549C Datasheet
148Kb / 2P
Si-Epitaxial PlanarTransistors
logo
NXP Semiconductors
BC549C NXP-BC549C Datasheet
248Kb / 7P
NPN general purpose transistors
2004 Oct 11
More results

Similar Description - BC549C

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BC109C PHILIPS-BC109C Datasheet
55Kb / 8P
NPN general purpose transistors
1997 Sep 03
2PC4617M PHILIPS-2PC4617M Datasheet
46Kb / 6P
NPN general purpose transistors
2003 Jul 15
logo
Pan Jit International I...
BC847BFN3 PANJIT-BC847BFN3 Datasheet
133Kb / 5P
NPN GENERAL PURPOSE TRANSISTORS
logo
Weitron Technology
2SC2412K WEITRON-2SC2412K_07 Datasheet
1Mb / 5P
NPN General Purpose Transistors
logo
NXP Semiconductors
BCV72.215 PHILIPS-BCV72.215 Datasheet
220Kb / 6P
NPN general purpose transistors
1999 Apr 08
logo
Diotec Semiconductor
2N2222A DIOTEC-2N2222A Datasheet
157Kb / 2P
General Purpose NPN Transistors
MPSA06 DIOTEC-MPSA06 Datasheet
166Kb / 2P
General Purpose NPN Transistors
logo
Micro Commercial Compon...
2SC5658-Q MCC-2SC5658-Q Datasheet
652Kb / 4P
NPN General Purpose Transistors
logo
AiT Semiconductor Inc.
2SD1007 AITSEMI-2SD1007 Datasheet
401Kb / 4P
GENERAL PURPOSE TRANSISTORS NPN TRANSISTORS
REV1.1
D882 AITSEMI-D882 Datasheet
554Kb / 5P
GENERAL PURPOSE TRANSISTORS NPN TRANSISTORS
REV1.1
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com