Electronic Components Datasheet Search
  English  ▼

X  

BC559C Datasheet(PDF) 1 Page - Diotec Semiconductor

Part # BC559C
Description  General Purpose PNP Transistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

BC559C Datasheet(HTML) 1 Page - Diotec Semiconductor

  BC559C Datasheet HTML 1Page - Diotec Semiconductor BC559C Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
BC556 ... BC559
BC556 ... BC559
General Purpose PNP Transistors
Universal-PNP-Transistoren
IC
= -100 mA
hFE ~ 120/200/400
Tjmax = 150°C
VCEO = -30 ...-65 V
Ptot = 500 mW
Version 2018-02-01
TO-92 (10D3)
(1)
(2)
Dimensions - Maße [mm]
Typical Applications
Signal processing,
Switching, Amplification
Commercial grade 1)
Typische Anwendungen
Signalverarbeitung,
Schalten, Verstärken
Standardausführung 1)
Features
General Purpose
Three current gain groups
Compliant to RoHS, REACH,
Conflict Minerals 1)
Besonderheiten
Universell anwendbar
Drei Stromverstärkungsklassen
Konform zu RoHS, REACH,
Konfliktmineralien 1)
Mechanical Data 1)
Mechanische Daten 1)
(1) Taped in ammo pack
(Raster 2.54)
(2) On request: in bulk
(Raster 1.27, suffix “BK”)
4000
5000
(1) Gegurtet in Ammo-Pack
(Raster 2.54)
(2) Auf Anfrage: Schüttgut
(Raster 1.27, Suffix “BK”)
Weight approx.
0.18 g
Gewicht ca.
Case material
UL 94V-0
Gehäusematerial
Solder & assembly conditions
260°C/10s
Löt- und Einbaubedingungen
MSL N/A
Current gain groups
Stromverstärkungsgruppen
Recommended complementary NPN transistors
Empfohlene komplementäre NPN-Transistoren
BC556A
BC557A
BC558A
BC559A
BC556B
BC557B
BC558B
BC559B
BC556C
BC557C
BC558C
BC559C
BC546 ... BC549
Maximum ratings 2)
Grenzwerte 2)
BC556
BC557
BC558/559
Collector-Emitter-voltage – Kollektor-Emitter-Spannung
E-B short
- VCES
80 V
50 V
30 V
Collector-Emitter-voltage – Kollektor-Emitter-Spannung
B open
- VCEO
65 V
45 V
30 V
Emitter-Base-voltage – Emitter-Basis-Spannung
E open
- VCBO
80 V
50 V
30 V
Emitter-Base-voltage – Emitter-Basis-Spannung
C open
- VEBO
5 V
Power dissipation – Verlustleistung
Ptot
500 mW 3)
Collector current – Kollektorstrom
DC
- IC
100 mA
Peak Collector current – Kollektor-Spitzenstrom
- ICM
200 mA
Peak Base current – Basis-Spitzenstrom
- IBM
200 mA
Peak Emitter current – Emitter-Spitzenstrom
IEM
200 mA
Junction temperature – Sperrschichttemperatur
Storage temperature – Lagerungstemperatur
Tj
TS
-55...+150°C
-55…+150°C
1
Please note the detailed information on our website or at the beginning of the data book
Bitte beachten Sie die detaillierten Hinweise auf unserer Internetseite bzw. am Anfang des Datenbuches
2
TA = 25°C, unless otherwise specified – TA = 25°C, wenn nicht anders angegeben
3
Valid, if leads are kept at ambient temperature at a distance of 2 mm from case
Gültig wenn die Anschlussdrähte in 2 mm Abstand vom Gehäuse auf Umgebungstemperatur gehalten werden
© Diotec Semiconductor AG
http://www.diotec.com/
1
2 x 2.54
C B E
2 x 1.27
C B E
4.6±0.1
Pb
RoHS


Similar Part No. - BC559C

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BC559C MOTOROLA-BC559C Datasheet
107Kb / 4P
Low Noise Transistors
logo
ON Semiconductor
BC559C ONSEMI-BC559C Datasheet
84Kb / 4P
Low Noise Transistors
1997
logo
NXP Semiconductors
BC559C PHILIPS-BC559C Datasheet
44Kb / 8P
PNP general purpose transistor
1999 May 28
logo
Siemens Semiconductor G...
BC559C SIEMENS-BC559C Datasheet
213Kb / 6P
PNP SILICON TRANSISTORS
logo
Diotec Semiconductor
BC559C DIOTEC-BC559C Datasheet
144Kb / 2P
Si-Epitaxial PlanarTransistors
More results

Similar Description - BC559C

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BC859 PHILIPS-BC859 Datasheet
46Kb / 8P
PNP general purpose transistors
1999 May 28
BCX17 PHILIPS-BCX17 Datasheet
42Kb / 8P
PNP general purpose transistors
1999 May 31
BCX71 PHILIPS-BCX71 Datasheet
43Kb / 8P
PNP general purpose transistors
1999 Apr 20
BC557B PHILIPS-BC557B Datasheet
80Kb / 12P
PNP general purpose transistors
1997 Mar 27
logo
Pan Jit International I...
BC807 PANJIT-BC807 Datasheet
481Kb / 3P
PNP GENERAL PURPOSE TRANSISTORS
logo
Guangdong Kexin Industr...
BCW67 KEXIN-BCW67 Datasheet
42Kb / 2P
PNP General Purpose Transistors
BCW69 KEXIN-BCW69 Datasheet
40Kb / 2P
PNP General Purpose Transistors
KC860W KEXIN-KC860W Datasheet
69Kb / 2P
PNP General Purpose Transistors
logo
Weitron Technology
2SB985 WEITRON-2SB985 Datasheet
214Kb / 5P
PNP General Purpose Transistors
logo
NXP Semiconductors
BC857BW115 NXP-BC857BW115 Datasheet
163Kb / 10P
PNP general purpose transistors
2002 Feb 04
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com