Electronic Components Datasheet Search
  English  ▼

X  

CL20MD Datasheet(PDF) 2 Page - Diotec Semiconductor

Part # CL20MD
Description  SMD Current Limiting Diodes
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

CL20MD Datasheet(HTML) 2 Page - Diotec Semiconductor

  CL20MD Datasheet HTML 1Page - Diotec Semiconductor CL20MD Datasheet HTML 2Page - Diotec Semiconductor CL20MD Datasheet HTML 3Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
CL10MD ... CL30MD
Characteristics 1)
Kennwerte 1)
Limiting voltage – Grenzspannung
IL = 80% IPmin
VL
3 V 2)
Reverse voltage – Sperrspannung
IR = 1 mA
VR
0.5 V
Junction capacitance – Sperrschichtkapazität
VR = 0 V
CT
5 pF
Thermal resistance junction to ambient – Wärmewiderstand Sperrschicht – Umgebung
Thermal resistance junction to terminal – Wärmewiderstand Sperrschicht – Anschluss
RthA
RthT
< 75 K/W 3)
< 40 K/W
Fig. 1
Characteristic and symbol
Kennlinie und Symbol
1
See Fig. 1 – Siehe Fig. 1
2
Tested with pulses (20 ms) – Gemessen mit Impulsen (20 ms)
3
Mounted on P.C. board with 25 mm2 copper pads per terrminal
Montage auf Leiterplatte mit 25 mm2 Lötpads an jedem Anschluss
2
http://www.diotec.com/
© Diotec Semiconductor AG
V
AK
V
L
V
T
V
R
I
P
I
L
V
F
I
F
I
F
V
F



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com