Electronic Components Datasheet Search
  English  ▼

X  

4500 Datasheet(PDF) 2 Page - Agilent(Hewlett-Packard)

Part # 4500
Description  4500 Series FTIR spectrometers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

4500 Datasheet(HTML) 2 Page - Agilent(Hewlett-Packard)

  4500 Datasheet HTML 1Page - Agilent(Hewlett-Packard) 4500 Datasheet HTML 2Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.agilent.com/chem/4500
This information is subject to change without notice.
© Agilent Technologies, Inc. 2018
Printed in the USA, January 24, 2018
5990-8095EN
Specific systems for your samples.
The 4500 Series FTIR offers three sampling systems tailored
to different types of analysis.
To quickly and easily determine the identity and/or quantity
of components in a liquid, choose the 4500t TumblIR or
4500 DialPath, containing unique Agilent technology and
configured pathlengths between 30 to 1000 um.
Simply place a drop on the lower window and rotate the
top window into place to encompass the liquid and get a
reproducible pathlength every time. The 4500t is ideal for
quantifying minor components in a liquid sample.
For analyzing and measuring virtually any type of solid,
paste or gel substance, select the 4500a, featuring a diamond
ATR (Attenuated Total Reflectance) sampling system.
Just place the substance on the diamond window and take
the measurement. A pressure device ensures that powders
and solids uniformly contact the diamond, providing the best
possible quality information.
Product
highlights
• Small and lightweight
• Highly accurate mid-IR analysis
• No to little sample preparation
• Designed for field use
• Internal 4 hour battery
• Available with general purpose and specific methods
• USB or Bluetooth computer connection to any computer
• Integrated sampling interfaces
• Water-resistant for inclement weather conditions designed to
IP54 specifications
System
specifications
• Size: 22 x 29 x 19 cm (8.5 x 11.5 x 7.5 in)
• Weight: 6.8 kg (15 lb)
• Operating ranges: 0 to 50 °C (32 to 122 °F)
• Power: Internal battery (4 h), 100/120/240 V AC, 50/60 Hz
• Spectral range: 4000–650 cm-1
• Resolution: 4–32 cm-1
• Controller: Handheld or Laptop computer with Microsoft®
Windows® 10 Professional
• Software: Agilent MicroLab PC
• Warmup time: 10 min
• Response time: 2 min
Sample types
• Polymers
• Oils
• Gels
• Greases
• Pastes
• Dairy
• Acids
• Gasoline
• Bases
• Diesel
• Liquids
• Wine
• Foodstuffs
• Powders
• Solids
• Soil
Applications
• Food adulteration
• Soil analysis
• Incoming QA/QC
• Final product
QA/QC
• Petrochemical
blending
• Regulatory
compliance
• Fine chemicals
• Recycling
Effortlessly determine the amount
of minor components in your
liquids with the TumblIR sampling
system of the Agilent 4500t FTIR
Get reproducible pathlengths
every time, between 30 and
1000 um, using the Agilent 4500
DialPath FTIR
Measure all your solid, paste and
gel samples with the diamond
ATR sampling system of the
Agilent 4500a FTIR



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com