Electronic Components Datasheet Search
  English  ▼

X  

HLDPR02 Datasheet(PDF) 2 Page - Agilent(Hewlett-Packard)

Part # HLDPR02
Description  Portable Helium Leak Detector
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HLDPR02 Datasheet(HTML) 2 Page - Agilent(Hewlett-Packard)

  HLDPR02 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HLDPR02 Datasheet HTML 2Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
This information is subject to change without notice.
© Agilent Technologies, Inc. 2018
Printed in the USA, February 27, 2018
5991-9051EN
Primary pump and
pumping speed
DS 40M rotary vane pump, 2 m3/hour
Detectable mass
4
Pumping speed
for helium
1.8 l/s
Sensitivity
5x10-12 mbar∙l/s
Display range
10-4 – 10-11
Maximum test
port pressure
13 mbar
Accessory
Wireless remote
Eight languages
Chinese, English, French, German, Japanese, Korean,
Russian, Spanish
Interface options
Analog, RS232, and discrete IO
Specifications
Description
Part No.
Agilent HLD, PR02 configuration
G8610A
Configured Options
Oil mist eliminator
#100
Discrete IO interface
#101
Wireless remote, base unit
#102
1-1/8 inch compression test port
#104
Test fixture cable
#105
VS Harsh Environment Probe
#106
Accessories
Wireless remote
G8600-60002
Power Probe sniffer 10 ft.
K9565306
Power Probe sniffer 25 ft.
K9565307
Universal test fixture (flapper box)
L6241306
Ordering information
Adjust time scale or
reset plotting
All elements are color-coded
Able to zoom in
on leak rate scale
Two home screen views offer test or data interpretation to
suit your needs.
Easy navigation via the large touch
screen interface
Valve
state
Top level controls
for often used features
Immediate access to the
application setup page
Test/hold
Alphanumeric
leak rate
Status box for all
programed set points
Test status view
Chart view
Agilent has a global network of service professionals and a wide array
of support options that will:
– Protect your investment
– Maximize your productivity
– Ensure your instrument is fully compliant with industry regulations
For more information, please contact your Agilent representative or
visit www.agilent.com/chem/HLD-leak-detection



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com