Electronic Components Datasheet Search
  English  ▼

X  

PE44935 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE44935
Description  SMP Male Full Detent Shroud 2 Hole Flange Mount 0.354 Inch Hole Spacing
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE44935 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE44935 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE44935 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE44935 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
Configuration
Connector
SMP Male, Full Detent
Connector Specification
MIL-STD-348
Connector Interface Type
None
Attachment Method (Shield/Contact)
None
Body Style
Straight
Mount Method
2 Hole Flange
Electrical Specifications
Impedance
50 Ohms
Mechanical Specifications
Size
Length
0.48 in [12.19 mm]
Width/Dia.
0.176 in [4.47 mm]
Height
0.12 in [3.05 mm]
.
Weight
0.082 lbs [37.19 g]
Connector
Type
SMP Male
Body Material and Plating
Passivated Stainless Steel
Body Plating Specification
AMS-QQ-P-35
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMP Male Full Detent Shroud 2 Hole Flange Mount 0.354 Inch Hole Spacing PE44935
PE44935
PE44935 REV 1.0
SMP Male Full Detent Shroud 2 Hole Flange
Mount 0.354 Inch Hole Spacing


Similar Part No. - PE44935

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4493 PASTERNACK-PE4493 Datasheet
108Kb / 1P
MHV MALE CRIMP ATTACHMENT FOR RG8 & RG213
PE44930 PASTERNACK-PE44930 Datasheet
369Kb / 3P
SMP Male Smooth Bore Hermetically Sealed Connector Solder Attachment Solder Mount Pin Terminal .130 inch Pin Length
PE44931 PASTERNACK-PE44931 Datasheet
374Kb / 3P
SMP Male Limited Detent Connector Solder Attachment Thread-In Mount Pin Terminal .080 Inch Extended Dielectric and .070 inch Pin Length
PE44932 PASTERNACK-PE44932 Datasheet
365Kb / 2P
SMP Male Limited Detent Shroud Solder Mount Surface Mount
PE44933 PASTERNACK-PE44933 Datasheet
371Kb / 3P
SMP Male Full Detent Hermetically Sealed Connector Solder Attachment Solder Mount Pin Terminal
More results

Similar Description - PE44935

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
P670 ETC2-P670 Datasheet
128Kb / 1P
SMP FULL EDTDNT STRAIGHT 2 HOLE FLANGE MOUNT SHROUD
P672 ETC2-P672 Datasheet
101Kb / 1P
SMP MALE LIMITED DETENT SHROUD 2 HOLE FLANGE PANEL MOUNT
P769 ETC2-P769 Datasheet
63Kb / 1P
SMP FULL DETENT PRESS IN SHROUD
logo
Pasternack Enterprises,...
PE44906 PASTERNACK-PE44906 Datasheet
366Kb / 2P
SMP Male Full Detent Shroud Thread-In Mount
PE44907 PASTERNACK-PE44907 Datasheet
371Kb / 3P
SMP Male Full Detent Shroud 2 Hole Flange Mount 0.282 Inch Hole Spacing
PE44916 PASTERNACK-PE44916 Datasheet
371Kb / 3P
SMP Male Full Detent Shroud 2 Hole Flange Mount 0.481 Inch Hole Spacing
PE44948 PASTERNACK-PE44948 Datasheet
365Kb / 3P
SMP Male Smooth Bore Shroud 2 Hole Flange Mount 0.282 Inch Hole Spacing
PE44949 PASTERNACK-PE44949 Datasheet
370Kb / 3P
SMP Male Limited Detent Shroud 2 Hole Flange Mount 0.481 Inch Hole Spacing
PE44950 PASTERNACK-PE44950 Datasheet
365Kb / 3P
SMP Male Limited Detent Shroud 2 Hole Flange Mount 0.328 Inch Hole Spacing
PE44951 PASTERNACK-PE44951 Datasheet
371Kb / 3P
SMP Male Limited Detent Shroud 2 Hole Flange Mount 0.282 Inch Hole Spacing
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com