Electronic Components Datasheet Search
  English  ▼

X  

PE45140 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE45140
Description  SMA Male Connector Clamp/Solder Attachment for RG58, RG303, LMR-195, PE-P195
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE45140 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE45140 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE45140 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE45140 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Configuration
• SMA Male Connector
• MIL-STD-348A
• 50 Ohms
• Straight Body Geometry
• RG58, RG303, LMR-195, PE-P195 Interface Type
• Clamp/Solder Attachment
• 5/16 Inch Hex
.
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
12.4
GHz
VSWR
1.28:1
Operating Voltage (AC)
500
Vrms
.
Mechanical Specifications
Size
Length
0.88 in [22.35 mm]
Width/Dia.
0.49 in [12.45 mm]
.
Weight
0.041 lbs [18.6 g]
.
Material Specifications
Description
Material
Plating
Contact
Brass
Gold
50µ in. minimum
Insulation
Teflon
Body
Brass
Gold
3µ in. minimum
Coupling Nut
Brass
Gold
3µ in. minimum
.
Environmental Specifications
Temperature
Operating Range
-65 to 165 deg C
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including
price, inventory and certifications: SMA Male Connector Clamp/Solder Attachment for RG58, RG303, LMR-195, PE-
P195 PE45140
PE45140 REV 1.0
SMA Male Connector Clamp/Solder Attachment
for RG58, RG303, LMR-195, PE-P195
RF Connectors Technical Data Sheet
PE45140


Similar Part No. - PE45140

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor
PE45140 PSEMI-PE45140 Datasheet
816Kb / 12P
UltraCMOS짰 Power Limiter 20 MHz?? GHz
More results

Similar Description - PE45140

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE44203 PASTERNACK-PE44203 Datasheet
214Kb / 2P
SMA Male Connector Crimp/Solder Attachment For PE-P195
PE4085 PASTERNACK-PE4085 Datasheet
222Kb / 3P
SMA Male Connector Clamp/Solder Attachment For PE-P195
PE44532 PASTERNACK-PE44532 Datasheet
206Kb / 2P
N Female Connector Crimp/Solder Attachment For PE-C195, RG58, RG141, RG303, PE-P195, LMR-195
PE44544 PASTERNACK-PE44544 Datasheet
210Kb / 2P
7/16 DIN Female Connector Crimp/Solder Attachment For PE-C195, RG58, RG141, RG303, PE-P195, LMR-195
PE4016 PASTERNACK-PE4016 Datasheet
558Kb / 3P
BNC Male Connector Crimp/Solder Attachment For RG58, PE-C195, LMR-195
PE44829 PASTERNACK-PE44829 Datasheet
260Kb / 3P
UHF Male Connector Solder Attachment For RG58, RG303, RG141, PE-C195, PE-P195, LMR-195
PE45138 PASTERNACK-PE45138 Datasheet
353Kb / 3P
SMA Female Bulkhead Mount Connector Crimp/ Solder Attachment for RG58, RG303, LMR-195
PE45141 PASTERNACK-PE45141 Datasheet
349Kb / 3P
SMA Female Bulkhead Mount Connector Crimp/Solder Attachment for RG58, RG303, LMR-195, PE-P195
PE44106 PASTERNACK-PE44106 Datasheet
336Kb / 3P
MHV Female Bulkhead Mount Connector Clamp/Solder Attachment for RG55, RG58, RG141, RG142, RG223, RG303, RG400, PE-C195, PE-P195, LMR-195
PE45071 PASTERNACK-PE45071 Datasheet
485Kb / 5P
QN Male Connector Crimp/Solder Attachment for RG58, RG303, RG141, PE-C195, PE-P195, LMR-195
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com