Electronic Components Datasheet Search
  English  ▼

X  

PE45145 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE45145
Description  SMA Male Connector Crimp/Solder Attachment for RG174, RG316, RG188 Gold Plated
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE45145 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE45145 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE45145 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE45145 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Configuration
• SMA Male Connector
• 50 Ohms
• Straight Body Geometry
• RG174, RG316, RG188 Interface Type
• Crimp/Solder Attachment
• 5/16 in Hex
.
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
12.4
GHz
.
Mechanical Specifications
Size
Length
0.654 in [16.61 mm]
.
Weight
0.01 lbs [4.54 g]
.
Mating Torque
5 in-lbs [0.57 Nm]
Material Specifications
Description
Material
Plating
Contact
Brass
Gold
Insulation
PTFE
Body
Brass
Gold
Coupling Nut
Brass
Gold
.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including
price, inventory and certifications: SMA Male Connector Crimp/Solder Attachment for RG174, RG316, RG188 Gold Plated
PE45145
PE45145 REV 1.0
SMA Male Connector Crimp/Solder Attachment
for RG174, RG316, RG188 Gold Plated
RF Connectors Technical Data Sheet
PE45145


Similar Part No. - PE45145

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4514 PASTERNACK-PE4514 Datasheet
231Kb / 2P
75 Ohm N Female Connector Clamp/Solder Attachment For RG6
PE4514 PASTERNACK-PE4514 Datasheet
332Kb / 3P
75 Ohm N Female Connector Clamp/Solder Attachment
logo
Peregrine Semiconductor
PE45140 PSEMI-PE45140 Datasheet
816Kb / 12P
UltraCMOS짰 Power Limiter 20 MHz?? GHz
logo
Pasternack Enterprises,...
PE45140 PASTERNACK-PE45140 Datasheet
356Kb / 3P
SMA Male Connector Clamp/Solder Attachment for RG58, RG303, LMR-195, PE-P195
PE45141 PASTERNACK-PE45141 Datasheet
349Kb / 3P
SMA Female Bulkhead Mount Connector Crimp/Solder Attachment for RG58, RG303, LMR-195, PE-P195
More results

Similar Description - PE45145

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4009 PASTERNACK-PE4009 Datasheet
284Kb / 3P
SMA Male Right Angle Connector Crimp/Solder Attachment For RG316, RG174, RG188
PE4414 PASTERNACK-PE4414 Datasheet
258Kb / 2P
SMA Female Connector Crimp/Solder Attachment For RG316, RG174, RG188
PE4003 PASTERNACK-PE4003 Datasheet
245Kb / 2P
SMA MALE Connector Crimp/Solder Attachment For RG174,RG316,RG188
PE4043 PASTERNACK-PE4043 Datasheet
325Kb / 3P
BNC Male Connector Crimp/Solder Attachment For RG174, RG316, RG188
PE4026 PASTERNACK-PE4026 Datasheet
252Kb / 2P
SMA Male Connector Clamp-Solder Attachment For RG174, RG316, RG188
PE4036 PASTERNACK-PE4036 Datasheet
357Kb / 3P
SMA Male Connector Solder Attachment For RG174, RG316, RG188
PE44184 PASTERNACK-PE44184 Datasheet
221Kb / 3P
RT SMA Male Connector Crimp - Solder Attachment For RG174, RG316, RG188
PE4589 PASTERNACK-PE4589 Datasheet
353Kb / 3P
SMA Male Connector Crimp - Solder (Captive Contact) Attachment for RG174, RG316, RG188
PE4771 PASTERNACK-PE4771 Datasheet
213Kb / 2P
RP SMA Male Connector Crimp - Solder Attachment For RG174, RG316, RG188
PE4590 PASTERNACK-PE4590 Datasheet
101Kb / 1P
SMA MALE SOLDER ATTACHMENT FOR RG174, RG188& RG316
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com