Electronic Components Datasheet Search
  English  ▼

X  

PE45204 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE45204
Description  SMA Male Connector Solder Attachment 4 Hole Flange Mount Solder Cup Terminal, .340 inch Hole Spacing
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE45204 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE45204 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE45204 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE45204 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Configuration
• SMA Male Connector
• 50 Ohms
• Straight Body Geometry
• Solder Cup Interface Type
• Solder Attachment
• 4 Hole Flange
• 5/16 in. Hex
.
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
18
GHz
VSWR
1.25:1
.
Mechanical Specifications
Size
Length
0.71 in [18.03 mm]
Width/Dia.
0.5 in [12.70 mm]
Height
0.5 in [12.7 mm]
.
Weight
0.013 lbs [5.9 g]
.
Mating Torque
8 in-lbs [0.90 Nm]
Material Specifications
Description
Material
Plating
Contact
Beryllium Copper
Gold
MIL-G-45204, Type II, Class 2
Insulation
Teflon
Body
Stainless Steel
Gold
MIL-G-45204
Coupling Nut
Stainless Steel
Gold
MIL-G-45204
.
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
REACH Compliant
12/17/2014
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMA Male Connector Solder Attachment 4 Hole Flange Mount Solder Cup Terminal, .340 inch
Hole Spacing PE45204
PE45204 REV
SMA Male Connector Solder Attachment 4 Hole Flange
Mount Solder Cup Terminal, .340 inch Hole Spacing
RF Connectors Technical Data Sheet
PE45204


Similar Part No. - PE45204

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4520 PASTERNACK-PE4520 Datasheet
312Kb / 3P
SC Male Connector Clamp/Solder Attachment For RG213, RG214, RG8, RG9, RG225, RG393
PE4520 PASTERNACK-PE4520 Datasheet
332Kb / 3P
SC Male Connector Clamp/Solder Attachment
PE45203 PASTERNACK-PE45203 Datasheet
384Kb / 3P
N Female Connector Clamp/Non-Solder Contact Attachment for 7/8 inch Helical
PE45209 PASTERNACK-PE45209 Datasheet
352Kb / 3P
SSMC Plug Connector Crimp/Solder Attachment for RG316, RG174, RG188
PE4520 PASTERNACK-PE4520_16 Datasheet
332Kb / 3P
SC Male Connector Clamp/Solder Attachment
More results

Similar Description - PE45204

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4000 PASTERNACK-PE4000 Datasheet
252Kb / 2P
SMA Female Connector Solder Attachment 4 Hole Panel Solder Cup Terminal, .340 inch Hole Spacing
PE4126 PASTERNACK-PE4126 Datasheet
228Kb / 3P
SMA Male Connector Solder Attachment 4 Hole Flange Stub Terminal, .340 inch Hole Spacing
PE4124 PASTERNACK-PE4124 Datasheet
228Kb / 3P
SMA Male Connector Solder Attachment 4 Hole Flange Solder Cup Terminal, .340 inch Hole Spacing
PE4217 PASTERNACK-PE4217 Datasheet
379Kb / 3P
SMA Female Connector Solder Attachment 4 Hole Flange Mount Pin Terminal, .340 inch Hole Spacing
PE44200 PASTERNACK-PE44200 Datasheet
220Kb / 3P
RT SMA Female Connector Solder Attachment 4 Hole Flange Solder Cup Terminal, .340 inch Hole Spacing
PE4866 PASTERNACK-PE4866 Datasheet
218Kb / 3P
RP SMA Female Connector Solder Attachment 4 Hole Flange Solder Cup Terminal, .340 inch Hole Spacing
PE45139 PASTERNACK-PE45139 Datasheet
332Kb / 3P
SMA Male Connector Solder Attachment 2 Hole Flange Mount Solder Cup Terminal
PE4126 PASTERNACK-PE4126_16 Datasheet
323Kb / 3P
SMA Male Connector Solder Attachment 4 Hole Flange Mount Stub Terminal, .340 inch Hole Spacing
PE4186 PASTERNACK-PE4186_17 Datasheet
799Kb / 3P
SMA Female Connector Solder Attachment 4 Hole Flange Mount Tab Terminal, .340 inch Hole Spacing
PE4217 PASTERNACK-PE4217_16 Datasheet
351Kb / 3P
SMA Female Connector Solder Attachment 4 Hole Flange Mount Pin Terminal, .340 inch Hole Spacing
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com