Electronic Components Datasheet Search
  English  ▼

X  

PE45209 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE45209
Description  SSMC Plug Connector Crimp/Solder Attachment for RG316, RG174, RG188
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE45209 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE45209 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE45209 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE45209 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Configuration
• SSMC Plug Connector
• 50 Ohms
• Straight Body Geometry
• RG316, RG174, RG188 Interface Type
• Crimp/Solder Attachment
• 5/32 inch Hex
Features
• Max. Operating Frequency 12.4 GHz
• Good VSWR of 1.5:1
• Gold Plated Beryllium Copper Contact
Applications
• General Purpose Test
• Custom Cable Assemblies
.
Description
Pasternack’s PE45209 SSMC plug connector with crimp/solder attachment for RG316, RG174 and RG188 is part of our full
line of RF components available for same-day shipping. Our SSMC plug connector operates up to a maximum frequency of
12.4 GHz and offers good VSWR of 1.5:1.
Our SSMC plug connector PE45209 datasheet specifications and drawing with dimensions are shown below in this PDF.
Pasternack’s broad catalog of RF, microwave and millimeter wave connectors allows designers to configure and customize
their signal connections however they like. Whether the need is to provide an I/O for a board design, or simply create a custom
cable assembly configuration, Pasternack has the right connector for the job. Pasternack can also expertly build your custom
cable assemblies for you and ship same-day.
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
12.4
GHz
VSWR
1.5:1
Insulation Resistance
1,000
MOhms
.
Mechanical Specifications
Size
Length
0.94 in [23.88 mm]
Width/Dia.
0.156 in [3.96 mm]
.
Weight
0.0022 lbs [1 g]
.
Mating Cycles
500 Cycles
Mating Torque
1 in-lbs 0.11 Nm
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SSMC Plug Connector Crimp/Solder Attachment for RG316, RG174, RG188 PE45209
PE45209 REV 1.2
SSMC Plug Connector Crimp/Solder
Attachment for RG316, RG174, RG188
RF Connectors Technical Data Sheet
PE45209


Similar Part No. - PE45209

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4520 PASTERNACK-PE4520 Datasheet
312Kb / 3P
SC Male Connector Clamp/Solder Attachment For RG213, RG214, RG8, RG9, RG225, RG393
PE4520 PASTERNACK-PE4520 Datasheet
332Kb / 3P
SC Male Connector Clamp/Solder Attachment
PE45203 PASTERNACK-PE45203 Datasheet
384Kb / 3P
N Female Connector Clamp/Non-Solder Contact Attachment for 7/8 inch Helical
PE45204 PASTERNACK-PE45204 Datasheet
329Kb / 3P
SMA Male Connector Solder Attachment 4 Hole Flange Mount Solder Cup Terminal, .340 inch Hole Spacing
PE4520 PASTERNACK-PE4520_16 Datasheet
332Kb / 3P
SC Male Connector Clamp/Solder Attachment
More results

Similar Description - PE45209

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4045 PASTERNACK-PE4045 Datasheet
261Kb / 3P
SMC Plug Connector Crimp/Solder Attachment For RG174 RG316 RG188
PE44145 PASTERNACK-PE44145 Datasheet
267Kb / 2P
Banana Plug Connector Crimp/Solder Attachment For RG174, RG316, RG188
PE4896 PASTERNACK-PE4896 Datasheet
262Kb / 3P
MMCX Plug Connector Crimp/Solder Attachment For RG174, RG316, RG188
PE4046 PASTERNACK-PE4046 Datasheet
262Kb / 3P
SMB Plug Connector Crimp/Solder Attachment For RG174, RG316, RG188
PE4551 PASTERNACK-PE4551 Datasheet
261Kb / 2P
MCX Plug Connector Crimp/Solder Attachment For RG316, RG174, RG188
PE44244 PASTERNACK-PE44244 Datasheet
249Kb / 2P
1.0/2.3 Plug Connector Crimp/Solder Attachment For RG174, RG316, RG188
PE44297 PASTERNACK-PE44297 Datasheet
207Kb / 2P
FME Plug Connector Crimp/Solder Attachment For RG174, RG316, RG188
PE44369 PASTERNACK-PE44369 Datasheet
221Kb / 3P
RP MCX Plug Connector Crimp-Solder Attachment For RG174, RG316, RG188
PE45369 PASTERNACK-PE45369 Datasheet
386Kb / 5P
SSMC Plug Connector Crimp/Solder Attachment for RG188-DS, RG316-DS
PE45373 PASTERNACK-PE45373 Datasheet
405Kb / 5P
SSMC Jack Connector Crimp/Solder Attachment for RG316, RG188
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com