Electronic Components Datasheet Search
  English  ▼

X  

PE45217 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE45217
Description  SMA Female Field Replaceable Connector With EMI Gasket 2 Hole Flange Mount .012 inch Pin
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE45217 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE45217 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE45217 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE45217 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Configuration
• SMA Female Connector
• MIL-STD-348
• 50 Ohms
• Straight Body Geometry
• .012 inch Pin Interface Type
• Field Replaceable Attachment
• 2 Hole Flange
.
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
18
GHz
VSWR
1.25:1
Operating Voltage (AC)
335
Vrms
.
Mechanical Specifications
Size
Length
0.375 in [9.53 mm]
Width/Dia.
0.223 in [5.66 mm]
Height
0.625 in [15.88 mm]
.
Weight
0.006 lbs [2.72 g]
.
Mating Cycles
500 Cycles
Material Specifications
Description
Material
Plating
Contact
Beryllium Copper
Gold
50µ in. minimum
Insulation
PTFE
Outer Conductor
Passivated Stainless Steel
Body
Passivated Stainless Steel
.
Environmental Specifications
Temperature
Operating Range
-65 to 165 deg C
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMA Female Field Replaceable Connector With EMI Gasket 2 Hole Flange Mount .012 inch
Pin PE45217
PE45217 REV 1.0
SMA Female Field Replaceable Connector With EMI
Gasket 2 Hole Flange Mount .012 inch Pin
RF Connectors Technical Data Sheet
PE45217


Similar Part No. - PE45217

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4521 PASTERNACK-PE4521 Datasheet
110Kb / 1P
MINI UHF MALE CRIMP ATTACHMENT
PE45210 PASTERNACK-PE45210 Datasheet
343Kb / 3P
SMC Jack Bulkhead Mount Connector Solder Attachment for RG405, PE-SR405FL, PE-SR405AL, .177 inch D Hole
PE45211 PASTERNACK-PE45211 Datasheet
340Kb / 3P
75 Ohm MCX Jack Connector Solder Attachment .072 inch End Launch PCB
PE45215 PASTERNACK-PE45215 Datasheet
333Kb / 3P
SMA Female Field Replaceable Connector 4 Hole Flange Mount .020 inch Pin
PE45216 PASTERNACK-PE45216 Datasheet
338Kb / 3P
SMA Female Field Replaceable Connector With EMI Gasket 4 Hole Flange Mount .015 inch Pin
More results

Similar Description - PE45217

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE44024 PASTERNACK-PE44024 Datasheet
221Kb / 3P
SMA Female Connector Field Replaceable Attachment 2 Hole Flange 0.015 inch Pin
PE44026 PASTERNACK-PE44026 Datasheet
228Kb / 3P
SMA Female Connector Field Replaceable Attachment 2 Hole Flange 0.020 inch Pin
PE44025 PASTERNACK-PE44025 Datasheet
220Kb / 3P
SMA Female Connector Field Replaceable Attachment 2 Hole Flange 0.018 inch Pin
PE44019 PASTERNACK-PE44019 Datasheet
177Kb / 3P
SMA Male Field Replaceable Connector With EMI Gasket 4 Hole Flange 0.015 inch Pin, .500 inch Flange Size
PE44028 PASTERNACK-PE44028 Datasheet
178Kb / 3P
SMA Male Field Replaceable Connector With EMI Gasket 2 Hole Flange 0.012 inch Pin
PE44030 PASTERNACK-PE44030 Datasheet
172Kb / 2P
SMA Male Field Replaceable Connector With EMI Gasket 2 Hole Flange 0.018 inch Pin
PE45054 PASTERNACK-PE45054 Datasheet
373Kb / 3P
SMA Female Field Replaceable Connector 2 Hole Flange Mount 0.020 Inch Pin
PE45055 PASTERNACK-PE45055 Datasheet
374Kb / 3P
SMA Female Field Replaceable Connector 2 Hole Flange Mount 0.036 Inch Pin
PE45216 PASTERNACK-PE45216 Datasheet
338Kb / 3P
SMA Female Field Replaceable Connector With EMI Gasket 4 Hole Flange Mount .015 inch Pin
PE45345 PASTERNACK-PE45345 Datasheet
484Kb / 6P
BMA Plug Slide-On Field Replaceable Connector With EMI Gasket 2 Hole Flange Mount .012 inch Pin, .481 inch Hole Spacing, With EMI Gasket
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com