Electronic Components Datasheet Search
  English  ▼

X  

LT1494 Datasheet(PDF) 3 Page - Linear Technology

Part # LT1494
Description  1.5UA Max, Single, Dual and Quad Over-The-Top Precision Rail-to-Rail Input and Output Op Amps
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1494 Datasheet(HTML) 3 Page - Linear Technology

  LT1494 Datasheet HTML 1Page - Linear Technology LT1494 Datasheet HTML 2Page - Linear Technology LT1494 Datasheet HTML 3Page - Linear Technology LT1494 Datasheet HTML 4Page - Linear Technology LT1494 Datasheet HTML 5Page - Linear Technology LT1494 Datasheet HTML 6Page - Linear Technology LT1494 Datasheet HTML 7Page - Linear Technology LT1494 Datasheet HTML 8Page - Linear Technology LT1494 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3
LT1494/LT1495/LT1496
SYMBOL PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
VS = 5V
150
375
µV
VS = 3V
200
475
µV
VS = 5V, MS8 Package
150
475
µV
VS = 3V, MS8 Package
200
575
µV
IB
Input Bias Current
(Note 5)
250
1000
pA
VCM = 10V (Note 6)
180
360
nA
IOS
Input Offset Current
(Note 5)
20
100
pA
Input Noise Voltage
0.1Hz to 10Hz
4
µVP-P
en
Input Noise Voltage Density
f = 100Hz
185
nV/
√Hz
in
Input Noise Current Density
f = 100Hz
10
fA/
√Hz
AVOL
Large-Signal Voltage Gain
VS = 5V, VO = 0.25V to 4.5V, RL = 100k
100
500
V/mV
VS = 3V, VO = 0.25V to 2.5V, RL = 100k
50
250
V/mV
Input Voltage Range
0
36
V
CMRR
Common Mode Rejection Ratio
VCM = 0V to 4V, VS = 5V
90
106
dB
VCM = 0V to 10V, VS = 5V
74
95
dB
PSRR
Power Supply Rejection Ratio
VS = 2.2V to 12V, VCM = VO = 0.5V
90
99
dB
Minimum Operating Supply Voltage
2.1
2.2
V
VOL
Output Voltage Swing LOW
No Load
50
100
mV
ISINK = 100µA
210
410
mV
VOH
Output Voltage Swing HIGH
No Load
V+ – 0.07
V+ – 0.035
V
ISOURCE = 100µAV+ – 0.32
V+ – 0.160
V
ISC
Short-Circuit Current
(Note 5)
0.7
1.3
mA
IS
Supply Current per Amplifier
(Note 6)
1.0
1.5
µA
Reverse Supply Voltage
IS = 10µA per Amplifier
–18
V
SR
Slew Rate
AV = –1, VS = ±5V
0.4
1.0
V/ms
GBW
Gain Bandwidth Product
f = 100Hz
2.7
kHz
ELECTRICAL CHARACTERISTICS
TA = 25°C, VS = 5V, 0V; VS = 3V, 0V; VCM = VO = half supply, unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com