Electronic Components Datasheet Search
  English  ▼

X  

PE45227 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE45227
Description  75 Ohm 1.0/2.3 Plug Push-On Connector Crimp Attachment for BELDEN 735A1
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE45227 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE45227 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE45227 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE45227 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Configuration
• Push-On 1.0/2.3 Plug Connector
• 75 Ohms
• Straight Body Geometry
• BELDEN 735A1 Interface Type
• Crimp/Crimp Attachment
Features
• Max. Operating Frequency 3 GHz
• Excellent VSWR of 1.15:1
• Gold Plated Brass Contact
• Push-On connection
• Secure locking mechanism
• Performance to 3 GHz
• 500 Mating cycles
Applications
• General Purpose Test
• Custom Cable Assemblies
• Data Communications
• Video Processors
• Switching Equipment
.
Description
Pasternack’s PE45227 75 ohm 1.0/2.3 plug push-on connector with crimp/crimp attachment for BELDEN 735A1 is part of
our full line of RF components available for same-day shipping. Our 1.0/2.3 plug connector operates up to a maximum
frequency of 3 GHz and offers excellent VSWR of 1.15:1. Pasternack’s 75 Ohm DIN 1.0/2.3 connectors allow for a secure
locking push-pull connection. These 1.0/2.3 connectors have an impedance of 75 Ohms and operate to 3 GHz, making these
RF connectors an excellent choice for many data communications and audio/video applications. The small size of these 75
ohm 1.0/2.3 DIN connectors allows for a dense connector-to-connector footprint, saving valuable space in panels and other
applications requiring a high number of interconnects. The durable positive locking connectors have a mating life of up to 500
connections.
Our 75 ohm 1.0/2.3 plug connector PE45227 datasheet specifications and drawing with dimensions are shown below in
this PDF. Pasternack’s broad catalog of RF, microwave and millimeter wave connectors allows designers to configure and
customize their signal connections however they like. Whether the need is to provide an I/O for a board design, or simply
create a custom cable assembly configuration, Pasternack has the right connector for the job. Pasternack can also expertly
build your custom cable assemblies for you and ship same-day.
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
3
GHz
VSWR
1.15:1
.
Mechanical Specifications
Size
Length
1.06 in [26.92 mm]
Width/Dia.
0.307 in [7.80 mm]
.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information includ-
ing price, inventory and certifications: 75 Ohm 1.0/2.3 Plug Push-On Connector Crimp/Crimp Attachment for BELDEN
735A1 PE45227
PE45227 REV 1.0
75 Ohm 1.0/2.3 Plug Push-On Connector Crimp/
Crimp Attachment for BELDEN 735A1
RF Connectors Technical Data Sheet
PE45227


Similar Part No. - PE45227

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4522 PASTERNACK-PE4522 Datasheet
245Kb / 3P
SMB Plug Right Angle Connector Crimp - Solder Attachment For RG58
PE4522 PASTERNACK-PE4522 Datasheet
370Kb / 3P
SMB Plug Right Angle Connector Crimp/Solder Attachment
PE45222 PASTERNACK-PE45222 Datasheet
347Kb / 4P
QN Male Snap-On Connector Crimp/Solder Attachment for LMR-240, PE-C240
PE45223 PASTERNACK-PE45223 Datasheet
366Kb / 3P
QN Male Right Angle Snap-On Connector Crimp/Solder Attachment for LMR-400, PE-C400, LMR-400-DB
PE45224 PASTERNACK-PE45224 Datasheet
345Kb / 3P
QMA Male Snap-On Connector Crimp/Solder Attachment for LMR-200, PE-C200
More results

Similar Description - PE45227

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
282135-75 AMPHENOL-282135-75 Datasheet
71Kb / 1P
1.0/2.3 PUSH-PULL CRIMP PLUG (FOR BELDEN 1505A CABLE)
282137-75 AMPHENOL-282137-75 Datasheet
72Kb / 1P
1.0/2.3 PUSH-PULL CRIMP PLUG (FOR BELDEN 1694A CABLE)
282138-75 AMPHENOL-282138-75 Datasheet
73Kb / 1P
1.0/2.3 PUSH-PULL CRIMP PLUG (FOR BELDEN 1855A CABLE)
logo
Winchester Electronics ...
SD0345-E00-C9001N WINCHESTER-SD0345-E00-C9001N Datasheet
45Kb / 1P
75 OHM 1.0/2.3 PLUG FOR BELDEN 1505A CABLE (RoHS COMPLIANT)
0345-E00-C7101N WINCHESTER-0345-E00-C7101N Datasheet
106Kb / 1P
75 OHM 1.0/2.3 PLUG FOR BELDEN 1505A CABLE (ROHS COMPLIANT)
0345-E00-C7201N WINCHESTER-0345-E00-C7201N Datasheet
106Kb / 1P
DIN 1.0/2.3 75 OHM PLUG FOR BELDEN 1855A CABLE
logo
Pasternack Enterprises,...
PE45228 PASTERNACK-PE45228 Datasheet
348Kb / 3P
75 Ohm 1.0/2.3 Plug Push-On Connector Crimp Attachment for BELDEN 1855A
PE45233 PASTERNACK-PE45233 Datasheet
347Kb / 3P
75 Ohm 1.0/2.3 Plug Push-On Connector Crimp Attachment for RG179-DS
PE45234 PASTERNACK-PE45234 Datasheet
346Kb / 3P
75 Ohm 1.0/2.3 Plug Push-On Connector Crimp/Crimp Attachment for RG59
PE45235 PASTERNACK-PE45235 Datasheet
347Kb / 3P
75 Ohm 1.0/2.3 Plug Push-On Connector Crimp Attachment for RG6-CATV
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com