Electronic Components Datasheet Search
  English  ▼

X  

PE45229 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE45229
Description  75 Ohm 1.0/2.3 Jack Bulkhead Mount Push-On Connector Solder Attachment Thru Hole PCB
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE45229 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE45229 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE45229 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE45229 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Configuration
• Push-On 1.0/2.3 Jack Connector
• 75 Ohms
• Straight Body Geometry
• Thru Hole Interface Type
• Solder Attachment
• Bulkhead
Features
• Push-On connection
• Secure locking mechanism
• Performance to 4 GHz
• 500 Mating cycles
Applications
• Data Communications
• Video Processors
• Switching Equipment
.
Description
Pasternack’s 75 Ohm DIN 1.0/2.3 connectors allow for a secure locking push-pull connection. These 1.0/2.3 connectors
have an impedance of 75 Ohms and operate to 4 GHz, making these RF connectors an excellent choice for many data
communications and audio/video applications. The small size of these 75 ohm 1.0/2.3 DIN connectors allows for a dense
connector-to-connector footprint, saving valuable space in panels and other applications requiring a high number of
interconnects. The durable positive locking connectors have a mating life of up to 500 connections.
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
4
GHz
.
Mechanical Specifications
Size
Length
0.89 in [22.61 mm]
Width/Dia.
0.236 in [5.99 mm]
.
Weight
0.009 lbs [4.08 g]
.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 75 Ohm 1.0/2.3 Jack Bulkhead Mount Push-On Connector Solder Attachment Thru Hole PCB
PE45229
PE45229 REV 1.0
75 Ohm 1.0/2.3 Jack Bulkhead Mount Push-On
Connector Solder Attachment Thru Hole PCB
RF Connectors Technical Data Sheet
PE45229


Similar Part No. - PE45229

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4522 PASTERNACK-PE4522 Datasheet
245Kb / 3P
SMB Plug Right Angle Connector Crimp - Solder Attachment For RG58
PE4522 PASTERNACK-PE4522 Datasheet
370Kb / 3P
SMB Plug Right Angle Connector Crimp/Solder Attachment
PE45222 PASTERNACK-PE45222 Datasheet
347Kb / 4P
QN Male Snap-On Connector Crimp/Solder Attachment for LMR-240, PE-C240
PE45223 PASTERNACK-PE45223 Datasheet
366Kb / 3P
QN Male Right Angle Snap-On Connector Crimp/Solder Attachment for LMR-400, PE-C400, LMR-400-DB
PE45224 PASTERNACK-PE45224 Datasheet
345Kb / 3P
QMA Male Snap-On Connector Crimp/Solder Attachment for LMR-200, PE-C200
More results

Similar Description - PE45229

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
282121-75 AMPHENOL-282121-75 Datasheet
66Kb / 1P
1.0/2.3 PCB BULKHEAD RECEPTACLE - 75 OHM
logo
Pasternack Enterprises,...
PE44259 PASTERNACK-PE44259 Datasheet
212Kb / 2P
1.0-2.3 Jack Bulkhead Connector Solder Attachment Thru Hole PCB, .220 inch Diameter
PE4176 PASTERNACK-PE4176 Datasheet
816Kb / 2P
75 Ohm SMC Jack Connector Solder Attachment Thru Hole PCB
PE45147 PASTERNACK-PE45147 Datasheet
350Kb / 3P
SMC Jack Bulkhead Mount Connector Solder Attachment Thru Hole PCB
PE4176 PASTERNACK-PE4176_16 Datasheet
350Kb / 3P
75 Ohm SMC Jack Connector Solder Attachment Thru Hole PCB
PE44270 PASTERNACK-PE44270 Datasheet
211Kb / 2P
75 Ohm 1.6/5.6 Jack Bulkhead Connector Solder Attachment Thru Hole PCB, .362 inch Diameter
PE45230 PASTERNACK-PE45230 Datasheet
344Kb / 3P
75 Ohm 1.0/2.3 Jack Right Angle Bulkhead Mount Push-On Connector Solder Attachment Thru Hole PCB
PE45231 PASTERNACK-PE45231 Datasheet
343Kb / 3P
75 Ohm 1.0/2.3 Jack Bulkhead Mount Push-On Connector Solder Attachment Thru Hole PCB
PE45232 PASTERNACK-PE45232 Datasheet
347Kb / 3P
75 Ohm 1.0/2.3 Jack Bulkhead Mount Push-On Connector Solder Attachment End Launch PCB
PE45237 PASTERNACK-PE45237 Datasheet
339Kb / 3P
75 Ohm 1.0/2.3 Jack Right Angle Bulkhead Mount Push-On Connector Solder Attachment Thru Hole PCB
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com