Electronic Components Datasheet Search
  English  ▼

X  

PE45239 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE45239
Description  BNC Male Right Angle Connector Solder Attachment for PE-SR405AL, PE-SR405FL, RG405
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE45239 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE45239 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE45239 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE45239 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Configuration
• BNC Male Connector
• MIL-C-39012
• 50 Ohms
• Right Angle Body Geometry
• PE-SR405AL, PE-SR405FL, RG405 Interface Type
• Solder/Solder Attachment
Features
• Gold Plated Contact
Applications
• General Purpose Test
• Custom Cable Assemblies
.
Description
Pasternack’s PE45239 BNC male right angle connector with solder/solder attachment for PE-SR405AL, PE-SR405FL and
RG405 is part of our full line of RF components available for same-day shipping. Its right angle body geometry allows for easier
connections in tight spaces.
Our BNC male right angle connector PE45239 datasheet specifications and drawing with dimensions are shown below in
this PDF. Pasternack’s broad catalog of RF, microwave and millimeter wave connectors allows designers to configure and
customize their signal connections however they like. Whether the need is to provide an I/O for a board design, or simply
create a custom cable assembly configuration, Pasternack has the right connector for the job. Pasternack can also expertly
build your custom cable assemblies for you and ship same-day.
Mechanical Specifications
Size
Length
0.89 in [22.61 mm]
Width/Dia.
0.57 in [14.48 mm]
.
Weight
0.026 lbs [11.79 g]
.
Material Specifications
Description
Material
Plating
Contact
Gold
Insulation
Teflon
Body
Brass
Gold
MIL-G-45204
Coupling Nut
Brass
Nickel
.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including
price, inventory and certifications: BNC Male Right Angle Connector Solder Attachment for PE-SR405AL, PE-SR405FL,
RG405 PE45239
PE45239 REV 1.0
BNC Male Right Angle Connector Solder Attachment
for PE-SR405AL, PE-SR405FL, RG405
RF Connectors Technical Data Sheet
PE45239


Similar Part No. - PE45239

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4523 PASTERNACK-PE4523 Datasheet
258Kb / 3P
SMB Plug Connector Crimp - Solder Attachment For RG58
PE4523 PASTERNACK-PE4523 Datasheet
354Kb / 3P
SMB Plug Connector Crimp/Solder Attachment
PE45230 PASTERNACK-PE45230 Datasheet
344Kb / 3P
75 Ohm 1.0/2.3 Jack Right Angle Bulkhead Mount Push-On Connector Solder Attachment Thru Hole PCB
PE45231 PASTERNACK-PE45231 Datasheet
343Kb / 3P
75 Ohm 1.0/2.3 Jack Bulkhead Mount Push-On Connector Solder Attachment Thru Hole PCB
PE45232 PASTERNACK-PE45232 Datasheet
347Kb / 3P
75 Ohm 1.0/2.3 Jack Bulkhead Mount Push-On Connector Solder Attachment End Launch PCB
More results

Similar Description - PE45239

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE44215 PASTERNACK-PE44215 Datasheet
271Kb / 2P
2.4mm Male Connector Solder Attachment For PE-SR405AL, PE-SR405FL, RG405
PE44384 PASTERNACK-PE44384 Datasheet
222Kb / 3P
SSMA Male Right Angle Connector Solder Attachment For PE-SR405AL, PE-SR405FL, RG405
PE4025 PASTERNACK-PE4025 Datasheet
501Kb / 3P
SMA Male Right Angle Connector Solder Attachment For PE-SR405AL, PE-SR405FL, RG405
PE4725 PASTERNACK-PE4725 Datasheet
95Kb / 1P
REVERSE POLARITY BNC MALE SOLDER ATTACHMENT FOR RG405 PE-SR405AL & PE-SR405FL
PE4649 PASTERNACK-PE4649 Datasheet
231Kb / 3P
TNC Male Connector Solder Attachment For PE-SR405AL, PE-SR405FL, RG405
PE4988 PASTERNACK-PE4988 Datasheet
274Kb / 2P
2.92mm Male Connector Solder Attachment For PE-SR405AL, PE-SR405FL, RG405
PE4651 PASTERNACK-PE4651 Datasheet
229Kb / 3P
BNC Male Connector Solder Attachment For PE-SR405AL, PE-SR405FL, RG405
PE44495 PASTERNACK-PE44495 Datasheet
209Kb / 2P
QMA Male Connector Solder Attachment For PE-SR405AL, PE-SR405FL, RG405
PE44497 PASTERNACK-PE44497 Datasheet
372Kb / 3P
QMA Male Right Angle Connector Solder Attachment For PE-SR405AL, PE-SR405FL, RG405
PE44383 PASTERNACK-PE44383 Datasheet
226Kb / 3P
SSMA Male Connector Solder Attachment For PE-SR405AL, PE-SR405FL, RG405
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com