Electronic Components Datasheet Search
  English  ▼

X  

LTC4557 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC4557
Description  Dual SIM/Smart Card Power Supply and Interface
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4557 Datasheet(HTML) 1 Page - Linear Technology

  LTC4557 Datasheet HTML 1Page - Linear Technology LTC4557 Datasheet HTML 2Page - Linear Technology LTC4557 Datasheet HTML 3Page - Linear Technology LTC4557 Datasheet HTML 4Page - Linear Technology LTC4557 Datasheet HTML 5Page - Linear Technology LTC4557 Datasheet HTML 6Page - Linear Technology LTC4557 Datasheet HTML 7Page - Linear Technology LTC4557 Datasheet HTML 8Page - Linear Technology LTC4557 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
LTC4557
4557f
s
GSM and 3G Cellular Phones
s
Wireless P.O.S. Terminals
s
Multiple SAM Card Interface
s
Power Management and Signal Level Translators
for Two SIM Cards or Smart Cards
s
Independent 1.8V/3V VCC Control for Both Cards
s
Automatic Level Translation
s
ISO7816, ETSI and EMV Compatible
s
Dynamic Pull-Ups Deliver Fast Signal Rise Times*
s
Built-In Fault Protection Circuitry
s
Automatic Activation/Deactivation Sequencing
Circuitry
s
Low Operating/Shutdown Current
s
>10kV ESD on SIM Card Pins
s
Compatible with EMV Fault Tolerance Requirements
s
Available in 16-Lead (3mm
× 3mm) QFN Package
Dual SIM/Smart Card
Power Supply and Interface
Deactivation Sequence
, LTC and LT are registered trademarks of Linear Technology Corporation.
The LTC
®4557 provides power conversion and signal level
translation needed for 2.5G and 3G cellular telephones to
interface with 1.8V or 3V subscriber identity modules
(SIMs). The part meets all requirements for 1.8V and 3V
SIMs. The part contains LDO regulators to power 1.8V or
3V SIM cards from a 2.7V to 5.5V input. The output
voltages can be set using the two voltage selection pins
and up to 50mA of load current can be supplied.
Internal level translators allow controllers operating with
supplies as low as 1.2V to interface with 1.8V or 3V smart
cards. Battery life is maximized by a low operating current
of less than 100
µA and a shutdown current of less than
1
µA. Board area is minimized by the low profile 3mm ×
3mm
× 0.75mm leadless QFN package.
DVCC
VBATT
VBATT
3V TO 6V
DVCC
1.2V TO 4.4V
LTC4557
µCONTROLLER
VCCA
I/OA
DVCC
RSTA
CLKA
C1
C1
C5
C5
C3
C2
C7
C7
C2
C3
GND
VCCB
CLKB
RSTB
I/OB
CLKIN
0.1
µF
1
µF
1
µF
RSTIN
DATA
ENABLE
M0
M1
0.1
µF
4557 TA01
1.8V/3V
SIM
CARD
1.8V/3V
SMART
CARD
VCC
I/O
RST
CLK
GND
GND
VCC
CLK
RST
I/O
*U.S. Patent No. 6,356,140
RSTX
5V/DIV
CLKX
5V/DIV
I/OX
5V/DIV
VCCX
2V/DIV
10
µs/DIV
CVCCX = 1µF
4557 G07
FEATURES
DESCRIPTIO
APPLICATIO S
TYPICAL APPLICATIO


Similar Part No. - LTC4557

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4557 LINER-LTC4557 Datasheet
230Kb / 12P
Dual SIM/Smart Card Power Supply and Interface
LTC4557 LINER-LTC4557_15 Datasheet
230Kb / 12P
Dual SIM/Smart Card Power Supply and Interface
More results

Similar Description - LTC4557

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8020HL PHILIPS-TDA8020HL Datasheet
114Kb / 24P
Dual smart card interface
2001 Aug 15
logo
ON Semiconductor
NCN4557 ONSEMI-NCN4557 Datasheet
173Kb / 12P
1.8 V/3.0 V Dual SIM/SAM/Smart Card Power Supply and Level Shifter
June, 2006 ??Rev. 0
logo
Linear Technology
LTC4558 LINER-LTC4558 Datasheet
159Kb / 12P
Dual SIM/Smart Card Power Supply and Interface
logo
Texas Instruments
TXS4558 TI1-TXS4558 Datasheet
755Kb / 18P
Dual-SIM Card Power Supply with Level Translator and Dedicated Dual LDO
logo
Linear Technology
LTC1555L LINER-LTC1555L_15 Datasheet
142Kb / 8P
SIM Power Supply and Level Translator
LTC4557 LINER-LTC4557_15 Datasheet
230Kb / 12P
Dual SIM/Smart Card Power Supply and Interface
LTC4558 LINER-LTC4558_15 Datasheet
157Kb / 12P
Dual SIM/Smart Card Power Supply and Interface
logo
ON Semiconductor
FXLP4555 ONSEMI-FXLP4555 Datasheet
818Kb / 15P
SIM Card Power Supply and Level Shifter
May 2011 Rev. 1.0.0
logo
NXP Semiconductors
NVT4555 NXP-NVT4555 Datasheet
578Kb / 18P
SIM card interface level translator and supply voltage LDO
Rev. 2 ??24 May 2013
NVT4555 NXP-NVT4555_V01 Datasheet
304Kb / 19P
SIM card interface level translator and supply voltage LDO
Rev. 2.1 - 7 November 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com