Electronic Components Datasheet Search
  English  ▼

X  

LT1494CS8 Datasheet(PDF) 6 Page - Linear Technology

Part # LT1494CS8
Description  1.5UA Max, Single, Dual and Quad Over-The-Top Precision Rail-to-Rail Input and Output Op Amps
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1494CS8 Datasheet(HTML) 6 Page - Linear Technology

Back Button LT1494CS8 Datasheet HTML 2Page - Linear Technology LT1494CS8 Datasheet HTML 3Page - Linear Technology LT1494CS8 Datasheet HTML 4Page - Linear Technology LT1494CS8 Datasheet HTML 5Page - Linear Technology LT1494CS8 Datasheet HTML 6Page - Linear Technology LT1494CS8 Datasheet HTML 7Page - Linear Technology LT1494CS8 Datasheet HTML 8Page - Linear Technology LT1494CS8 Datasheet HTML 9Page - Linear Technology LT1494CS8 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
LT1494/LT1495/LT1496
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
q
250
675
µV
MS8 Package
q
250
775
µV
IB
Input Bias Current
q
250
1700
pA
IOS
Input Offset Current
q
20
170
pA
AVOL
Large-Signal Voltage Gain
VO = ±10V, RL = 100k
q
50
200
V/mV
Input Voltage Range
q
– 14.8
21
V
CMRR
Common Mode Rejection Ratio
VCM = –14.8V to 14V
q
96
114
dB
PSRR
Power Supply Rejection Ratio
VS = ±5V to ±15V
q
92
120
dB
VOL
Output Voltage Swing LOW
RL = 1M
q
–14.83
–14.66
V
RL = 100k
q
–14.72
–14.44
V
VOH
Output Voltage Swing HIGH
RL = 1M
q
14.74
14.87
V
RL = 100k
q
14.54
14.77
V
ISC
Short-Circuit Current
q
0.4
1.1
mA
IS
Supply Current per Amplifier
q
2.0
3.0
µA
The q denotes the specifications which apply over the temperature range of 0
°C ≤ TA ≤ 70°C, VS = ±15V, VCM = VO = 0V, unless
otherwise noted. (Note 3)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
q
225
625
µV
MS8 Package
q
225
725
µV
IB
Input Bias Current
q
250
1200
pA
IOS
Input Offset Current
q
20
120
pA
AVOL
Large-Signal Voltage Gain
VO = ±10V, RL = 100k
q
60
240
V/mV
Input Voltage Range
q
– 14.8
21
V
CMRR
Common Mode Rejection Ratio
VCM = –14.8V to 14V
q
98
120
dB
PSRR
Power Supply Rejection Ratio
VS = ±5V to ±15V
q
94
120
dB
VOL
Output Voltage Swing LOW
RL = 1M
q
–14.84
–14.67
V
RL = 100k
q
–14.73
–14.46
V
VOH
Output Voltage Swing HIGH
RL = 1M
q
14.76
14.88
V
RL = 100k
q
14.58
14.79
V
ISC
Short-Circuit Current
q
0.6
1.3
mA
IS
Supply Current per Amplifier
q
1.6
2.4
µA
The q denotes the specifications which apply over the temperature range of –40
°C ≤ TA ≤ 85°C, VS = ±15V, VCM = VO = 0V, unless
otherwise noted. (Note 3)
ELECTRICAL CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com