Electronic Components Datasheet Search
  English  ▼

X  

38C1 Datasheet(PDF) 21 Page - Mitsubishi Electric Semiconductor

Part # 38C1
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

38C1 Datasheet(HTML) 21 Page - Mitsubishi Electric Semiconductor

Back Button 38C1 Datasheet HTML 17Page - Mitsubishi Electric Semiconductor 38C1 Datasheet HTML 18Page - Mitsubishi Electric Semiconductor 38C1 Datasheet HTML 19Page - Mitsubishi Electric Semiconductor 38C1 Datasheet HTML 20Page - Mitsubishi Electric Semiconductor 38C1 Datasheet HTML 21Page - Mitsubishi Electric Semiconductor 38C1 Datasheet HTML 22Page - Mitsubishi Electric Semiconductor 38C1 Datasheet HTML 23Page - Mitsubishi Electric Semiconductor 38C1 Datasheet HTML 24Page - Mitsubishi Electric Semiconductor 38C1 Datasheet HTML 25Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 59 page
background image
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
MITSUBISHI MICROCOMPUTERS
38C1 Group
21
TIMERS
The 38C1 group has five timers: timer X, timer Y, timer 1, timer 2,
and timer 3. Timer X and timer Y are 16-bit timers, and timer 1,
timer 2, and timer 3 are 8-bit timers.
All timers are down count timers. When the timer reaches “0”, an
underflow occurs at the next count pulse and the corresponding
timer latch is reloaded into the timer and the count is continued.
When a timer underflows, the interrupt request bit corresponding
to that timer is set to “1”.
Read and write operation on 16-bit timer must be performed for
both high- and low-order bytes. When reading a 16-bit timer, read
the high-order byte first. When writing to a 16-bit timer, write the
low-order byte first. The 16-bit timer cannot perform the correct
operation when reading during the write operation, or when writing
during the read operation.
Fig. 18 Timer block diagram
"1"
P53/CNTR1
"0"
"10"
"00","01","11"
P52/CNTR0
Q
Q
T
S
P52 direction register
Pulse output mode
P52 latch
"0"
"1"
"0"
"1"
"10"
Pulse width
measurement mode
CNTR0 edge switch bit
Q
Q
T
S
"0"
P62 direction register
P62 latch
"0"
"1"
TOUT output
edge switch bit
"0"
"1"
TOUT output
control bit
"1"
P62/TOUT
f(XCIN)
"0"
"1"
TOUT output control bit
φSOURCE/16
"11"
φSOURCE/16
"1"
"0"
Count source selection bit (Note 1)
φSOURCE
φSOURCE/16
φSOURCE/16
f(XIN)/16
(Note 2)
Timer 1 count source
selection bit (Note 1)
CNTR1 active
edge switch bit
Timer Y stop
control bit
Falling edge detection
Period
measurement mode
Timer Y
interrupt
request
Pulse width HL continuously
measurement mode
Rising edge detection
Timer Y
operating
mode bits
(Note 1)
Timer X
interrupt
request
Pulse output mode
Timer X stop
control bit
Timer X write
control bit
Timer X operat-
ing mode bits
“00”,“01”,“11”
CNTR0 active
edge switch bit
Timer 2 write
control bit
Timer 3 count
source selection bit
(Note 1)
Timer 2
interrupt
request
Timer 3
interrupt
request
Timer 2 count source
selection bit
(Note 1)
Timer 1
interrupt
request
Data bus
Timer Y (low) (8)
Timer Y (high) (8)
Timer 3 latch (8)
Timer 3 (8)
Timer 1 latch (8)
Timer 1 (8)
Timer 2 latch (8)
Timer 2 (8)
Timer X (low) (8)
Timer X (high) (8)
Timer X (low) latch (8) Timer X (high) latch (8)
Timer Y (low) latch (8)Timer Y (high) latch (8)
Timer Y operating mode bits
“00”,“01”,“10”
CNTR0
interrupt
request
CNTR1
interrupt
request
φSOURCE: represents the supply source of internal clock φ. It is the oscillation frequency of XIN input
in the middle- and high-speed mode, built-in ring oscillator in the ring oscillator mode,
and sub-clock in the low-speed mode.
Notes 1: Internal clock in the low-speed mode is the sub-clock oscillation/2.
Internal clock in the ring oscillator mode is the internal ring oscillator oscillation/8.
Except CNTR input, timer 1 and timer 3 count sources, the clock except system clock cannot
be used as the count source.
2:
φSOURCE can be selected as the timer X count source only in the pulse output mode.
Write “0” to the count source selection bit except in the pulse output mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com