Electronic Components Datasheet Search
  English  ▼

X  

PE45253 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE45253
Description  MMBX Plug Snap-On Connector Solder/Non-Solder Contact Attachment for RG405, PE-SR405FL, PE-SR405FLJ, with male center contact
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE45253 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE45253 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE45253 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE45253 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE45253 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
Configuration
• Snap-On MMBX Plug Connector
• 50 Ohms
• Straight Body Geometry
• RG405, PE-SR405FL, PE-SR405FLJ Interface Type
• Solder/Non-Solder Contact Attachment
Features
• Max. Operating Frequency 12.4 GHz
• Excellent VSWR of 1.22:1
• Gold Plated Beryllium Copper Contact
• Blind Mate Connector
• Reliable Snap-On connection method
• Small circuit footprint for high density applications
• Mechanical misalignment tolerance of 4.5°/0.7mm Max
Applications
• General Purpose Test
• Custom Cable Assemblies
• Low cost blind mate interconnect
• Multi circuit board radios
• Board to board applications
requiring multiple coaxial
connections
.
Description
Pasternack’s PE45253 MMBX plug snap-on connector solder/non-solder contact attachment for RG405, PE-SR405FL, PE-
SR405FLJ is part of our full line of RF components available for same-day shipping. Our MMBX plug connector operates up
to a maximum frequency of 12.4 GHz and offers excellent VSWR of 1.22:1. The Pasternack blind mate connector is ideal for
applications where direct visual or tactile access to the connection point is not possible, for example, when two circuit boards
need to be mated.
Our MMBX plug connector PE45253 datasheet specifications and drawing with dimensions are shown below in this PDF.
Pasternack’s broad catalog of RF, microwave and millimeter wave connectors allows designers to configure and customize
their signal connections however they like. Whether the need is to provide an I/O for a board design, or simply create a custom
cable assembly configuration, Pasternack has the right connector for the job. Pasternack can also expertly build your custom
cable connector assemblies for you and ship same-day.
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
12.4
GHz
VSWR
1.22:1
Insertion Loss
0.42
dB
Operating Voltage (DC)
250
Vdc
Dielectric Withstanding Voltage (DC)
750
Vdc
Insulation Resistance
1,000
MOhms
.
Electrical Specification Notes:
MMBX Plug has a male center contact
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: MMBX Plug Snap-On Connector Solder/Non-Solder Contact Attachment for RG405, PE-SR-
405FL, PE-SR405FLJ, with male center contact PE45253
PE45253 REV 1.0
MMBX Plug Snap-On Connector Solder/Non-
Solder Contact Attachment for RG405, PE-SR405FL,
PE-SR405FLJ, with male center contact
RF Connectors Technical Data Sheet
PE45253


Similar Part No. - PE45253

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4525 PASTERNACK-PE4525 Datasheet
219Kb / 3P
SMA Male Connector Solder Attachment Thru Hole PCB, .200 inch x .067 inch Hole Spacing
PE4525 PASTERNACK-PE4525 Datasheet
347Kb / 3P
SMA Male Connector Solder Attachment
PE45250 PASTERNACK-PE45250 Datasheet
375Kb / 4P
MMBX Plug Snap-On Connector Crimp/Solder Attachment for RG178, RG196, With Male Center Contact
PE45251 PASTERNACK-PE45251 Datasheet
372Kb / 4P
MMBX Plug Snap-On Connector Crimp/Solder Attachment for RG316, RG174, With Male Center Contact
PE45252 PASTERNACK-PE45252 Datasheet
378Kb / 4P
MMBX Plug Snap-On Connector Crimp/Solder Attachment for RG316-DS, RG188-DS, with male center contact
More results

Similar Description - PE45253

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE44382 PASTERNACK-PE44382 Datasheet
292Kb / 2P
SSMA Male Connector Solder (Without Contact) Attachment For PE-SR405AL, PE-SR405FL, RG405
PE44700 PASTERNACK-PE44700 Datasheet
859Kb / 2P
N Male Precision Connector Solder Attachment For PE-SR405AL, PE-SR405FL, PE-SR405FLJ, RG405
PE44708 PASTERNACK-PE44708 Datasheet
281Kb / 2P
TNC Male Precision Connector Solder Attachment For PE-SR405AL, PE-SR405FL, PE-SR405FLJ, RG405
PE4845 PASTERNACK-PE4845 Datasheet
270Kb / 2P
D-Sub Plug Contact Solder Attachment For PE-SR405AL, PE-SR405FL, RG405
PE45119 PASTERNACK-PE45119 Datasheet
343Kb / 3P
SMB Male Push-On Connector Solder Attachment for RG405, PE-SR405FL, PE-SR405FLJ
PE45135 PASTERNACK-PE45135 Datasheet
378Kb / 3P
SMA Male Connector Solder Attachment for RG405, PE-SR405FL, PE-SR405FLJ
PE45257 PASTERNACK-PE45257 Datasheet
392Kb / 4P
MMBX Plug Right Angle Snap-On Connector Solder Attachment for RG405, PE-SR405FL, PE-SR405FLJ, with male center contact
PE45310 PASTERNACK-PE45310 Datasheet
388Kb / 4P
BMA Plug Bulkhead Mount Slide-On Connector Solder Non-Solder Contact Attachment for RG405, PE-SR405AL, PE-SR405FL, PE-SR405FLJ, Gold Plated
PE45311 PASTERNACK-PE45311 Datasheet
386Kb / 4P
BMA Plug Bulkhead Mount Slide-On Connector Solder Non-Solder Contact Attachment for RG405, PE-SR405AL, PE-SR405FL, PE-SR405FLJ, PE-SR405TN
PE45322 PASTERNACK-PE45322 Datasheet
433Kb / 5P
BMA Jack Slide-On Connector Solder/Non-Solder Contact Attachment 2 Hole Flange Mount for RG405, PE-SR405AL, PE-SR405FL, PE-SR405FLJ
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com