Electronic Components Datasheet Search
  English  ▼

X  

PE45255 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE45255
Description  MMBX Plug Right Angle Snap-On Connector Crimp/Solder Attachment for RG316, RG174, with male center contact
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE45255 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE45255 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE45255 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE45255 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE45255 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
Configuration
• Snap-On MMBX Plug Connector
• 50 Ohms
• Right Angle Body Geometry
• RG316, RG174 Interface Type
• Crimp/Solder Attachment
Features
• Max. Operating Frequency 3 GHz
• Excellent VSWR of 1.17:1
• Gold Plated Beryllium Copper Contact
• Blind Mate Connector
• Reliable Snap-On connection method
• Small circuit footprint for high density applications
• Mechanical misalignment tolerance of 4.5°/0.7mm Max
Applications
• General Purpose Test
• Custom Cable Assemblies
• Low cost blind mate interconnect
• Multi circuit board radios
• Board to board applications
requiring multiple coaxial
connections
.
Description
Pasternack’s PE45255 MMBX plug right angle snap-on connector crimp/solder attachment for RG316, RG174 is part of our
full line of RF components available for same-day shipping. Our MMBX plug connector operates up to a maximum frequency
of 3 GHz and offers excellent VSWR of 1.17:1. Its right angle body geometry allows for easier connections in tight spaces. The
Pasternack blind mate connector is ideal for applications where direct visual or tactile access to the connection point is not
possible, for example, when two circuit boards need to be mated.
Our MMBX plug right angle connector PE45255 datasheet specifications and drawing with dimensions are shown below in
this PDF. Pasternack’s broad catalog of RF, microwave and millimeter wave connectors allows designers to configure and
customize their signal connections however they like. Whether the need is to provide an I/O for a board design, or simply
create a custom cable assembly configuration, Pasternack has the right connector for the job. Pasternack can also expertly
build your custom cable connector assemblies for you and ship same-day.
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
3
GHz
VSWR
1.17:1
Insertion Loss
0.31
dB
Operating Voltage (DC)
250
Vdc
Dielectric Withstanding Voltage (DC)
750
Vdc
Insulation Resistance
1,000
MOhms
.
Electrical Specification Notes:
MMBX Plug has a male center contact
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: MMBX Plug Right Angle Snap-On Connector Crimp/Solder Attachment for RG316, RG174,
with male center contact PE45255
PE45255 REV 1.0
MMBX Plug Right Angle Snap-On Connector Crimp/Solder
Attachment for RG316, RG174, with male center contact
RF Connectors Technical Data Sheet
PE45255


Similar Part No. - PE45255

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4525 PASTERNACK-PE4525 Datasheet
219Kb / 3P
SMA Male Connector Solder Attachment Thru Hole PCB, .200 inch x .067 inch Hole Spacing
PE4525 PASTERNACK-PE4525 Datasheet
347Kb / 3P
SMA Male Connector Solder Attachment
PE45250 PASTERNACK-PE45250 Datasheet
375Kb / 4P
MMBX Plug Snap-On Connector Crimp/Solder Attachment for RG178, RG196, With Male Center Contact
PE45251 PASTERNACK-PE45251 Datasheet
372Kb / 4P
MMBX Plug Snap-On Connector Crimp/Solder Attachment for RG316, RG174, With Male Center Contact
PE45252 PASTERNACK-PE45252 Datasheet
378Kb / 4P
MMBX Plug Snap-On Connector Crimp/Solder Attachment for RG316-DS, RG188-DS, with male center contact
More results

Similar Description - PE45255

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4009 PASTERNACK-PE4009 Datasheet
284Kb / 3P
SMA Male Right Angle Connector Crimp/Solder Attachment For RG316, RG174, RG188
PE4393 PASTERNACK-PE4393 Datasheet
300Kb / 2P
BNC Male Right Angle Connector Crimp/Solder Attachment For RG174, RG316, RG188
PE44378 PASTERNACK-PE44378 Datasheet
214Kb / 3P
SSMA Male Right Angle Connector Crimp - Solder Attachment For RG174, RG316, RG188
PE45250 PASTERNACK-PE45250 Datasheet
375Kb / 4P
MMBX Plug Snap-On Connector Crimp/Solder Attachment for RG178, RG196, With Male Center Contact
PE45251 PASTERNACK-PE45251 Datasheet
372Kb / 4P
MMBX Plug Snap-On Connector Crimp/Solder Attachment for RG316, RG174, With Male Center Contact
PE45252 PASTERNACK-PE45252 Datasheet
378Kb / 4P
MMBX Plug Snap-On Connector Crimp/Solder Attachment for RG316-DS, RG188-DS, with male center contact
PE45253 PASTERNACK-PE45253 Datasheet
390Kb / 4P
MMBX Plug Snap-On Connector Solder/Non-Solder Contact Attachment for RG405, PE-SR405FL, PE-SR405FLJ, with male center contact
PE45254 PASTERNACK-PE45254 Datasheet
393Kb / 4P
MMBX Plug Right Angle Snap-On Connector Crimp/Solder Attachment for RG178, RG196, with male center contact
PE45256 PASTERNACK-PE45256 Datasheet
394Kb / 4P
MMBX Plug Right Angle Snap-On Connector Crimp/Solder Attachment for RG316-DS, RG188-DS, with male center contact
PE45257 PASTERNACK-PE45257 Datasheet
392Kb / 4P
MMBX Plug Right Angle Snap-On Connector Solder Attachment for RG405, PE-SR405FL, PE-SR405FLJ, with male center contact
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com