Electronic Components Datasheet Search
  English  ▼

X  

HAL411 Datasheet(PDF) 7 Page - Micronas

Part # HAL411
Description  Linear Hall-Effect Sensor IC
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

HAL411 Datasheet(HTML) 7 Page - Micronas

Back Button HAL411 Datasheet HTML 3Page - Micronas HAL411 Datasheet HTML 4Page - Micronas HAL411 Datasheet HTML 5Page - Micronas HAL411 Datasheet HTML 6Page - Micronas HAL411 Datasheet HTML 7Page - Micronas HAL411 Datasheet HTML 8Page - Micronas HAL411 Datasheet HTML 9Page - Micronas HAL411 Datasheet HTML 10Page - Micronas HAL411 Datasheet HTML 11Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
HAL411
DATA SHEET
7
Micronas
3.2. Dimensions of Sensitive Area
0.37 mm x 0.17 mm
3.3. Positions of Sensitive Areas
SOT-89B
y
0.95 mm nominal
3.4. Absolute Maximum Ratings
Stresses beyond those listed in the “Absolute Maximum Ratings” may cause permanent damage to the device. This
is a stress rating only. Functional operation of the device at these conditions is not implied. Exposure to absolute maxi-
mum rating conditions for extended periods will affect device reliability.
This device contains circuitry to protect the inputs and outputs against damage due to high static voltages or electric
fields; however, it is advised that normal precautions be taken to avoid application of any voltage higher than absolute
maximum-rated voltages to this circuit.
All voltages listed are referenced to ground (GND).
Symbol
Parameter
Pin No.
Min.
Max.
Unit
VDD
Supply Voltage
1
–12
12
V
VO
Output Voltage
2, 3
–0.3
12
V
IO
Continuous Output Current
2, 3
–5
5
mA
TJ
Junction Temperature Range
–40
170
°C
TA
Ambient Temperature
at VDD = 5 V
at VDD = 12 V
–
–
150
125
°C
°C
3.4.1. Storage and Shelf Life
The permissible storage time (shelf life) of the sensors is unlimited, provided the sensors are stored at a maximum of
30
°C and a maximum of 85% relative humidity. At these conditions, no Dry Pack is required.
Solderability is guaranteed for one year from the date code on the package.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com