Electronic Components Datasheet Search
  English  ▼

X  

HAL1503 Datasheet(PDF) 2 Page - Micronas

Part # HAL1503
Description  First ISO 26262 Compliant Low-Power Hall Switch
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

HAL1503 Datasheet(HTML) 2 Page - Micronas

  HAL1503 Datasheet HTML 1Page - Micronas HAL1503 Datasheet HTML 2Page - Micronas  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PRODUCT INFORMATION
HAL 15xy
April/2016
All information and data contained in this product information are without any commitment, are not to be consid-
ered as an offer for conclusion of a contract, nor shall they be construed as to create any liability. Product or
development sample availability and delivery are exclusively subject to our respective order confirmation form. By
this publication, Micronas GmbH does not assume responsibility for patent infringements or other rights of third
parties which may result from its use.
Micronas GmbH
Hans-Bunte-Strasse 19D-79108 Freiburg (Germany)P.O. Box 840D-79008 Freiburg (Germany)
Tel. +49-761-517-0
Fax +49-761-517-2174E-mail: docservice@micronas.comwww.micronas.com
No part of this publication may be reproduced, photo-
copied, stored on a retrieval system, or transmitted
without the express written consent of Micronas GmbH.
Edition April 27, 2016; Order No. PI000148_004EN
Major Applications
Our new switch family HAL 15xy is the
optimal system solution for key applications
such as:
◆ Position detection e.g. for seat belt and
gear shift
◆ Index counting e.g. for window lift
◆ Brushless DC motor commutation e.g.
for pumps and fans
System Architecture
HAL 15xy sensors are monolithic integrated
circuits which switch in response to mag-
netic fields. If a magnetic field with flux lines
perpendicular to the sensitive area is
applied to the sensor, the biased Hall plate
forces a Hall voltage proportional to this
field. The Hall voltage is compared with the
actual threshold level in the comparator. If
the magnetic field exceeds the threshold
levels, the output stage (open drain output
for 3-wire devices or current source for
2-wire devices) is switched to the appropri-
ate state.
The built-in hysteresis eliminates oscillation
and provides switching behavior of the out-
put without toggling. Magnetic offset caused
by mechanical stress is compensated by
using the “switching offset compensation
technique”.
The device is able to withstand a maximum
supply voltage of 24 V for unlimited time
and features overvoltage capability up to
40 V load dump.
Fig. 1: Block diagram of the HAL 15xy
Reverse
Voltage &
ESD
Protection
Temperature
Dependent
Bias
Switch Point
&
Hysteresis
Control
Hall Plate
Filter
Comparator
VSUP
Overtemperature
Functional
Safety
Features
GND
OUT
Protection
Current
Source
(2-wire
version)
Output
(3-wire
version)
Available Types and Behavior
Version
Type
Switching
Behavior
Switching Points (typ.)
BON [mT]
BOFF [mT]
Temp.
Coefficient
[ppm/K]
2-Wire
ISUPlow
[mA]
Pre-
decessor
3-wire
HAL 1501 bipolar
0.4
0.4
0
HAL 501
HAL 1502 latching
2.5
2.5
1000
HAL 502
HAL 202
HAL 1503 unipolar
5.5
3.7
1000
HAL 506
HAL 1506 unipolar
18.9
17.3
1200
HAL 508
HAL 1507 unipolar
28.2
23.9
300
HAL 509
HAL 1508 unipolar
5.5
3.7
1000
HAL 549
HAL 1509 unipolar inverted 3.7
5.5
1000
HAL 516
2-wire
HAL 1562 latching
12
12
0
5 to 7
HAL 579
HAL 1563 unipolar inverted 7.6
9.4
0
5 to 7
HAL 584
HAL 1564 unipolar inverted 4.1
6
1000
2 to 5
HAL 566
HAL 1565 unipolar
64.1
1000
2 to 5
HAL 556
HAL 1566 unipolar
9.4
7.6
0
5 to 7
HAL 574



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com