Electronic Components Datasheet Search
  English  ▼

X  

PE45261 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE45261
Description  MMBX Jack Push-On Connector Solder Attachment Edge Launch PCB, with female center contact
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE45261 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE45261 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE45261 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE45261 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE45261 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
Configuration
• Push-On MMBX Jack Connector
• 50 Ohms
• Straight Body Geometry
• Edge Launch Interface Type
• Solder Attachment
Features
• Max. Operating Frequency 12.4 GHz
• Excellent VSWR of 1.06:1
• Gold Plated Brass Contact
• Blind Mate Connector
• Reliable Push-On connection method
• Small circuit footprint for high density applications
• Mechanical misalignment tolerance of 4.5°/0.7mm Max
Applications
• General Purpose Test
• PCB Applications
• Low cost blind mate interconnect
• Multi circuit board radios
• Board to board applications
requiring multiple coaxial
connections
.
Description
Pasternack’s PE45261 MMBX jack push-on connector solder attachment edge launch pcb is part of our full line of RF
components available for same-day shipping. Our MMBX jack connector operates up to a maximum frequency of 12.4 GHz
and offers excellent VSWR of 1.06:1. The Pasternack blind mate connector is ideal for applications where direct visual or
tactile access to the connection point is not possible, for example, when two circuit boards need to be mated.
Our MMBX jack connector PE45261 datasheet specifications and drawing with dimensions are shown below in this PDF.
Pasternack’s broad catalog of RF, microwave and millimeter wave connectors allows designers to configure and customize
their signal connections however they like. Whether the need is to provide an I/O for a board design, or simply create a custom
cable assembly configuration, Pasternack has the right connector for the job. Pasternack can also expertly build your custom
cable connector assemblies for you and ship same-day.
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
12.4
GHz
VSWR
1.06:1
Insertion Loss
0.12
dB
Operating Voltage (DC)
330
Vdc
Dielectric Withstanding Voltage (DC)
1,000
Vdc
Insulation Resistance
1,000
MOhms
.
Electrical Specification Notes:
MMBX Jack has a female center contact
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: MMBX Jack Push-On Connector Solder Attachment Edge Launch PCB, with female center
contact PE45261
PE45261 REV 1.0
MMBX Jack Push-On Connector Solder Attachment
Edge Launch PCB, with female center contact
RF Connectors Technical Data Sheet
PE45261


Similar Part No. - PE45261

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4526 PASTERNACK-PE4526 Datasheet
212Kb / 3P
SMA Male Right Angle Connector Solder Attachment Thru Hole PCB, .200 inch x .067 inch Hole Spacing
PE4526 PASTERNACK-PE4526 Datasheet
317Kb / 3P
SMA Male Right Angle Connector Solder Attachment
PE45262TR1 PASTERNACK-PE45262TR1 Datasheet
599Kb / 6P
MMBX Jack Snap-On Connector Solder Attachment Surface Mount PCB, With Female Center Contact
PE45262TR750 PASTERNACK-PE45262TR750 Datasheet
546Kb / 5P
MMBX Jack Snap-On Connector Solder Attachment Surface Mount PCB, With Female Center Contact, 1 Reel Contains 750 pieces
PE45265TR1 PASTERNACK-PE45265TR1 Datasheet
366Kb / 3P
MMBX Jack Snap-On Connector Solder Attachment Through Hole PCB, With Female Center Contact and 0.382??Diameter Funnel
More results

Similar Description - PE45261

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE44661 PASTERNACK-PE44661 Datasheet
228Kb / 3P
MCX Jack Connector Solder Attachment End Launch PCB
PE45232 PASTERNACK-PE45232 Datasheet
347Kb / 3P
75 Ohm 1.0/2.3 Jack Bulkhead Mount Push-On Connector Solder Attachment End Launch PCB
PE45259TR1 PASTERNACK-PE45259TR1 Datasheet
601Kb / 6P
MMBX Plug Slide-On Connector Solder Attachment Surface Mount PCB, With Male Center Contact
PE45262TR1 PASTERNACK-PE45262TR1 Datasheet
599Kb / 6P
MMBX Jack Snap-On Connector Solder Attachment Surface Mount PCB, With Female Center Contact
PE45262TR750 PASTERNACK-PE45262TR750 Datasheet
546Kb / 5P
MMBX Jack Snap-On Connector Solder Attachment Surface Mount PCB, With Female Center Contact, 1 Reel Contains 750 pieces
PE45265TR1 PASTERNACK-PE45265TR1 Datasheet
366Kb / 3P
MMBX Jack Snap-On Connector Solder Attachment Through Hole PCB, With Female Center Contact and 0.382??Diameter Funnel
PE45267 PASTERNACK-PE45267 Datasheet
354Kb / 4P
MMBX Jack Snap-On Connector Solder Attachment Thread-In Mount Pin Terminal, With Female Center Contact
PE91362 PASTERNACK-PE91362 Datasheet
355Kb / 4P
SMA Male to MMBX Jack Push-On Adapter, with female center contact
PE91363 PASTERNACK-PE91363 Datasheet
355Kb / 4P
SMA Female to MMBX Jack Push-On Adapter, with female center contact
PE91364 PASTERNACK-PE91364 Datasheet
526Kb / 5P
Push-On SMP Female to MMBX Plug Snap-On Adapter, with male center contact
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com