Electronic Components Datasheet Search
  English  ▼

X  

PE45282 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE45282
Description  SMA Male Right Angle Connector Solder Attachment for PE-047SR, PE-SR047AL, PE-SR047FL
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE45282 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE45282 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE45282 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE45282 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Configuration
• SMA Male Connector
• 50 Ohms
• Right Angle Body Geometry
• PE-047SR, PE-SR047AL, PE-SR047FL Interface Type
• Solder/Solder Attachment
• 5/16 in. Hex
Features
• Max. Operating Frequency 10 GHz
• Good VSWR of 1.5:1
• Gold Plated Brass Contact
• Contact plating according to MIL-G-45204, Class 1
Applications
• General Purpose Test
• Custom Cable Assemblies
.
Description
Pasternack’s PE45282 SMA male right angle connector with solder/solder attachment for PE-047SR, PE-SR047AL and PE-
SR047FL is part of our full line of RF components available for same-day shipping. Our SMA male connector operates up to
a maximum frequency of 10 GHz and offers good VSWR of 1.5:1. Its right angle body geometry allows for easier connections
in tight spaces.
Our SMA male right angle connector PE45282 datasheet specifications and drawing with dimensions are shown below in
this PDF. Pasternack’s broad catalog of RF, microwave and millimeter wave connectors allows designers to configure and
customize their signal connections however they like. Whether the need is to provide an I/O for a board design, or simply
create a custom cable assembly configuration, Pasternack has the right connector for the job. Pasternack can also expertly
build your custom cable assemblies for you and ship same-day.
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
10
GHz
VSWR
1.5:1
Operating Voltage (AC)
170
Vrms
Dielectric Withstanding Voltage (AC)
500
Vrms
Insulation Resistance
5,000
MOhms
.
Mechanical Specifications
Size
Length
0.61 in [15.49 mm]
Width/Dia.
0.312 in [7.92 mm]
Height
0.416 in [10.57 mm]
.
Weight
0.011 lbs [4.99 g]
.
Mating Torque
5 in-lbs 0.57 Nm
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMA Male Right Angle Connector Solder Attachment for PE-047SR, PE-SR047AL, PE-SR-
047FL PE45282
PE45282 REV 1.0
SMA Male Right Angle Connector Solder Attachment
for PE-047SR, PE-SR047AL, PE-SR047FL
RF Connectors Technical Data Sheet
PE45282


Similar Part No. - PE45282

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4528 PASTERNACK-PE4528 Datasheet
215Kb / 2P
SMA Female Bulkhead Hermetically Sealed Connector Solder Attachment Stub Terminal, .235 inch D Hole
PE4528 PASTERNACK-PE4528 Datasheet
803Kb / 3P
SMA Female Bulkhead Mount Hermetically Sealed Connector Solder Attachment
PE45283 PASTERNACK-PE45283 Datasheet
358Kb / 3P
RP TNC Male Connector Crimp/Crimp Attachment for LMR-200, PE-C200
PE45284 PASTERNACK-PE45284 Datasheet
381Kb / 3P
QMA Male Right Angle Connector Crimp/Solder Attachment for RG174, RG316, RG188
PE45285 PASTERNACK-PE45285 Datasheet
369Kb / 4P
SMP Female Push-On Connector Solder Attachment for RG405, PE-SR405AL, PE-SR405FL, PE-SR405FLJ, Up To 8 GHz
More results

Similar Description - PE45282

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE44441 PASTERNACK-PE44441 Datasheet
251Kb / 2P
SSMA Male Connector Solder Attachment For PE-047SR, PE-SR047AL, PE-SR047FL
PE44421 PASTERNACK-PE44421 Datasheet
270Kb / 3P
SSMA Male Right Angle Connector Solder Attachment For PE-047SR, PE-SR047AL, PE-SR047FL
PE4410 PASTERNACK-PE4410 Datasheet
221Kb / 3P
SMA Male Right Angle Connector Solder Attachment For PE-047SR, PE-SR047AL, PE-SR047FL
PE4974 PASTERNACK-PE4974 Datasheet
228Kb / 3P
BNC Male Connector Solder Attachment For PE-047SR, PE-SR047AL, PE-SR047FL
PE4975 PASTERNACK-PE4975 Datasheet
219Kb / 3P
TNC Male Connector Solder Attachment For PE-047SR, PE-SR047AL, PE-SR047FL
PE44457 PASTERNACK-PE44457 Datasheet
206Kb / 2P
MMCX Plug Right Angle Connector Solder Attachment For PE-047SR, PE-SR047AL, PE-SR047FL
PE4404 PASTERNACK-PE4404 Datasheet
384Kb / 3P
SMA Male Connector Solder Attachment For PE - 047SR, PE-SR047AL, PE-SR047FL
PE4418 PASTERNACK-PE4418 Datasheet
413Kb / 3P
SMA Female Connector Solder Attachment for PE-047SR, PE-SR047AL, PE-SR047FL
PE44757 PASTERNACK-PE44757 Datasheet
373Kb / 3P
SMA Male Connector Solder Attachment for PE-047SR, PE-SR047AL, PE-SR047FL
PE45385 PASTERNACK-PE45385 Datasheet
367Kb / 5P
SSMC Plug Right Angle Connector Solder Attachment for PE-047SR, PE-SR047AL, PE-SR047FL
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com