Electronic Components Datasheet Search
  English  ▼

X  

PE45285 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE45285
Description  SMP Female Push-On Connector Solder Attachment for RG405, PE-SR405AL, PE-SR405FL, PE-SR405FLJ, Up To 8 GHz
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE45285 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE45285 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE45285 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE45285 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE45285 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
Configuration
• Push-On SMP Female Connector
• MIL-STD-348A
• 50 Ohms
• Straight Body Geometry
• RG405, PE-SR405AL, PE-SR405FL, PE-SR405FLJ
Interface Type
• Solder/Solder Attachment
Features
• Max. Operating Frequency 8 GHz
• Excellent VSWR of 1.15:1
• Gold Plated Beryllium Copper Contact
• Contact plating according to MIL-DTL-45204
• Blind Mate Connector
Applications
• General Purpose Test
• Custom Cable Assemblies
.
Description
Pasternack’s PE45285 SMP female push-on connector with solder/solder attachment for RG405, PE-SR405AL, PE-SR405FL
and PE-SR405FLJ is part of our full line of RF components available for same-day shipping. Our SMP female connector
operates up to a maximum frequency of 8 GHz and offers excellent VSWR of 1.15:1. The Pasternack blind mate connector is
ideal for applications where direct visual or tactile access to the connection point is not possible, for example, when two circuit
boards need to be mated.
Our SMP female connector PE45285 datasheet specifications and drawing with dimensions are shown below in this PDF.
Pasternack’s broad catalog of RF, microwave and millimeter wave connectors allows designers to configure and customize
their signal connections however they like. Whether the need is to provide an I/O for a board design, or simply create a
custom cable assembly configuration, Pasternack has the right connector for the job. Pasternack can also expertly build your
custom cable assemblies for you and ship same-day. Pasternack 8 GHz SMP connectors are designed to offer a low cost
alternative where the SMP form factor is desired but the standard SMP frequency range is not needed. The line of 8 GHz SMP
connectors is fully compatible with industry standard SMP and GPO® connectors. These SMP connectors offer a low cost
high performance blind-mate solution for lower frequency applications. The Male versions of the 8 GHz SMP is available in
Full Detent, Limited Detent, and Smooth Bore versions.
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
8
GHz
VSWR
1.15:1
.
Mechanical Specifications
Size
Length
0.25 in [6.35 mm]
Width/Dia.
0.157 in [3.99 mm]
.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMP Female Push-On Connector Solder Attachment for RG405, PE-SR405AL, PE-SR405FL,
PE-SR405FLJ, Up To 8 GHz PE45285
PE45285 REV 1.0
SMP Female Push-On Connector Solder Attachment for RG405,
PE-SR405AL, PE-SR405FL, PE-SR405FLJ, Up To 8 GHz
RF Connectors Technical Data Sheet
PE45285


Similar Part No. - PE45285

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4528 PASTERNACK-PE4528 Datasheet
215Kb / 2P
SMA Female Bulkhead Hermetically Sealed Connector Solder Attachment Stub Terminal, .235 inch D Hole
PE4528 PASTERNACK-PE4528 Datasheet
803Kb / 3P
SMA Female Bulkhead Mount Hermetically Sealed Connector Solder Attachment
PE45282 PASTERNACK-PE45282 Datasheet
681Kb / 3P
SMA Male Right Angle Connector Solder Attachment for PE-047SR, PE-SR047AL, PE-SR047FL
PE45283 PASTERNACK-PE45283 Datasheet
358Kb / 3P
RP TNC Male Connector Crimp/Crimp Attachment for LMR-200, PE-C200
PE45284 PASTERNACK-PE45284 Datasheet
381Kb / 3P
QMA Male Right Angle Connector Crimp/Solder Attachment for RG174, RG316, RG188
More results

Similar Description - PE45285

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE44272 PASTERNACK-PE44272 Datasheet
218Kb / 2P
SMP Female Connector Solder Attachment For PE-SR405AL,PE-SR405FL RG405, 18 GHz Version
PE44770 PASTERNACK-PE44770 Datasheet
271Kb / 3P
SMP Female Connector Solder Attachment For RG405, PE-SR405AL, PE-SR405FL, PE-SR405FLJ, Up To 8 GHz
PE44772 PASTERNACK-PE44772 Datasheet
269Kb / 3P
SMP Female Right Angle Connector Solder Attachment For RG405, PE-SR405AL, PE-SR405FL, PE-SR405FLJ, Up To 8 GHz
PE44704 PASTERNACK-PE44704 Datasheet
847Kb / 2P
N Female Precision Connector Solder Attachment For PE-SR405AL, PE-SR405FL, PE-SR405FLJ, RG405
PE44786 PASTERNACK-PE44786 Datasheet
479Kb / 2P
SMP Female Precision Connector Solder Attachment For PE-SR405AL, PE-SR405FL, PE-SR405FLJ, RG405/U
PE44694 PASTERNACK-PE44694 Datasheet
871Kb / 2P
SMA Female Precision Connector Solder Attachment For PE-SR405AL, PE-SR405FL, PE-SR405FLJ, RG405
PE44712 PASTERNACK-PE44712 Datasheet
875Kb / 2P
TNC Female Precision Connector Solder Attachment For PE-SR405AL, PE-SR405FL, PE-SR405FLJ, RG405
PE44216 PASTERNACK-PE44216 Datasheet
376Kb / 3P
2.4mm Female Connector Clamp/Solder Attachment for PE-SR405AL, PE-SR405FL, PE-SR405FLJ, PE-SR405TN, RG405
PE44228 PASTERNACK-PE44228 Datasheet
330Kb / 3P
2.92mm Female Connector Clamp/Solder Attachment for PE-SR405AL, PE-SR405FL, PE-SR405FLJ, PE-SR405TN, RG405
PE45248 PASTERNACK-PE45248 Datasheet
369Kb / 4P
SMP Female Right Angle Connector Solder Attachment for RG405, PE-SR405AL, PE-SR405FL, PE-SR405FLJ, Up To 8 GHz
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com