Electronic Components Datasheet Search
  English  ▼

X  

PE45290 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE45290
Description  SMP Female Right Angle Connector Crimp/Crimp Attachment for RG178, RG196, Up To 8 GHz
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE45290 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE45290 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE45290 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE45290 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE45290 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
Configuration
• SMP Female Connector
• MIL-STD-348A
• 50 Ohms
• Right Angle Body Geometry
• RG178, RG196 Interface Type
• Crimp/Crimp Attachment
Features
• Max. Operating Frequency 8 GHz
• Excellent VSWR of 1.1:1
• Gold Plated Beryllium Copper Contact
• Contact plating according to MIL-DTL-45204
• Blind Mate Connector
Applications
• General Purpose Test
• Custom Cable Assemblies
.
Description
Pasternack’s PE45290 SMP female right angle connector with crimp/crimp attachment for RG178 and RG196 is part of our full
line of RF components available for same-day shipping. Our SMP female connector operates up to a maximum frequency of
8 GHz and offers excellent VSWR of 1.1:1. The Pasternack blind mate connector is ideal for applications where direct visual
or tactile access to the connection point is not possible, for example, when two circuit boards need to be mated. Its right angle
body geometry allows for easier connections in tight spaces.
Our SMP female right angle connector PE45290 datasheet specifications and drawing with dimensions are shown below in
this PDF. Pasternack’s broad catalog of RF, microwave and millimeter wave connectors allows designers to configure and
customize their signal connections however they like. Whether the need is to provide an I/O for a board design, or simply
create a custom cable assembly configuration, Pasternack has the right connector for the job. Pasternack can also expertly
build your custom cable assemblies for you and ship same-day. Pasternack 8 GHz SMP connectors are designed to offer a low
cost alternative where the SMP form factor is desired but the standard SMP frequency range is not needed. The line of 8 GHz
SMP connectors is fully compatible with industry standard SMP and GPO® connectors. These SMP connectors offer a low
cost high performance blind-mate solution for lower frequency applications. The Male versions of the 8 GHz SMP is available
in Full Detent, Limited Detent, and Smooth Bore versions.
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
8
GHz
VSWR
1.1:1
.
Mechanical Specifications
Size
Length
0.34 in [8.64 mm]
Width/Dia.
0.15 in [3.81 mm]
Height
0.285 in [7.24 mm]
.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMP Female Right Angle Connector Crimp/Crimp Attachment for RG178, RG196, Up To
8 GHz PE45290
PE45290 REV 1.0
SMP Female Right Angle Connector Crimp/Crimp
Attachment for RG178, RG196, Up To 8 GHz
RF Connectors Technical Data Sheet
PE45290


Similar Part No. - PE45290

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4529 PASTERNACK-PE4529 Datasheet
299Kb / 3P
SMA Female Bulkhead Connector Solder Attachment Solder Cup Terminal, .235 inch D Hole, .093 inch Max Panel
PE4529 PASTERNACK-PE4529 Datasheet
319Kb / 3P
SMA Female Bulkhead Mount Connector Solder Attachment
PE45292 PASTERNACK-PE45292 Datasheet
416Kb / 3P
SMA Female Bulkhead Mount Connector Crimp/Solder Attachment for RG178, RG196, .235 inch D Hole
PE45295 PASTERNACK-PE45295 Datasheet
413Kb / 4P
4.3-10 Male Low PIM Push-On Connector Clamp/Solder Attachment for RG213, RG8, RG225, RG214, RG393, IP67 Rated
PE45296 PASTERNACK-PE45296 Datasheet
415Kb / 4P
4.3-10 Male Low PIM Connector Clamp/Solder Attachment for RG213, RG8, RG225, RG214, RG393, IP67 Rated
More results

Similar Description - PE45290

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4325 PASTERNACK-PE4325 Datasheet
283Kb / 2P
SMA Female Connector Crimp/Solder Attachment For RG178, RG196
PE4554 PASTERNACK-PE4554 Datasheet
286Kb / 3P
MCX Plug Right Angle Connector Crimp/ Solder Attachment For RG178, RG196
PE4159 PASTERNACK-PE4159 Datasheet
282Kb / 2P
SMB Plug Right Angle Connector Crimp/ Solder Attachment For RG178, RG196
PE4160 PASTERNACK-PE4160 Datasheet
282Kb / 2P
SMC Plug Right Angle Connector Crimp/ Solder Attachment For RG178, RG196
PE44774 PASTERNACK-PE44774 Datasheet
277Kb / 3P
SMP Female Right Angle Connector Crimp/Crimp Attachment For RG178B, RG196A, Up To 8 GHz
PE44655 PASTERNACK-PE44655 Datasheet
284Kb / 3P
SMP Female Connector Solder Attachment For RG178, RG196
PE44914 PASTERNACK-PE44914 Datasheet
376Kb / 3P
SMP Female Right Angle Connector Solder Attachment for RG178, RG196
PE44380 PASTERNACK-PE44380 Datasheet
227Kb / 3P
SSMA Male Right Angle Connector Crimp - Solder Attachment For RG178, RG196
PE44362 PASTERNACK-PE44362 Datasheet
217Kb / 2P
10-32 Female Connector Crimp - Solder Attachment For RG178, RG196
PE45381 PASTERNACK-PE45381 Datasheet
379Kb / 5P
SSMC Plug Right Angle Connector Crimp Solder Attachment for RG178, RG196
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com