Electronic Components Datasheet Search
  English  ▼

X  

PE45295 Datasheet(PDF) 3 Page - Pasternack Enterprises, Inc.

Part # PE45295
Description  4.3-10 Male Low PIM Push-On Connector Clamp/Solder Attachment for RG213, RG8, RG225, RG214, RG393, IP67 Rated
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE45295 Datasheet(HTML) 3 Page - Pasternack Enterprises, Inc.

  PE45295 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE45295 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE45295 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE45295 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
Compliance Certifications (see product page for current document)
Plotted and Other Data
Notes:
4.3-10 Male Low PIM Push-On Connector Clamp/Solder Attachment for RG213, RG8, RG225, RG214, RG393, IP67 Rated
from Pasternack Enterprises has same day shipment for domestic and International orders. Our RF, microwave and millimeter
wave products maintain a 99.4% availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 4.3-10 Male Low PIM Push-On Connector Clamp/Solder Attachment for RG213, RG8, RG225,
RG214, RG393, IP67 Rated PE45295
URL: https://www.pasternack.com/4.3-10-male-rg213-rg8-rg225-rg214-rg393-connector-pe45295-p.aspx
PE45295 REV 1.1
RF Connectors Technical Data Sheet
PE45295
4.3-10 Male Low PIM Push-On Connector Clamp/Solder
Attachment for RG213, RG8, RG225, RG214, RG393, IP67 Rated



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com