Electronic Components Datasheet Search
  English  ▼

X  

PE45299 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE45299
Description  4.3-10 Male Low PIM Connector Solder Attachment for PE-1/2SFHC, IP67 Rated
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE45299 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE45299 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE45299 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE45299 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE45299 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
Configuration
• 4.3-10 Male Connector
• Straight Body Geometry
• PE-1/2SFHC Interface Type
• Solder/Solder Attachment
• 22 mm Hex
• Low PIM Design
Features
• Max. Operating Frequency 6 GHz
• Excellent VSWR of 1.15:1
• PIM levels lower than -166 dBc
• Silver Plated Brass Contact
• IP 67 (Mated)
• Low Coupling Torque
• Corrosion Resistant Tri-Metal Finish
• Low-PIM rating of -166 dBc
Applications
• General Purpose Test
• Wireless Communications
• Custom Cable Assemblies
• Low PIM Applications
• Mobile Communications Systems
• Base Stations
• Distributed Antenna Systems
(DAS)
• Small Cells
• Feeder Cables
.
Description
Pasternack’s PE45299 4.3-10 male connector with solder/solder attachment for PE-1/2SFHC is part of our full line of RF
components available for same-day shipping. Our 4.3-10 male connector operates up to a maximum frequency of 6 GHz and
offers excellent VSWR of 1.15:1. The 4.3-10 male connector also has low passive intermodulation of -166 dBc. The connector
has an IP67 rating to protect against dust and temporary moisture protection under immersion conditions.
Our 4.3-10 male connector PE45299 datasheet specifications and drawing with dimensions are shown below in this PDF.
Pasternack’s broad catalog of RF, microwave and millimeter wave connectors allows designers to configure and customize
their signal connections however they like. Whether the need is to provide an I/O for a board design, or simply create a custom
cable assembly configuration, Pasternack has the right connector for the job. Pasternack can also expertly build your custom
cable assemblies for you and ship same-day.
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
6
GHz
VSWR
1.15:1
Insertion Loss
0.13
dB
Passive Intermodulation
-166
dBc
Operating Voltage (AC)
1,000
Vrms
Dielectric Withstanding Voltage (AC)
2,500
Vrms
Insulation Resistance
5,000
MOhms
.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 4.3-10 Male Low PIM Connector Solder Attachment for PE-1/2SFHC, IP67 Rated PE45299
PE45299 REV 1.0
4.3-10 Male Low PIM Connector Solder
Attachment for PE-1/2SFHC, IP67 Rated
RF Connectors Technical Data Sheet
PE45299


Similar Part No. - PE45299

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4529 PASTERNACK-PE4529 Datasheet
299Kb / 3P
SMA Female Bulkhead Connector Solder Attachment Solder Cup Terminal, .235 inch D Hole, .093 inch Max Panel
PE4529 PASTERNACK-PE4529 Datasheet
319Kb / 3P
SMA Female Bulkhead Mount Connector Solder Attachment
PE45290 PASTERNACK-PE45290 Datasheet
388Kb / 4P
SMP Female Right Angle Connector Crimp/Crimp Attachment for RG178, RG196, Up To 8 GHz
PE45292 PASTERNACK-PE45292 Datasheet
416Kb / 3P
SMA Female Bulkhead Mount Connector Crimp/Solder Attachment for RG178, RG196, .235 inch D Hole
PE45295 PASTERNACK-PE45295 Datasheet
413Kb / 4P
4.3-10 Male Low PIM Push-On Connector Clamp/Solder Attachment for RG213, RG8, RG225, RG214, RG393, IP67 Rated
More results

Similar Description - PE45299

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE44729 PASTERNACK-PE44729 Datasheet
255Kb / 3P
N Male Low PIM Connector Clamp/Non-Solder Contact Attachment For 1/2??Superflexible, PE-1/2SFHC
PE45295 PASTERNACK-PE45295 Datasheet
413Kb / 4P
4.3-10 Male Low PIM Push-On Connector Clamp/Solder Attachment for RG213, RG8, RG225, RG214, RG393, IP67 Rated
PE45296 PASTERNACK-PE45296 Datasheet
415Kb / 4P
4.3-10 Male Low PIM Connector Clamp/Solder Attachment for RG213, RG8, RG225, RG214, RG393, IP67 Rated
PE45297 PASTERNACK-PE45297 Datasheet
392Kb / 4P
4.3-10 Male Low PIM Push-On Connector Solder Attachment for PE-1/4SFHC, IP67 Rated
PE45298 PASTERNACK-PE45298 Datasheet
393Kb / 4P
4.3-10 Male Low PIM Connector Solder Attachment for PE-1/4SFHC, IP67 Rated
PE45300 PASTERNACK-PE45300 Datasheet
393Kb / 4P
4.3-10 Male Low PIM Push-On Connector Solder Attachment for PE-1/2SFHC, IP67 Rated
PE45301 PASTERNACK-PE45301 Datasheet
387Kb / 4P
4.3-10 Male Low PIM Push-On Connector Solder Attachment for RG402, PE-SR402AL, PE-SR402FL, PE-SR402FLJ, IP67 Rated
PE45302 PASTERNACK-PE45302 Datasheet
394Kb / 4P
4.3-10 Male Right Angle Low PIM Connector Solder Attachment for PE-1/2SFHC, IP67 Rated
PE45303 PASTERNACK-PE45303 Datasheet
390Kb / 4P
4.3-10 Male Right Angle Low PIM Push-On Connector Solder Attachment for RG402, PE-SR402AL, PE-PESR402FL, PE-SR402FLJ, IP67 Rated
PE45304 PASTERNACK-PE45304 Datasheet
383Kb / 4P
4.3-10 Female Low PIM Connector Solder Attachment 4 Hole Flange Mount for RG402, PE-SR402AL, PE-SR402FL, PE-SR402FLJ, IP67 Rated
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com