Electronic Components Datasheet Search
  English  ▼

X  

PE45303 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE45303
Description  4.3-10 Male Right Angle Low PIM Push-On Connector Solder Attachment for RG402, PE-SR402AL, PE-PESR402FL, PE-SR402FLJ, IP67 Rated
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE45303 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE45303 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE45303 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE45303 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE45303 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
Configuration
• Push-On4.3-10 Male Connector
• Right Angle Body Geometry
• RG402, PE-SR402AL, PE-SR402FL, PE-SR402FLJ
Interface Type
• Solder/Solder Attachment
• Low PIM Design
Features
• Max. Operating Frequency 6 GHz
• Excellent VSWR of 1.2:1
• PIM levels lower than -166 dBc
• Silver Plated Brass Contact
• IP 67 (Mated)
• Low Coupling Torque
• Corrosion Resistant Tri-Metal Finish
• Low-PIM rating of -166 dBc
Applications
• General Purpose Test
• Wireless Communications
• Custom Cable Assemblies
• Low PIM Applications
• Mobile Communications Systems
• Base Stations
• Distributed Antenna Systems
(DAS)
• Small Cells
• Feeder Cables
.
Description
Pasternack’s PE45303 4.3-10 male push-on right angle connector with solder/solder attachment for RG402, PE-SR402AL,
PE-SR402FL and PE-SR402FLJ is part of our full line of RF components available for same-day shipping. Our 4.3-10 male
connector operates up to a maximum frequency of 6 GHz and offers excellent VSWR of 1.2:1. The 4.3-10 male connector also
has low passive intermodulation of -166 dBc. Its right angle body geometry allows for easier connections in tight spaces. The
connector has an IP67 rating to protect against dust and temporary moisture protection under immersion conditions.
Our 4.3-10 male right angle connector PE45303 datasheet specifications and drawing with dimensions are shown below in
this PDF. Pasternack’s broad catalog of RF, microwave and millimeter wave connectors allows designers to configure and
customize their signal connections however they like. Whether the need is to provide an I/O for a board design, or simply
create a custom cable assembly configuration, Pasternack has the right connector for the job. Pasternack can also expertly
build your custom cable assemblies for you and ship same-day.
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
6
GHz
VSWR
1.2:1
Insertion Loss
0.13
dB
Passive Intermodulation
-166
dBc
Operating Voltage (AC)
850
Vrms
Dielectric Withstanding Voltage (AC)
1,500
Vrms
Insulation Resistance
5,000
MOhms
.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 4.3-10 Male Right Angle Low PIM Push-On Connector Solder Attachment for RG402, PE-
SR402AL, PE-SR402FL, PE-SR402FLJ, IP67 Rated PE45303
PE45303 REV 1.0
4.3-10 Male Right Angle Low PIM Push-On Connector
Solder Attachment for RG402, PE-SR402AL, PE-
SR402FL, PE-SR402FLJ, IP67 Rated
RF Connectors Technical Data Sheet
PE45303


Similar Part No. - PE45303

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4530 PASTERNACK-PE4530 Datasheet
383Kb / 3P
SMA Female Bulkhead Mount Hermetically Sealed Connector Solder Attachment Stub Terminal, .250 inch Diameter Front Mount IP 67 Rated
PE4530 PASTERNACK-PE4530 Datasheet
680Kb / 3P
SMA Female Bulkhead Mount Hermetically Sealed Connector Solder Attachment
PE45300 PASTERNACK-PE45300 Datasheet
393Kb / 4P
4.3-10 Male Low PIM Push-On Connector Solder Attachment for PE-1/2SFHC, IP67 Rated
PE45301 PASTERNACK-PE45301 Datasheet
387Kb / 4P
4.3-10 Male Low PIM Push-On Connector Solder Attachment for RG402, PE-SR402AL, PE-SR402FL, PE-SR402FLJ, IP67 Rated
PE45302 PASTERNACK-PE45302 Datasheet
394Kb / 4P
4.3-10 Male Right Angle Low PIM Connector Solder Attachment for PE-1/2SFHC, IP67 Rated
More results

Similar Description - PE45303

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE44691 PASTERNACK-PE44691 Datasheet
267Kb / 2P
SMA Male Precision Connector Solder Attachment For PE-SR402AL, PE-SR402FL, PE-SR402FLJ, RG402
PE44693 PASTERNACK-PE44693 Datasheet
844Kb / 3P
SMA Male Right Angle Precision Connector Solder Attachment For PE-SR402AL, PE-SR402FL, PE-SR402FLJ, RG402
PE44701 PASTERNACK-PE44701 Datasheet
858Kb / 2P
N Male Precision Connector Solder Attachment For PE-SR402AL, PE-SR402FL, PE-SR402FLJ, RG402
PE44703 PASTERNACK-PE44703 Datasheet
853Kb / 3P
N Male Right Angle Precision Connector Solder Attachment For PE-SR402AL, PE-SR402FL, PE-SR402FLJ, RG402
PE44709 PASTERNACK-PE44709 Datasheet
875Kb / 2P
TNC Male Precision Connector Solder Attachment For PE-SR402AL, PE-SR402FL, PE-SR402FLJ, RG402
PE44711 PASTERNACK-PE44711 Datasheet
852Kb / 3P
TNC Male Right Angle Precision Connector Solder Attachment For PE-SR402AL, PE-SR402FL, PE-SR402FLJ, RG402
PE45297 PASTERNACK-PE45297 Datasheet
392Kb / 4P
4.3-10 Male Low PIM Push-On Connector Solder Attachment for PE-1/4SFHC, IP67 Rated
PE45300 PASTERNACK-PE45300 Datasheet
393Kb / 4P
4.3-10 Male Low PIM Push-On Connector Solder Attachment for PE-1/2SFHC, IP67 Rated
PE45301 PASTERNACK-PE45301 Datasheet
387Kb / 4P
4.3-10 Male Low PIM Push-On Connector Solder Attachment for RG402, PE-SR402AL, PE-SR402FL, PE-SR402FLJ, IP67 Rated
PE45304 PASTERNACK-PE45304 Datasheet
383Kb / 4P
4.3-10 Female Low PIM Connector Solder Attachment 4 Hole Flange Mount for RG402, PE-SR402AL, PE-SR402FL, PE-SR402FLJ, IP67 Rated
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com