Electronic Components Datasheet Search
  English  ▼

X  

PE45307 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE45307
Description  HN Male Right Angle Connector Clamp Solder Attachment for RG14, RG217
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE45307 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE45307 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE45307 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE45307 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Configuration
• HN Male Connector
• MIL-STD-348A
• 50 Ohms
• Right Angle Body Geometry
• RG14, RG217 Interface Type
• Clamp/Solder Attachment
Features
• Max. Operating Frequency 4 GHz
• Good VSWR of 1.5:1
• Gold Plated Brass Contact
• Contact plating according to MIL-STD-45204
Applications
• General Purpose Test
• Custom Cable Assemblies
.
Description
Pasternack’s PE45307 HN male right angle connector with clamp/solder attachment for RG14 and RG217 is part of our full
line of RF components available for same-day shipping. Our HN male connector operates up to a maximum frequency of 4
GHz and offers good VSWR of 1.5:1. Its right angle body geometry allows for easier connections in tight spaces.
Our HN male right angle connector PE45307 datasheet specifications and drawing with dimensions are shown below in
this PDF. Pasternack’s broad catalog of RF, microwave and millimeter wave connectors allows designers to configure and
customize their signal connections however they like. Whether the need is to provide an I/O for a board design, or simply
create a custom cable assembly configuration, Pasternack has the right connector for the job. Pasternack can also expertly
build your custom cable assemblies for you and ship same-day.
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
4
GHz
VSWR
1.5:1
Operating Voltage (AC)
1,500
Vrms
Dielectric Withstanding Voltage (AC)
5,000
Vrms
.
Mechanical Specifications
Size
Length
2 in [50.8 mm]
Width/Dia.
0.9 in [22.86 mm]
Height
1.46 in [37.08 mm]
.
Weight
0.244 lbs [110.68 g]
.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: HN Male Right Angle Connector Clamp/Solder Attachment for RG14, RG217 PE45307
PE45307 REV 1.0
HN Male Right Angle Connector Clamp/
Solder Attachment for RG14, RG217
RF Connectors Technical Data Sheet
PE45307


Similar Part No. - PE45307

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4530 PASTERNACK-PE4530 Datasheet
383Kb / 3P
SMA Female Bulkhead Mount Hermetically Sealed Connector Solder Attachment Stub Terminal, .250 inch Diameter Front Mount IP 67 Rated
PE4530 PASTERNACK-PE4530 Datasheet
680Kb / 3P
SMA Female Bulkhead Mount Hermetically Sealed Connector Solder Attachment
PE45300 PASTERNACK-PE45300 Datasheet
393Kb / 4P
4.3-10 Male Low PIM Push-On Connector Solder Attachment for PE-1/2SFHC, IP67 Rated
PE45301 PASTERNACK-PE45301 Datasheet
387Kb / 4P
4.3-10 Male Low PIM Push-On Connector Solder Attachment for RG402, PE-SR402AL, PE-SR402FL, PE-SR402FLJ, IP67 Rated
PE45302 PASTERNACK-PE45302 Datasheet
394Kb / 4P
4.3-10 Male Right Angle Low PIM Connector Solder Attachment for PE-1/2SFHC, IP67 Rated
More results

Similar Description - PE45307

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4563 PASTERNACK-PE4563 Datasheet
215Kb / 2P
LC Male Connector Clamp/Solder Attachment For RG14, RG217
PE4951 PASTERNACK-PE4951 Datasheet
270Kb / 3P
C Male Connector Clamp/Solder Attachment For RG14, RG217
PE44276 PASTERNACK-PE44276 Datasheet
229Kb / 2P
7/16 DIN Male Connector Clamp/Solder Attachment For RG14, RG217
PE4976 PASTERNACK-PE4976 Datasheet
232Kb / 2P
SC Male Connector Clamp/Solder Attachment For RG14, RG217
PE4475 PASTERNACK-PE4475 Datasheet
312Kb / 2P
HN Male Connector Clamp-Solder Attachment For RG14, RG217
PE4963 PASTERNACK-PE4963 Datasheet
220Kb / 2P
C Female Connector Clamp-Solder Attachment For RG14, RG217
PE44448 PASTERNACK-PE44448 Datasheet
234Kb / 3P
LC Male Right Angle Connector Clamp - Solder Attachment For RG14, RG217
PE44592 PASTERNACK-PE44592 Datasheet
247Kb / 3P
HN Male Right Angle Connector Clamp - Solder Attachment For RG14, RG217
PE4221 PASTERNACK-PE4221 Datasheet
223Kb / 3P
N Male Connector Clamp - Solder Attachment For RG14, RG217
PE44282 PASTERNACK-PE44282 Datasheet
215Kb / 2P
7/16 DIN Male Right Angle Connector Clamp/ Solder Attachment For RG14, RG217
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com