Electronic Components Datasheet Search
  English  ▼

X  

PE45314 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE45314
Description  BMA Plug Bulkhead Mount Slide-On Connector Solder Non-Solder Contact Attachment for RG402, PE-SR402AL PE-SR402FL, PE-SR402FLJ, PE-SR402TN
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE45314 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE45314 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE45314 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE45314 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE45314 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
Mechanical Specifications
Size
Length
0.7 in [17.78 mm]
Width/Dia.
0.315 in [8.00 mm]
.
Weight
0.006 lbs [2.72 g]
.
Mating Cycles
500 Cycles
Material Specifications
Description
Material
Plating
Contact
Bronze
Gold
51.18µ in. minimum
Insulation
PTFE
Outer Conductor
Brass
Tri-Metal
78.74µ in. minimum
Body
Brass
Tri-Metal
78.74µ in. minimum
Washer
Brass
Tri-Metal
.
Environmental Specifications
Temperature
Operating Range
-65 to +125 deg C
PE45314 REV 1.0
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: BMA Plug Bulkhead Mount Slide-On Connector Solder/Non-Solder Contact Attachment for
RG402, PE-SR402AL, PE-SR402FL, PE-SR402FLJ, PE-SR402TN PE45314
RF Connectors Technical Data Sheet
PE45314
BMA Plug Bulkhead Mount Slide-On Connector Solder/
Non-Solder Contact Attachment for RG402, PE-SR402AL,
PE-SR402FL, PE-SR402FLJ, PE-SR402TN



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com