Electronic Components Datasheet Search
  English  ▼

X  

NJM2701D Datasheet(PDF) 9 Page - New Japan Radio

Part # NJM2701D
Description  3D SURROUND AUDIO PROCESSOR
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM2701D Datasheet(HTML) 9 Page - New Japan Radio

Back Button NJM2701D Datasheet HTML 3Page - New Japan Radio NJM2701D Datasheet HTML 4Page - New Japan Radio NJM2701D Datasheet HTML 5Page - New Japan Radio NJM2701D Datasheet HTML 6Page - New Japan Radio NJM2701D Datasheet HTML 7Page - New Japan Radio NJM2701D Datasheet HTML 8Page - New Japan Radio NJM2701D Datasheet HTML 9Page - New Japan Radio NJM2701D Datasheet HTML 10Page - New Japan Radio NJM2701D Datasheet HTML 11Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
NJM2701
-9 -
s
s
s
sTYPICAL CHARACTERISTICS
-120
-115
-110
-105
-100
-95
-90
-60
-40
-20
0
20
40
60
80
100
Output Noise vs Ambient Temperature
V+=12V Vin=GND Vout=Lch
Ambient Temperature [degrees]
MONO
STEREO
BYPASS
-120
-115
-110
-105
-100
-95
-90
-60
-40
-20
0
20
40
60
80
100
Output Noise vs Ambient Temperature
V+=12V Vin=GND Vout=Rch
Ambient Temperature [degrees]
MONO
STEREO
BYPASS
0.0001
0.001
0.01
0.1
1
10
-50
-40
-30
-20
-10
0
10
20
30
Total Harmonic Distortion vs Input Voltage
(BYPASS)
V+=12V f=100Hz RL=47Kohm
Rg=25ohm BW=10 to 80KHz
Input Voltage [dBV]
Ta=85deg
Ta=25deg
Ta=-40deg
0.0001
0.001
0.01
0.1
1
10
-50
-40
-30
-20
-10
0
10
20
30
Total Harmonic Distortion vs Input Voltage
(BYPASS)
V+=12V f=1KHz RL=47Kohm
Rg=25ohm BW=10 to 80KHz
Input Voltage [dBV]
Ta=85deg
Ta=25deg
Ta=-40deg
0.01
0.1
1
10
-50-40
-30-20
-10
0
10
Total Harmonic Distortion vs Input Voltage
(STEREO)
V+=12V f=100Hz RL=47Kohm
Rg=25ohm BW=10 to 80KHz
Input Voltage [dBV]
Ta=-40deg
Ta=25deg
Ta=85deg
0.01
0.1
1
10
-50
-40
-30
-20
-10
0
10
Total Harmonic Distortion vs Input Voltage
(STEREO)
V+=12V f=1KHz RL=47Kohm
Rg=25ohm BW=10 to 80KHz
Input Voltage [dBV]
Ta=-40deg
Ta=25deg
Ta=85deg



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com