Electronic Components Datasheet Search
  English  ▼

X  

MM74HC253N Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # MM74HC253N
Description  Dual 4-Channel TRI-STATE Multiplexer
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

MM74HC253N Datasheet(HTML) 1 Page - National Semiconductor (TI)

  MM74HC253N Datasheet HTML 1Page - National Semiconductor (TI) MM74HC253N Datasheet HTML 2Page - National Semiconductor (TI) MM74HC253N Datasheet HTML 3Page - National Semiconductor (TI) MM74HC253N Datasheet HTML 4Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
TLF5108
January 1988
MM54HC253MM74HC253
Dual 4-Channel TRI-STATE
Multiplexer
General Description
The MM54HC253MM74HC253 utilizes advanced silicon-
gate CMOS technology to achieve the low power consump-
tion and high noise immunity of standard CMOS integrated
circuits along with the capability to drive 10 LS-TTL loads
The large output drive and TRI-STATE features of this de-
vice make it ideally suited for interfacing with bus lines in
bus organized systems When the output control input is
taken high the multiplexer outputs are sent into a high im-
pedance state
When the output control is held low the associated multi-
plexer chooses the correct output channel for the given in-
put signals determined by the select A and B inputs
The 54HC74HC logic family is functionally and pinout com-
patible with the standard 54LS74LS logic family All inputs
are protected from damage due to static discharge by inter-
nal diode clamps to VCC and ground
Features
Y
Typical propagation delay 24 ns
Y
Wide power supply range 2V – 6V
Y
Low quiescent current 80 mA maximum (74HC Series)
Y
Low input current 1 mA maximum
Y
Fanout of 10 LS-TTL loads
Connection Diagram
Dual-In-Line Package
TLF5108 – 1
Order Number MM54HC253 or MM74HC253
Truth Table
Select
Data Inputs
Output
Output
Inputs
Control
B
A
C0
C1
C2
C3
G
Y
X
X
XXXX
H
Z
L
L
L
XXX
L
L
L
L
H
XXX
L
H
L
H
XLX
X
L
L
L
H
XHX
X
L
H
H
L
X
XLX
L
L
H
L
X
XHX
L
H
H
H
XXX
L
L
L
H
H
XXX
H
L
H
Select inputs A and B are common to both sections
H e high level L e low level X e irrelevant Z e high impedance (off)
TRI-STATE
is a registered trademark of National Semiconductor Corp
C1995 National Semiconductor Corporation
RRD-B30M105Printed in U S A


Similar Part No. - MM74HC253N

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MM74HC251 FAIRCHILD-MM74HC251 Datasheet
74Kb / 7P
8-Channel 3-STATE Multiplexer
MM74HC251M FAIRCHILD-MM74HC251M Datasheet
74Kb / 7P
8-Channel 3-STATE Multiplexer
MM74HC251MTC FAIRCHILD-MM74HC251MTC Datasheet
74Kb / 7P
8-Channel 3-STATE Multiplexer
MM74HC251N FAIRCHILD-MM74HC251N Datasheet
74Kb / 7P
8-Channel 3-STATE Multiplexer
MM74HC251SJ FAIRCHILD-MM74HC251SJ Datasheet
74Kb / 7P
8-Channel 3-STATE Multiplexer
More results

Similar Description - MM74HC253N

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54AC253 NSC-54AC253 Datasheet
153Kb / 8P
Dual 4-Input Multiplexer with TRI-STATE Outputs
54F253DM NSC-54F253DM Datasheet
168Kb / 8P
Dual 4-Input Multiplexer with TRI-STATE Outputs
logo
STMicroelectronics
M54HC153 STMICROELECTRONICS-M54HC153 Datasheet
260Kb / 12P
HC253 DUAL 4 CHANNEL MULTIPLEXER 3 STATE OUTPUT HC153 DUAL 4 CHANNEL MULTIPLEXER
Jan-1993
logo
Texas Instruments
CD74AC253 TI-CD74AC253 Datasheet
37Kb / 7P
Dual 4-Input Multiplexer, Three-State
logo
National Semiconductor ...
DM74LS353 NSC-DM74LS353 Datasheet
106Kb / 6P
Dual 4-Input Multiplexer with TRI-STATE-R Outputs
MM54HCT253 NSC-MM54HCT253 Datasheet
100Kb / 4P
Dual 4-Channel TRI-STATE-R Multiplexer
MM54HCT251 NSC-MM54HCT251 Datasheet
99Kb / 4P
8-Channel TRI-STATE-R Multiplexer
logo
Toshiba Semiconductor
TC74HC153AP TOSHIBA-TC74HC153AP_07 Datasheet
370Kb / 10P
Dual 4-Channel Multiplexer with 3-State Output
logo
STMicroelectronics
M74HC253 STMICROELECTRONICS-M74HC253 Datasheet
355Kb / 11P
DUAL 4 CHANNEL MULTIPLEXER 3 STATE OUTPUT
Jul-2001
logo
Texas Instruments
54AC253 TI1-54AC253 Datasheet
198Kb / 10P
Dual 4-Input Multiplexer with TRI-STATE Outputs
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com