Electronic Components Datasheet Search
  English  ▼

X  

PE45320 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE45320
Description  BMA Jack Snap-On Connector Crimp/Solder Attachment for RG142, RG223, RG400, RG55
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE45320 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE45320 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE45320 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE45320 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE45320 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE45320 Datasheet HTML 5Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
Configuration
• Snap-On BMA Jack Connector
• 50 Ohms
• Straight Body Geometry
• RG142, RG223, RG400, RG55 Interface Type
• Crimp/Solder Attachment
Features
• Max. Operating Frequency 12.4 GHz
• Good VSWR of 1.28:1
• Gold Plated Beryllium Copper Contact
• 51.18µ in. minimum contact plating
• Blind Mate Connector
• Low-Engagement Force
• Radial and Axial Float Versions
Applications
• General Purpose Test
• Custom Cable Assemblies
• Blind Mating
• Rack and Panel
• Phased Array Systems
• Base Stations
• RF Backplanes
• Test I/O
.
Description
Pasternack’s PE45320 BMA jack snap-on connector with crimp/solder attachment for RG142, RG223, RG400 and RG55 is
part of our full line of RF components available for same-day shipping. Our BMA jack connector operates up to a maximum
frequency of 12.4 GHz and offers good VSWR of 1.28:1. The Pasternack blind mate connector is ideal for applications where
direct visual or tactile access to the connection point is not possible, for example, when two circuit boards need to be mated.
Our BMA jack connector PE45320 datasheet specifications and drawing with dimensions are shown below in this PDF.
Pasternack’s broad catalog of RF, microwave and millimeter wave connectors allows designers to configure and customize
their signal connections however they like. Whether the need is to provide an I/O for a board design, or simply create a custom
cable assembly configuration, Pasternack has the right connector for the job. Pasternack can also expertly build your custom
cable assemblies for you and ship same-day.
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
12.4
GHz
VSWR
1.28:1
Insertion Loss
0.1
dB
Operating Voltage (AC)
350
Vrms
Dielectric Withstanding Voltage (AC)
1,000
Vrms
Insulation Resistance
5,000
MOhms
.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including
price, inventory and certifications: BMA Jack Snap-On Connector Crimp/Solder Attachment for RG142, RG223, RG400,
RG55 PE45320
PE45320 REV 1.0
BMA Jack Snap-On Connector Crimp/Solder
Attachment for RG142, RG223, RG400, RG55
RF Connectors Technical Data Sheet
PE45320


Similar Part No. - PE45320

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4532 PASTERNACK-PE4532 Datasheet
212Kb / 2P
SMA Female Bulkhead Hermetically Sealed Connector Solder Attachment Stub Terminal, .250 inch Diameter
PE4532 PASTERNACK-PE4532 Datasheet
344Kb / 3P
SMA Female Bulkhead Mount Hermetically Sealed Connector Solder Attachment
PE45321 PASTERNACK-PE45321 Datasheet
466Kb / 5P
BMA Jack Slide-On Connector Crimp/Solder Attachment 2 Hole Flange Mount for RG316, RG188, RG174, LMR-100A, PE-C100-LSZH
PE45322 PASTERNACK-PE45322 Datasheet
433Kb / 5P
BMA Jack Slide-On Connector Solder/Non-Solder Contact Attachment 2 Hole Flange Mount for RG405, PE-SR405AL, PE-SR405FL, PE-SR405FLJ
PE45323 PASTERNACK-PE45323 Datasheet
391Kb / 4P
BMA Jack Bulkhead Mount Slide-On Connector Solder Attachment for RG405, PE-SR405AL, PE-SR405FL, PE-SR405FLJ
More results

Similar Description - PE45320

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE44147 PASTERNACK-PE44147 Datasheet
86Kb / 1P
FME JACK CRIMP ATTACHMENT FOR RG55 RG142 RG223 &RG400
PE4412 PASTERNACK-PE4412 Datasheet
241Kb / 2P
SMA Female Connector Crimp/solder Attachment For RG55,RG142,RG223,RG400
PE4477 PASTERNACK-PE4477 Datasheet
229Kb / 3P
HN Male Connector Crimp/Solder Attachment For RG55, RG142, RG223, RG400
PE44047 PASTERNACK-PE44047 Datasheet
223Kb / 3P
SMC Jack Bulkhead Connector Crimp/Solder Attachment For RG55, RG142, RG223, RG400
PE44242 PASTERNACK-PE44242 Datasheet
87Kb / 1P
1.0/2.3 SNAP ON PLUG CRIMP ATTACHMENT FOR RG55,RG142,RG223&RG400
PE4881 PASTERNACK-PE4881 Datasheet
251Kb / 2P
MCX Plug Connector Crimp/Solder Attachment For RG55, RG142, RG223, RG400
PE44788 PASTERNACK-PE44788 Datasheet
224Kb / 3P
N Male Connector Crimp-Solder Attachment For RG223, RG142, RG400, RG55
PE44048 PASTERNACK-PE44048 Datasheet
250Kb / 2P
SMB Jack Bulkhead Connector Crimp - Solder Attachment For RG55, RG142, RG223, RG400
PE45318 PASTERNACK-PE45318 Datasheet
394Kb / 4P
BMA Plug Bulkhead Mount Slide-On Connector Crimp Solder Attachment for RG142, RG223, RG400, RG55
PE45396 PASTERNACK-PE45396 Datasheet
360Kb / 3P
SMC Plug Connector Crimp/Solder Attachment for RG55, RG142, RG223, RG400
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com