Electronic Components Datasheet Search
  English  ▼

X  

NJW1137 Datasheet(PDF) 21 Page - New Japan Radio

Part # NJW1137
Description  AUDIO PROCESSOR with SOUND ENHANCEMENT
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJW1137 Datasheet(HTML) 21 Page - New Japan Radio

Back Button NJW1137 Datasheet HTML 16Page - New Japan Radio NJW1137 Datasheet HTML 17Page - New Japan Radio NJW1137 Datasheet HTML 18Page - New Japan Radio NJW1137 Datasheet HTML 19Page - New Japan Radio NJW1137 Datasheet HTML 20Page - New Japan Radio NJW1137 Datasheet HTML 21Page - New Japan Radio NJW1137 Datasheet HTML 22Page - New Japan Radio NJW1137 Datasheet HTML 23Page - New Japan Radio NJW1137 Datasheet HTML 24Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
NJW1137
- 21 -
TYPICAL CHARACTERISTICS
0.01
0.1
1
10
100
0.01
0.1
1
T .H.D.+N vs Input Voltage
Input Voltage
[Vrms]
V+=9V, Vin(Ach), f=1kHz, Vo (Ach)OU TPU T
Rg =600ohm, BW =400Hz-30kH z, T a=25degC
0dB
-30dB
-20dB
-10dB
0.01
0.1
1
10
100
0.01
0.1
1
T .H.D.+N vs Input Voltage
Input Voltage
[Vrms]
V+=9V, Vin(Ach), f=1kH z, Vo (Ach)OU TP U T
R g=600ohm , BW =400 Hz-30kHz, Vol=-20dB
75degC
-20degC
25degC
0.01
0.1
1
10
100
0.01
0.1
1
T .H.D+N vs O utp ut Voltage
Output Voltage
[Vrms]
V +=9V, Vin(Ach), f=1kH z, Vo (Ach)OU TPU T
Rg =600ohm , BW =400Hz-30kHz, T a=25degC
0dB
-30dB
-20dB
-10dB
0.01
0.1
1
10
100
0.01
0.1
1
T .H.D+N vs O utp ut Voltage
Output Voltage
[Vrms]
V+=9V, Vin(Ach), f=1kHz, Vo (Ach)OUT P UT
R g=600 ohm, BW =400Hz-30kH z, V ol=0dB
75degC
-20degC
25degC
0
20
40
60
80
100
100
1000
10
4
Ch annel Separation vs Frequen cy
Freqency [H z]
V +=9V, Vin=2V rms, f=1kH z, Vo=OU TPU T
R g=600 ohm, Vo l=0dB, T a=25degC
Vin(Ach)-V o(Bch )
Vin(Bch)-V o(Ach )
0
20
40
60
80
100
120
100
1000
10
4
Gain vs Frequency (MU T E)
Frequency [H z]
V+=9V, Vin(Ach)=1Vrm s, Vol=MU TE
Vo(Ach)O UT PUT , Rg=600 ohm, T a=25degC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com