Electronic Components Datasheet Search
  English  ▼

X  

PE45327 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE45327
Description  BMA Jack Slide-On Connector Solder Attachment 2 Hole Flange Mount for RG402, PE-SR402AL, PESR402FL, PE-SR402FLJ, PE-SR402TN
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE45327 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE45327 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE45327 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE45327 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE45327 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE45327 Datasheet HTML 5Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
Configuration
• Slide-On BMA Jack Connector
• 50 Ohms
• Straight Body Geometry
• RG402, PE-SR402AL, PE-SR402FL, PE-SR402FLJ,
PE-SR402TN Interface Type
• Solder/Solder Attachment
• 2 Hole Flange
Features
• Max. Operating Frequency 22 GHz
• Good VSWR of 1.27:1
• Gold Plated Beryllium Copper Contact
• Blind Mate Connector
• IP54(Mated)
• Low-Engagement Force
• Radial and Axial Float Versions
Applications
• General Purpose Test
• Rack and Panel Mount Applications
• Custom Cable Assemblies
• Blind Mating
• Rack and Panel
• Phased Array Systems
• Base Stations
• RF Backplanes
• Test I/O
.
Description
Pasternack’s PE45327 BMA jack slide-on 2 hole flange mount connector with solder/solder attachment for RG402, PE-
SR402AL, PE-SR402FL, PE-SR402FLJ and PE-SR402TN is part of our full line of RF components available for same-day
shipping. Our BMA jack connector operates up to a maximum frequency of 22 GHz and offers good VSWR of 1.27:1. The
Pasternack blind mate connector is ideal for applications where direct visual or tactile access to the connection point is not
possible, for example, when two circuit boards need to be mated. This BMA 2 hole flange connector allows designers to
create external connections on their product enclosures, and can be used in a variety of other rack mount and panel mount
applications.
Our BMA jack 2 hole flange connector PE45327 datasheet specifications and drawing with dimensions are shown below in
this PDF. Pasternack’s broad catalog of RF, microwave and millimeter wave connectors allows designers to configure and
customize their signal connections however they like. Whether the need is to provide an I/O for a board design, or simply
create a custom cable assembly configuration, Pasternack has the right connector for the job. Pasternack can also expertly
build your custom cable assemblies for you and ship same-day.
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
22
GHz
VSWR
1.27:1
Insertion Loss
0.14
dB
Operating Voltage (AC)
350
Vrms
Dielectric Withstanding Voltage (AC)
1,000
Vrms
Insulation Resistance
5,000
MOhms
.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: BMA Jack Slide-On Connector Solder Attachment 2 Hole Flange Mount for RG402, PE-
SR402AL, PE-SR402FL, PE-SR402FLJ, PE-SR402TN PE45327
PE45327 REV 1.0
BMA Jack Slide-On Connector Solder Attachment
2 Hole Flange Mount for RG402, PE-SR402AL, PE-
SR402FL, PE-SR402FLJ, PE-SR402TN
RF Connectors Technical Data Sheet
PE45327


Similar Part No. - PE45327

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4532 PASTERNACK-PE4532 Datasheet
212Kb / 2P
SMA Female Bulkhead Hermetically Sealed Connector Solder Attachment Stub Terminal, .250 inch Diameter
PE4532 PASTERNACK-PE4532 Datasheet
344Kb / 3P
SMA Female Bulkhead Mount Hermetically Sealed Connector Solder Attachment
PE45320 PASTERNACK-PE45320 Datasheet
442Kb / 5P
BMA Jack Snap-On Connector Crimp/Solder Attachment for RG142, RG223, RG400, RG55
PE45321 PASTERNACK-PE45321 Datasheet
466Kb / 5P
BMA Jack Slide-On Connector Crimp/Solder Attachment 2 Hole Flange Mount for RG316, RG188, RG174, LMR-100A, PE-C100-LSZH
PE45322 PASTERNACK-PE45322 Datasheet
433Kb / 5P
BMA Jack Slide-On Connector Solder/Non-Solder Contact Attachment 2 Hole Flange Mount for RG405, PE-SR405AL, PE-SR405FL, PE-SR405FLJ
More results

Similar Description - PE45327

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE44695 PASTERNACK-PE44695 Datasheet
895Kb / 2P
SMA Female Precision Connector Solder Attachment For PE-SR402AL, PE-SR402FL, PE-SR402FLJ, RG402
PE44691 PASTERNACK-PE44691 Datasheet
267Kb / 2P
SMA Male Precision Connector Solder Attachment For PE-SR402AL, PE-SR402FL, PE-SR402FLJ, RG402
PE44701 PASTERNACK-PE44701 Datasheet
858Kb / 2P
N Male Precision Connector Solder Attachment For PE-SR402AL, PE-SR402FL, PE-SR402FLJ, RG402
PE44705 PASTERNACK-PE44705 Datasheet
864Kb / 2P
N Female Precision Connector Solder Attachment For PE-SR402AL, PE-SR402FL, PE-SR402FLJ, RG402
PE44709 PASTERNACK-PE44709 Datasheet
875Kb / 2P
TNC Male Precision Connector Solder Attachment For PE-SR402AL, PE-SR402FL, PE-SR402FLJ, RG402
PE44713 PASTERNACK-PE44713 Datasheet
868Kb / 2P
TNC Female Precision Connector Solder Attachment For PE-SR402AL, PE-SR402FL, PE-SR402FLJ, RG402
PE45314 PASTERNACK-PE45314 Datasheet
386Kb / 4P
BMA Plug Bulkhead Mount Slide-On Connector Solder Non-Solder Contact Attachment for RG402, PE-SR402AL PE-SR402FL, PE-SR402FLJ, PE-SR402TN
PE45326 PASTERNACK-PE45326 Datasheet
435Kb / 5P
BMA Jack Slide-On Connector Solder Attachment 2 Hole Flange Mount for RG402, PE-SR402AL, PE-SR402FL, PE-SR402FLJ, PE-SR402TN, Gold Plated
PE45328 PASTERNACK-PE45328 Datasheet
398Kb / 4P
BMA Jack Snap-On Connector Solder/Non-Solder Contact Attachment for RG402, PE-SR402AL, PE-SR402FL, PE-SR402FLJ, PE-SR402TN
PE45329 PASTERNACK-PE45329 Datasheet
437Kb / 5P
BMA Jack Right Angle Slide-On Connector Solder Attachment 2 Hole Flange Mount for RG402, PESR402AL, PE-SR402FL, PE-SR402FLJ, PE-SR402TN
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com