Electronic Components Datasheet Search
  English  ▼

X  

S79FL256S Datasheet(PDF) 2 Page - Cypress Semiconductor

Part # S79FL256S
Description  256 Mbit (32 MB)/512 Mbit (64 MB), 3 V, Dual-Quad SPI Flash
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S79FL256S Datasheet(HTML) 2 Page - Cypress Semiconductor

  S79FL256S Datasheet HTML 1Page - Cypress Semiconductor S79FL256S Datasheet HTML 2Page - Cypress Semiconductor S79FL256S Datasheet HTML 3Page - Cypress Semiconductor S79FL256S Datasheet HTML 4Page - Cypress Semiconductor S79FL256S Datasheet HTML 5Page - Cypress Semiconductor S79FL256S Datasheet HTML 6Page - Cypress Semiconductor S79FL256S Datasheet HTML 7Page - Cypress Semiconductor S79FL256S Datasheet HTML 8Page - Cypress Semiconductor S79FL256S Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 111 page
background image
Document Number: 002-00518 Rev. *D
Page 2 of 111
S79FL256S/S79FL512S
Performance Summary
Maximum Read Rates SDR Dual-Quad SPI
Command
Clock Rate
(MHz)
Mbytes/s
Read
50
12.5
Fast Read
133
33
Quad Read
104
104
Maximum Read Rates DDR Dual-Quad SPI
Command
Clock Rate
(MHz)
Mbytes/s
DDR Quad Read
80
160
Typical Program and Erase Rates Dual-Quad SPI
Operation
kbytes/s
Page Programming (512-byte page buffer)
2000
Page Programming (1024-byte page buffer)
3000
8-kbyte Physical Sector Erase (Hybrid Sector Option)
60
128-kbyte Physical Sector Erase (Hybrid Sector Option)
1000
512-kbyte Logical Sector Erase
1000
Typical Current Consumption, Dual-Quad SPI
Operation
Current (mA)
Serial Read 50 MHz
32 (max)
Serial Fast Read 133 MHz
66 (max)
Quad Read 104 MHz
122 (max)
Program
200 (max)
Erase
200 (max)
Standby
0.14 (typ)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com