Electronic Components Datasheet Search
  English  ▼

X  

PE45330 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE45330
Description  BMA Jack Right Angle Slide-On Connector Solder Attachment 2 Hole Flange Mount for RG405, PESR405AL, PE-SR405FL, PE-SR405FLJ, Gold Body
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE45330 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE45330 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE45330 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE45330 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE45330 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE45330 Datasheet HTML 5Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
Configuration
• Slide-On BMA Jack Connector
• 50 Ohms
• Right Angle Body Geometry
• RG405, PE-SR405AL, PE-SR405FL, PE-SR405FLJ
Interface Type
• Solder/Solder Attachment
• 2 Hole Flange
Features
• Max. Operating Frequency 12.4 GHz
• Good VSWR of 1.46:1
• Gold Plated Beryllium Copper Contact
• 51.18µ in. minimum contact plating
• Blind Mate Connector
• Low-Engagement Force
• Radial and Axial Float Versions
Applications
• General Purpose Test
• Rack and Panel Mount Applications
• Custom Cable Assemblies
• Blind Mating
• Rack and Panel
• Phased Array Systems
• Base Stations
• RF Backplanes
• Test I/O
.
Description
Pasternack’s PE45330 BMA jack slide-on right angle 2 hole flange mount connector with solder/solder attachment for RG405,
PE-SR405AL, PE-SR405FL and PE-SR405FLJ is part of our full line of RF components available for same-day shipping. Our
BMA jack connector operates up to a maximum frequency of 12.4 GHz and offers good VSWR of 1.46:1. The Pasternack
blind mate connector is ideal for applications where direct visual or tactile access to the connection point is not possible,
for example, when two circuit boards need to be mated. Its right angle body geometry allows for easier connections in tight
spaces. This BMA 2 hole flange connector allows designers to create external connections on their product enclosures, and
can be used in a variety of other rack mount and panel mount applications.
Our BMA jack right angle 2 hole flange connector PE45330 datasheet specifications and drawing with dimensions are shown
below in this PDF. Pasternack’s broad catalog of RF, microwave and millimeter wave connectors allows designers to configure
and customize their signal connections however they like. Whether the need is to provide an I/O for a board design, or simply
create a custom cable assembly configuration, Pasternack has the right connector for the job. Pasternack can also expertly
build your custom cable assemblies for you and ship same-day.
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
12.4
GHz
VSWR
1.46:1
Insertion Loss
0.25
dB
Operating Voltage (AC)
350
Vrms
Dielectric Withstanding Voltage (AC)
1,000
Vrms
Insulation Resistance
5,000
MOhms
.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including
price, inventory and certifications: BMA Jack Right Angle Slide-On Connector Solder Attachment 2 Hole Flange Mount for
RG405, PE-SR405AL, PE-SR405FL, PE-SR405FLJ, Gold Body PE45330
PE45330 REV 1.0
BMA Jack Right Angle Slide-On Connector Solder
Attachment 2 Hole Flange Mount for RG405, PE-
SR405AL, PE-SR405FL, PE-SR405FLJ, Gold Body
RF Connectors Technical Data Sheet
PE45330


Similar Part No. - PE45330

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4533 PASTERNACK-PE4533 Datasheet
292Kb / 3P
SMA Female Connector Solder Attachment 4 Hole Flange Stub Terminal, .500 inch Hole Spacing
PE4533 PASTERNACK-PE4533 Datasheet
324Kb / 3P
SMA Female Connector Solder Attachment
PE45331 PASTERNACK-PE45331 Datasheet
435Kb / 5P
BMA Jack Right Angle Slide-On Connector Solder Attachment 2 Hole Flange Mount for RG405, PE-SR405AL, PE-SR405FL, PE-SR405FLJ
PE45332 PASTERNACK-PE45332 Datasheet
436Kb / 5P
BMA Jack Right Angle Slide-On Connector Crimp/Solder Attachment 2 Hole Flange Mount for RG142, RG223, RG400, RG55
PE45333 PASTERNACK-PE45333 Datasheet
420Kb / 4P
BMA Plug Right Angle Slide-On Connector Solder Attachment Surface Mount PCB
More results

Similar Description - PE45330

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE44913 PASTERNACK-PE44913 Datasheet
384Kb / 3P
SMP Female Right Angle Connector Solder Attachment for RG405, PE-SR405FL, PE-SR405FLJ Mitered Body
PE45127 PASTERNACK-PE45127 Datasheet
347Kb / 3P
SMP Male Push-On Connector Solder Attachment 2 Hole Flange Mount for RG405, PE-SR405FL, PE-SR405FLJ
PE45310 PASTERNACK-PE45310 Datasheet
388Kb / 4P
BMA Plug Bulkhead Mount Slide-On Connector Solder Non-Solder Contact Attachment for RG405, PE-SR405AL, PE-SR405FL, PE-SR405FLJ, Gold Plated
PE45311 PASTERNACK-PE45311 Datasheet
386Kb / 4P
BMA Plug Bulkhead Mount Slide-On Connector Solder Non-Solder Contact Attachment for RG405, PE-SR405AL, PE-SR405FL, PE-SR405FLJ, PE-SR405TN
PE45322 PASTERNACK-PE45322 Datasheet
433Kb / 5P
BMA Jack Slide-On Connector Solder/Non-Solder Contact Attachment 2 Hole Flange Mount for RG405, PE-SR405AL, PE-SR405FL, PE-SR405FLJ
PE45323 PASTERNACK-PE45323 Datasheet
391Kb / 4P
BMA Jack Bulkhead Mount Slide-On Connector Solder Attachment for RG405, PE-SR405AL, PE-SR405FL, PE-SR405FLJ
PE45324 PASTERNACK-PE45324 Datasheet
396Kb / 4P
BMA Jack Snap-On Connector Solder Attachment for RG405, PE-SR405AL, PE-SR405FL, PE-SR405FLJ, Spring Loaded
PE45325 PASTERNACK-PE45325 Datasheet
394Kb / 4P
BMA Jack MIL-STD-38999 (D38999) Connector Solder Attachment for RG405, PE-SR405AL, PE-SR405FL, PE-SR405FLJ
PE45331 PASTERNACK-PE45331 Datasheet
435Kb / 5P
BMA Jack Right Angle Slide-On Connector Solder Attachment 2 Hole Flange Mount for RG405, PE-SR405AL, PE-SR405FL, PE-SR405FLJ
PE45384 PASTERNACK-PE45384 Datasheet
366Kb / 5P
SSMC Plug Right Angle Connector Solder Attachment for PE-PESR405AL, PE-SR405FL, PE-SR405FLJ, PE-SR405TN, RG405
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com