Electronic Components Datasheet Search
  English  ▼

X  

PE45334 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE45334
Description  BMA Jack Slide-On Connector Solder Attachment 4 Hole Flange Mount Stub Terminal, .340 inch Hole Spacing
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE45334 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE45334 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE45334 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE45334 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE45334 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
Configuration
• Slide-On BMA Jack Connector
• 50 Ohms
• Straight Body Geometry
• Stub Interface Type
• Solder Attachment
• 4 Hole Flange
Features
• Max. Operating Frequency 22 GHz
• Excellent VSWR of 1.25:1
• Gold Plated Beryllium Copper Contact
• 51.18µ in. minimum contact plating
• Blind Mate Connector
• Low-Engagement Force
Applications
• General Purpose Test
• Rack and Panel Mount Applications
• Blind Mating
• Rack and Panel
• Phased Array Systems
• Base Stations
• RF Backplanes
• Test I/O
.
Description
Pasternack’s PE45334 BMA jack slide-on 4 hole flange mount connector with solder attachment stub terminal (.340 inch
hole spacing) is part of our full line of RF components available for same-day shipping. Our BMA jack connector operates
up to a maximum frequency of 22 GHz and offers excellent VSWR of 1.25:1. The Pasternack blind mate connector is ideal
for applications where direct visual or tactile access to the connection point is not possible, for example, when two circuit
boards need to be mated. This BMA 4 hole flange connector allows designers to create external connections on their product
enclosures, and can be used in a variety of other rack mount and panel mount applications.
Our BMA jack 4 hole flange connector PE45334 datasheet specifications and drawing with dimensions are shown below in
this PDF. Pasternack’s broad catalog of RF, microwave and millimeter wave connectors allows designers to configure and
customize their signal connections however they like. Whether the need is to provide an I/O for a board design, or simply
create a custom cable assembly configuration, Pasternack has the right connector for the job. Pasternack can also expertly
build your custom cable assemblies for you and ship same-day.
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
22
GHz
VSWR
1.25:1
Insertion Loss
0.32
dB
Operating Voltage (AC)
500
Vrms
Dielectric Withstanding Voltage (AC)
1,000
Vrms
Insulation Resistance
5,000
MOhms
.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including
price, inventory and certifications: BMA Jack Slide-On Connector Solder Attachment 4 Hole Flange Mount Stub Terminal,
.340 inch Hole Spacing PE45334
PE45334 REV 1.0
BMA Jack Slide-On Connector Solder Attachment 4 Hole
Flange Mount Stub Terminal, .340 inch Hole Spacing
RF Connectors Technical Data Sheet
PE45334


Similar Part No. - PE45334

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4533 PASTERNACK-PE4533 Datasheet
292Kb / 3P
SMA Female Connector Solder Attachment 4 Hole Flange Stub Terminal, .500 inch Hole Spacing
PE4533 PASTERNACK-PE4533 Datasheet
324Kb / 3P
SMA Female Connector Solder Attachment
PE45330 PASTERNACK-PE45330 Datasheet
437Kb / 5P
BMA Jack Right Angle Slide-On Connector Solder Attachment 2 Hole Flange Mount for RG405, PESR405AL, PE-SR405FL, PE-SR405FLJ, Gold Body
PE45331 PASTERNACK-PE45331 Datasheet
435Kb / 5P
BMA Jack Right Angle Slide-On Connector Solder Attachment 2 Hole Flange Mount for RG405, PE-SR405AL, PE-SR405FL, PE-SR405FLJ
PE45332 PASTERNACK-PE45332 Datasheet
436Kb / 5P
BMA Jack Right Angle Slide-On Connector Crimp/Solder Attachment 2 Hole Flange Mount for RG142, RG223, RG400, RG55
More results

Similar Description - PE45334

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4099 PASTERNACK-PE4099 Datasheet
252Kb / 2P
SMA Female Connector Solder Attachment 4 Hole Panel Stub Terminal, .340 inch Hole Spacing
PE4126 PASTERNACK-PE4126 Datasheet
228Kb / 3P
SMA Male Connector Solder Attachment 4 Hole Flange Stub Terminal, .340 inch Hole Spacing
PE4126 PASTERNACK-PE4126_16 Datasheet
323Kb / 3P
SMA Male Connector Solder Attachment 4 Hole Flange Mount Stub Terminal, .340 inch Hole Spacing
PE45339 PASTERNACK-PE45339 Datasheet
366Kb / 4P
BMA Plug Slide-On Connector Solder Attachment 4 Hole Flange Mount Stub Terminal, .340 inch Hole Spacing
PE45340 PASTERNACK-PE45340 Datasheet
362Kb / 4P
BMA Jack Slide-On Connector Solder Attachment 2 Hole Flange Mount Stub Terminal, With Cylindrical Contact
PE45341 PASTERNACK-PE45341 Datasheet
365Kb / 4P
BMA Plug Slide-On Connector Solder Attachment 2 Hole Flange Mount Stub Terminal, .481 inch Hole Spacing, With Cylindrical Contact
PE45342 PASTERNACK-PE45342 Datasheet
366Kb / 4P
BMA Plug Slide-On Connector Solder Attachment 2 Hole Flange Mount Stub Terminal, .481 inch Hole Spacing, Rated to 22GHz
PE45343 PASTERNACK-PE45343 Datasheet
365Kb / 4P
BMA Plug Slide-On Connector Solder Attachment 2 Hole Flange Mount Stub Terminal, .481 inch Hole Spacing, Rated to 18GHz
PE45344 PASTERNACK-PE45344 Datasheet
365Kb / 4P
BMA Plug Slide-On Connector Solder Attachment 2 Hole Flange Mount Stub Terminal, .481 inch Hole Spacing
PE45347 PASTERNACK-PE45347 Datasheet
367Kb / 4P
BMA Plug Slide-On Connector Solder Attachment 2 Hole Flange Mount Stub Terminal, .481 inch Hole Spacing, .010 inch Diameter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com