Electronic Components Datasheet Search
  English  ▼

X  

PE45337 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE45337
Description  BMA Jack Slide-On Connector Solder Attachment Thru Hole PCB
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE45337 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE45337 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE45337 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE45337 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
Weight
0.009 lbs [4.08 g]
.
Mating Cycles
1,000 Cycles
Material Specifications
Description
Material
Plating
Contact
Beryllium Copper
Gold
Insulation
PTFE
Outer Conductor
Beryllium Copper
Gold
Body
Brass
Nickel
.
Environmental Specifications
Temperature
Operating Range
-65 to +165 deg C
Compliance Certifications (see product page for current document)
Plotted and Other Data
Notes:
BMA Jack Slide-On Connector Solder Attachment Thru Hole PCB from Pasternack Enterprises has same day shipment for
domestic and International orders. Our RF, microwave and millimeter wave products maintain a 99.4% availability and are part
of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: BMA Jack Slide-On Connector Solder Attachment Thru Hole PCB PE45337
URL: https://www.pasternack.com/bma-jack-slide-on-thru-hole-pcb-connector-pe45337-p.aspx
PE45337 REV 1.0
RF Connectors Technical Data Sheet
PE45337
BMA Jack Slide-On Connector Solder Attachment Thru Hole PCB



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com