Electronic Components Datasheet Search
  English  ▼

X  

PE45340 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE45340
Description  BMA Jack Slide-On Connector Solder Attachment 2 Hole Flange Mount Stub Terminal, With Cylindrical Contact
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE45340 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE45340 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE45340 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE45340 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE45340 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
Configuration
• Slide-On BMA Jack Connector
• 50 Ohms
• Straight Body Geometry
• Stub Interface Type
• Solder Attachment
• 2 Hole Flange
Features
• Max. Operating Frequency 22 GHz
• Excellent VSWR of 1.25:1
• Gold Plated Beryllium Copper Contact
• 51.18µ in. minimum contact plating
• Blind Mate Connector
• Low-Engagement Force
Applications
• General Purpose Test
• Rack and Panel Mount Applications
• Blind Mating
• Rack and Panel
• Phased Array Systems
• Base Stations
• RF Backplanes
• Test I/O
.
Description
Pasternack’s PE45340 BMA jack slide-on 2 hole flange mount connector with solder attachment stub terminal is part of our full
line of RF components available for same-day shipping. Our BMA jack connector operates up to a maximum frequency of 22
GHz and offers excellent VSWR of 1.25:1. The Pasternack blind mate connector is ideal for applications where direct visual or
tactile access to the connection point is not possible, for example, when two circuit boards need to be mated. This BMA 2 hole
flange connector allows designers to create external connections on their product enclosures, and can be used in a variety of
other rack mount and panel mount applications.
Our BMA jack 2 hole flange connector PE45340 datasheet specifications and drawing with dimensions are shown below in
this PDF. Pasternack’s broad catalog of RF, microwave and millimeter wave connectors allows designers to configure and
customize their signal connections however they like. Whether the need is to provide an I/O for a board design, or simply
create a custom cable assembly configuration, Pasternack has the right connector for the job. Pasternack can also expertly
build your custom cable assemblies for you and ship same-day.
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
22
GHz
VSWR
1.25:1
Insertion Loss
0.32
dB
Operating Voltage (AC)
500
Vrms
Dielectric Withstanding Voltage (AC)
1,500
Vrms
Insulation Resistance
5,000
MOhms
.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: BMA Jack Slide-On Connector Solder Attachment 2 Hole Flange Mount Stub Terminal, With
Cylindrical Contact PE45340
PE45340 REV 1.0
BMA Jack Slide-On Connector Solder Attachment 2 Hole
Flange Mount Stub Terminal, With Cylindrical Contact
RF Connectors Technical Data Sheet
PE45340


Similar Part No. - PE45340

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4534 PASTERNACK-PE4534 Datasheet
296Kb / 3P
SMA Female Connector Solder/Solder (Captive Contact) Attachment 1/16 inch Stripline PCB
PE4534 PASTERNACK-PE4534 Datasheet
321Kb / 3P
SMA Female Connector Solder/Solder
PE45341 PASTERNACK-PE45341 Datasheet
365Kb / 4P
BMA Plug Slide-On Connector Solder Attachment 2 Hole Flange Mount Stub Terminal, .481 inch Hole Spacing, With Cylindrical Contact
PE45342 PASTERNACK-PE45342 Datasheet
366Kb / 4P
BMA Plug Slide-On Connector Solder Attachment 2 Hole Flange Mount Stub Terminal, .481 inch Hole Spacing, Rated to 22GHz
PE45343 PASTERNACK-PE45343 Datasheet
365Kb / 4P
BMA Plug Slide-On Connector Solder Attachment 2 Hole Flange Mount Stub Terminal, .481 inch Hole Spacing, Rated to 18GHz
More results

Similar Description - PE45340

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE45334 PASTERNACK-PE45334 Datasheet
364Kb / 4P
BMA Jack Slide-On Connector Solder Attachment 4 Hole Flange Mount Stub Terminal, .340 inch Hole Spacing
PE45337 PASTERNACK-PE45337 Datasheet
363Kb / 3P
BMA Jack Slide-On Connector Solder Attachment Thru Hole PCB
PE45338 PASTERNACK-PE45338 Datasheet
364Kb / 3P
BMA Jack Slide-On Connector Solder Attachment Surface Mount PCB
PE45339 PASTERNACK-PE45339 Datasheet
366Kb / 4P
BMA Plug Slide-On Connector Solder Attachment 4 Hole Flange Mount Stub Terminal, .340 inch Hole Spacing
PE45341 PASTERNACK-PE45341 Datasheet
365Kb / 4P
BMA Plug Slide-On Connector Solder Attachment 2 Hole Flange Mount Stub Terminal, .481 inch Hole Spacing, With Cylindrical Contact
PE45342 PASTERNACK-PE45342 Datasheet
366Kb / 4P
BMA Plug Slide-On Connector Solder Attachment 2 Hole Flange Mount Stub Terminal, .481 inch Hole Spacing, Rated to 22GHz
PE45343 PASTERNACK-PE45343 Datasheet
365Kb / 4P
BMA Plug Slide-On Connector Solder Attachment 2 Hole Flange Mount Stub Terminal, .481 inch Hole Spacing, Rated to 18GHz
PE45344 PASTERNACK-PE45344 Datasheet
365Kb / 4P
BMA Plug Slide-On Connector Solder Attachment 2 Hole Flange Mount Stub Terminal, .481 inch Hole Spacing
PE45347 PASTERNACK-PE45347 Datasheet
367Kb / 4P
BMA Plug Slide-On Connector Solder Attachment 2 Hole Flange Mount Stub Terminal, .481 inch Hole Spacing, .010 inch Diameter
PE45349 PASTERNACK-PE45349 Datasheet
438Kb / 5P
BMA Jack Hermetically Sealed Connector Solder Attachment Stub Terminal
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com