Electronic Components Datasheet Search
  English  ▼

X  

AC101L Datasheet(PDF) 21 Page - Broadcom Corporation.

Part # AC101L
Description  Ultra Low-Power 10/100 Ethernet Transceiver with Auto-MDIX
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

AC101L Datasheet(HTML) 21 Page - Broadcom Corporation.

Back Button AC101L Datasheet HTML 17Page - Broadcom Corporation. AC101L Datasheet HTML 18Page - Broadcom Corporation. AC101L Datasheet HTML 19Page - Broadcom Corporation. AC101L Datasheet HTML 20Page - Broadcom Corporation. AC101L Datasheet HTML 21Page - Broadcom Corporation. AC101L Datasheet HTML 22Page - Broadcom Corporation. AC101L Datasheet HTML 23Page - Broadcom Corporation. AC101L Datasheet HTML 24Page - Broadcom Corporation. AC101L Datasheet HTML 25Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 54 page
background image
Preliminary Data Sheet
AC101L
8/9/04
B roa dcom Co rpo rat ion
Document
AC101L-DS06-R
Clock Source
Page 11
CLOCK SOURCE
The clock source for this chip is from the XI pin. In MII mode, it can connect to a 25 MHz 50 ppm (parts per million) OSC or
a 25 MHz 50 ppm XTAL (crystal).
ISOLATE MODE
When the AC101L device is put into isolate mode, all MII inputs (TXD[3:0}, TXEN, TXER) are ignored, and all MII outputs
(TX_CLK, COL, CRS, RX_CLK, RXDV, RXER, RXD[3:0] are set to high impedance. Only the MII management pins (MDC,
MDIO) operate normally. Pull HIGH pin 4 at reset or write 1 to bit 10 register 0 to put the chip into isolate mode.
LOOPBACK MODE
Local loopback is provided for testing purpose. It can be enabled by writing a one to register 0 bit 14.
The local loopback routes transmitted data through the transmit path back to the clock and data recovery module of the
receiving path. The loopback data are presented to the PCS in 5-bit symbol format. This loopback is used to check the
operation of the 5-bit symbol decoder and the phase lock loop circuitry. In local loopback, the SD output is forced to a logical
1 and TXOP/N outputs are tristated.
INTERRUPT MODE
The INTR pin on the PHY is asserted whenever 1 of 8 selectable interrupt events occurs. The assertion state is high or low
and is programmable through the INTR_LEVL register bit. The selection is made by setting the appropriate bit in the upper
half of the Interrupt Control/Status register. When the INTR bit goes active, the MAC interface is required to read the Interrupt
Control/Status register to determine which event caused the interrupt. The Status bits are read-only and clear-on-read.
When INTR is not asserted, the pin is held in a high impedance state.
LED OPERATION
LED INTERFACE
The LED interface is fully configurable through register setting. The connection of LED (source/sink current) depends on the
default setting.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com