Electronic Components Datasheet Search
  English  ▼

X  

5228-DS05-R Datasheet(PDF) 85 Page - Broadcom Corporation.

Part # 5228-DS05-R
Description  10/100BASE-TX/FX Octal Transceiver
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

5228-DS05-R Datasheet(HTML) 85 Page - Broadcom Corporation.

Back Button 5228-DS05-R Datasheet HTML 81Page - Broadcom Corporation. 5228-DS05-R Datasheet HTML 82Page - Broadcom Corporation. 5228-DS05-R Datasheet HTML 83Page - Broadcom Corporation. 5228-DS05-R Datasheet HTML 84Page - Broadcom Corporation. 5228-DS05-R Datasheet HTML 85Page - Broadcom Corporation. 5228-DS05-R Datasheet HTML 86Page - Broadcom Corporation. 5228-DS05-R Datasheet HTML 87Page - Broadcom Corporation. 5228-DS05-R Datasheet HTML 88Page - Broadcom Corporation. 5228-DS05-R Datasheet HTML 89Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 100 page
background image
Data Sheet
BCM5228
7/12/04
Broa d c om Co rp o r a t i o n
Document
5228-DS09-405-R
Timing and AC Characteristics
Page 73
Figure 9: SMII/S3MII Timing
Table 54: Auto-Negotiation Timing
Parameter
Symbol
Min
Typ
Max
Unit
Link test pulse width
–
–
100
–
ns
FLP burst interval
–
5.7
16
22.3
ms
Clock pulse to clock pulse
–
111
123
139
µs
Clock pulse to data pulse (data = 1)
–
55.5
62.5
69.5
µs
Table 55: LED Timing
Parameter
Symbol
Min
Typ
Max
Unit
LED on time (ACTLED)
–
–
80
–
ms
LED off time (ACTLED)
–
–
80
–
ms
Table 56: MII Management Data Interface Timing
Parameter
Symbol
Min
Typ
Max
Unit
MDC cycle time
–
40
–
–
ns
MDC high/low
–
20
–
–
ns
MDC rise/fall time
–
–
–
10
ns
MDIO input setup time to MDC rising
–
10
–
–
ns
MDIO input hold time from MDC rising
–
10
–
–
ns
MDIO output delay from MDC rising
–
0
–
30
ns
SYNC
SCLK
STX
SRX
SRX_DELAY
STX_HOLD
STX_SETUP
SYNC_SETUP
SYNC_HOLD
TX_ER TX_EN
TXD0
TXD1
TXD2
TXD3
TXD4
TXD5
TXD6
TXD7
CRS
RX_DV
RXD0
RXD1
RXD2
RXD3
RXD4
RXD5
RXD6
RXD7
SYNC_DELAY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com