Electronic Components Datasheet Search
  English  ▼

X  

RN2902 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # RN2902
Description  TOSHIBA Transistor Silicon PNP Epitaxial Type (PCT Process)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

RN2902 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  RN2902 Datasheet HTML 1Page - Toshiba Semiconductor RN2902 Datasheet HTML 2Page - Toshiba Semiconductor RN2902 Datasheet HTML 3Page - Toshiba Semiconductor RN2902 Datasheet HTML 4Page - Toshiba Semiconductor RN2902 Datasheet HTML 5Page - Toshiba Semiconductor RN2902 Datasheet HTML 6Page - Toshiba Semiconductor RN2902 Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
RN2901~RN2906
2001-06-05
1
TOSHIBA Transistor Silicon PNP Epitaxial Type (PCT Process)
RN2901,RN2902,RN2903,RN2904,RN2905,RN2906
Switching, Inverter Circuit, Interface Circuit
And Driver Circuit Applications
l Including two devices in US6 (ultra super mini type with 6 leads)
l With built-in bias resistors
l Simplify circuit design
l Reduce a quantity of parts and manufacturing process
l Complementary to RN1901~RN1906
Equivalent Circuit and Bias Resistor Values
Equivalent Circuit (Top View)
Maximum Ratings (Ta = 25°C) (Q1, Q2 Common)
Characteristic
Symbol
Rating
Unit
Collector-base voltage
VCBO
−50
V
Collector-emitter voltage
RN2901~2906
VCEO
−50
V
RN2901~2904
−10
Emitter-base voltage
RN2905, 2906
VEBO
−5
V
Collector current
IC
−100
mA
Collector power dissipation
PC *
200
mW
Junction temperature
Tj
150
°C
Storage temperature range
RN2901~2906
Tstg
−55~150
°C
* : Total rating
JEDEC
―
EIAJ
―
TOSHIBA
2-2J1A
Weight: 6.8mg
Type No.
R1 (kΩ)R2 (kΩ)
RN2901
4.7
4.7
RN2902
10
10
RN2903
22
22
RN2904
47
47
RN2905
2.2
47
RN2906
4.7
47
Unit in mm


Similar Part No. - RN2902

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
RN2902AFS TOSHIBA-RN2902AFS Datasheet
178Kb / 8P
Switching, Inverter Circuit, Interface Circuit and Driver Circuit Applications
RN2902FE TOSHIBA-RN2902FE Datasheet
561Kb / 8P
Switching, Inverter Circuit, Interface Circuit and Driver Circuit Applications
RN2902FS TOSHIBA-RN2902FS Datasheet
177Kb / 8P
Switching, Inverter Circuit, Interface Circuit and Driver Circuit Applications
More results

Similar Description - RN2902

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
RN4602 TOSHIBA-RN4602 Datasheet
329Kb / 5P
TOSHIBA Transistor Silicon PNP Epitaxial Type (PCT Process) Silicon NPN Epitaxial Type (PCT Process)
RN4607 TOSHIBA-RN4607 Datasheet
161Kb / 5P
TOSHIBA Transistor Silicon PNP Epitaxial Type (PCT Process) Silicon NPN Epitaxial Type (PCT Process)
05-Jun-2001
RN4911 TOSHIBA-RN4911 Datasheet
177Kb / 6P
TOSHIBA Transistor Silicon PNP Epitaxial Type (PCT Process) Silicon NPN Epitaxial Type (PCT Process)
07-Jun-2001
RN4605 TOSHIBA-RN4605 Datasheet
163Kb / 5P
TOSHIBA Transistor Silicon PNP Epitaxial Type (PCT Process) Silicon NPN Epitaxial Type (PCT Process)
05-Jun-2001
RN4608 TOSHIBA-RN4608 Datasheet
157Kb / 5P
TOSHIBA Transistor Silicon PNP Epitaxial Type (PCT Process) Silicon NPN Epitaxial Type (PCT Process)
05-Jun-2001
RN4603 TOSHIBA-RN4603 Datasheet
166Kb / 5P
TOSHIBA Transistor Silicon PNP Epitaxial Type (PCT Process) Silicon NPN Epitaxial Type (PCT Process)
05-Jun-2001
RN2967 TOSHIBA-RN2967 Datasheet
278Kb / 6P
TOSHIBA Transistor Silicon PNP Epitaxial Type (PCT Process)
2SA1015-YTPE2 TOSHIBA-2SA1015-YTPE2 Datasheet
196Kb / 3P
TOSHIBA Transistor Silicon PNP Epitaxial Type (PCT process)
2SA1162-Y TOSHIBA-2SA1162-Y Datasheet
178Kb / 3P
TOSHIBA Transistor Silicon PNP Epitaxial Type (PCT process)
2SA1241-O TOSHIBA-2SA1241-O Datasheet
189Kb / 5P
TOSHIBA Transistor Silicon PNP Epitaxial Type (PCT process)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com