Electronic Components Datasheet Search
  English  ▼

X  

PE45368 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE45368
Description  SSMC Plug Connector Crimp/Solder Attachment for LMR-100A, RG188, RG174, PE-C100-LSZH, PE-B100, LMR-100A-FR, RG316
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE45368 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE45368 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE45368 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE45368 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE45368 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE45368 Datasheet HTML 5Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
Configuration
• SSMC Plug Connector
• 50 Ohms
• Straight Body Geometry
• LMR-100A, RG188, RG174, PE-C100-LSZH, PE-
B100, LMR-100A-FR, RG316 Interface Type
• Crimp/Solder Attachment
Features
• Max. Operating Frequency 12.4 GHz
• Good VSWR of 1.5:1
• Gold Plated Beryllium Copper Contact
• Contact plating according to MIL-G-45204
• Reliable threaded coupling
• Small SSMC connector form factor (50% smaller than
SMA, radially)
• IEC 60169-20 SSMC connector interface
• In stock and ready to ship
Applications
• General Purpose Test
• Custom Cable Assemblies
• Avionics
• A/D Modules
• Data Acquisition
•
Software defined radio (SDR)
• RADAR/SONAR
• Ultra Wideband Digital Receivers
• Medical equipment
.
Description
Pasternack’s PE45368 SSMC plug connector with crimp/solder attachment for LMR-100A, RG188, RG174, PE-C100-LSZH,
PE-B100, LMR-100A-FR and RG316 is part of our full line of RF components available for same-day shipping. Our SSMC plug
connector operates up to a maximum frequency of 12.4 GHz and offers good VSWR of 1.5:1.
Our SSMC plug connector PE45368 datasheet specifications and drawing with dimensions are shown below in this PDF.
Pasternack’s broad catalog of RF, microwave and millimeter wave connectors allows designers to configure and customize
their signal connections however they like. Whether the need is to provide an I/O for a board design, or simply create a custom
cable assembly configuration, Pasternack has the right connector for the job. Pasternack can also expertly build your custom
cable assemblies for you and ship same-day.
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
12.4
GHz
VSWR
1.5:1
Insertion Loss
0.3
dB
Operating Voltage (AC)
250
Vrms
High Potential Voltage
400
Vrms
5 MHz
Inner Conductor DC Resistance
4
mOhms
Outer Conductor DC Resistance
1
mOhms
Insulation Resistance
1,000
MOhms
RF Leakage
-50
dB
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SSMC Plug Connector Crimp/Solder Attachment for LMR-100A, RG188, RG174, PE-C100-
LSZH, PE-B100, LMR-100A-FR, RG316 PE45368
PE45368 REV 1.0
SSMC Plug Connector Crimp/Solder Attachment
for LMR-100A, RG188, RG174, PE-C100-
LSZH, PE-B100, LMR-100A-FR, RG316
RF Connectors Technical Data Sheet
PE45368


Similar Part No. - PE45368

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4536 PASTERNACK-PE4536 Datasheet
223Kb / 3P
SMA Female Bulkhead Connector Solder Attachment Solder Cup Terminal, .350 inch D Hole
PE4536 PASTERNACK-PE4536 Datasheet
346Kb / 3P
SMA Female Bulkhead Mount Connector Solder Attachment
logo
Peregrine Semiconductor
PE45361 PSEMI-PE45361 Datasheet
359Kb / 14P
Power Limiter, 10 MHz?? GHz
logo
Pasternack Enterprises,...
PE45365 PASTERNACK-PE45365 Datasheet
365Kb / 5P
SSMC Plug Connector Clamp/Solder Attachment for PE-SR405AL, PE-SR405FL, PE-SR405FLJ, PE-SR405TN, RG405
PE45366 PASTERNACK-PE45366 Datasheet
364Kb / 5P
SSMC Plug Connector Clamp/Solder Attachment for PE-047SR, PE-SR047AL, PE-SR047FL
More results

Similar Description - PE45368

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE44647D PASTERNACK-PE44647D Datasheet
222Kb / 3P
FAKRA Plug Connector Crimp-Solder Attachment For PE-C100, RG174, RG316, Bordeaux Color
PE44647H PASTERNACK-PE44647H Datasheet
298Kb / 3P
FAKRA Plug Connector Crimp-Solder Attachment For PE-C100, RG174, RG316, Violet Color
PE44675 PASTERNACK-PE44675 Datasheet
253Kb / 3P
N Male Right Angle Connector Crimp-Solder Attachment For PE-C100, RG174, RG316, LMR-100, LMR-100A, LMR-100A-PVC, PE-B100, RG188
PE44385 PASTERNACK-PE44385 Datasheet
327Kb / 3P
SSMA Female Connector Crimp/Solder Attachment for RG174, RG316, RG188, PE-B100, PE-C100, 0.100 inch, LMR-100
PE45209 PASTERNACK-PE45209 Datasheet
352Kb / 3P
SSMC Plug Connector Crimp/Solder Attachment for RG316, RG174, RG188
PE45316 PASTERNACK-PE45316 Datasheet
394Kb / 4P
BMA Plug Bulkhead Mount Slide-On Connector Crimp/Solder Attachment for RG316, RG188, RG174, PE-C100, LMR-100A
PE45319 PASTERNACK-PE45319 Datasheet
442Kb / 5P
BMA Jack Snap-On Connector Crimp/Solder Attachment for RG316, RG188, RG174, PE-C100, LMR-100A
PE45321 PASTERNACK-PE45321 Datasheet
466Kb / 5P
BMA Jack Slide-On Connector Crimp/Solder Attachment 2 Hole Flange Mount for RG316, RG188, RG174, LMR-100A, PE-C100-LSZH
PE45382 PASTERNACK-PE45382 Datasheet
381Kb / 5P
SSMC Plug Right Angle Connector Crimp/Solder Attachment for RG316, RG188, RG174, PE-C100-LSZH, PE-B100, LMR-100A-FR, LMR-100A
PE45404H PASTERNACK-PE45404H Datasheet
725Kb / 5P
FAKRA Plug Connector Crimp/Solder Attachment for RG174, RG316, RG188, .100 inch, PE-B100, PE-C100, LMR-100, Violet Color
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com