Electronic Components Datasheet Search
  English  ▼

X  

PE45369 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE45369
Description  SSMC Plug Connector Crimp/Solder Attachment for RG188-DS, RG316-DS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE45369 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE45369 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE45369 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE45369 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE45369 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE45369 Datasheet HTML 5Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
Configuration
• SSMC Plug Connector
• 50 Ohms
• Straight Body Geometry
• RG188-DS, RG316-DS Interface Type
• Crimp/Solder Attachment
Features
• Max. Operating Frequency 12.4 GHz
• Good VSWR of 1.5:1
• Gold Plated Beryllium Copper Contact
• Contact plating according to MIL-G-45204
• Reliable threaded coupling
• Small SSMC connector form factor (50% smaller than
SMA, radially)
• IEC 60169-20 SSMC connector interface
• In stock and ready to ship
Applications
• General Purpose Test
• Custom Cable Assemblies
• Avionics
• A/D Modules
• Data Acquisition
•
Software defined radio (SDR)
• RADAR/SONAR
• Ultra Wideband Digital Receivers
• Medical equipment
.
Description
Pasternack’s PE45369 SSMC plug connector with crimp/solder attachment for RG188-DS and RG316-DS is part of our full
line of RF components available for same-day shipping. Our SSMC plug connector operates up to a maximum frequency of
12.4 GHz and offers good VSWR of 1.5:1.
Our SSMC plug connector PE45369 datasheet specifications and drawing with dimensions are shown below in this PDF.
Pasternack’s broad catalog of RF, microwave and millimeter wave connectors allows designers to configure and customize
their signal connections however they like. Whether the need is to provide an I/O for a board design, or simply create a custom
cable assembly configuration, Pasternack has the right connector for the job. Pasternack can also expertly build your custom
cable assemblies for you and ship same-day.
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
12.4
GHz
VSWR
1.5:1
Insertion Loss
0.3
dB
Operating Voltage (AC)
250
Vrms
High Potential Voltage
400
Vrms
5 MHz
Inner Conductor DC Resistance
4
mOhms
Outer Conductor DC Resistance
1
mOhms
Insulation Resistance
1,000
MOhms
RF Leakage
-50
dB
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SSMC Plug Connector Crimp/Solder Attachment for RG188-DS, RG316-DS PE45369
PE45369 REV 1.0
SSMC Plug Connector Crimp/Solder
Attachment for RG188-DS, RG316-DS
RF Connectors Technical Data Sheet
PE45369


Similar Part No. - PE45369

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4536 PASTERNACK-PE4536 Datasheet
223Kb / 3P
SMA Female Bulkhead Connector Solder Attachment Solder Cup Terminal, .350 inch D Hole
PE4536 PASTERNACK-PE4536 Datasheet
346Kb / 3P
SMA Female Bulkhead Mount Connector Solder Attachment
logo
Peregrine Semiconductor
PE45361 PSEMI-PE45361 Datasheet
359Kb / 14P
Power Limiter, 10 MHz?? GHz
logo
Pasternack Enterprises,...
PE45365 PASTERNACK-PE45365 Datasheet
365Kb / 5P
SSMC Plug Connector Clamp/Solder Attachment for PE-SR405AL, PE-SR405FL, PE-SR405FLJ, PE-SR405TN, RG405
PE45366 PASTERNACK-PE45366 Datasheet
364Kb / 5P
SSMC Plug Connector Clamp/Solder Attachment for PE-047SR, PE-SR047AL, PE-SR047FL
More results

Similar Description - PE45369

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE45164 PASTERNACK-PE45164 Datasheet
391Kb / 2P
Banana Plug Connector Crimp-Solder Attachment for RG188-DS, RG316-DS
PE45166 PASTERNACK-PE45166 Datasheet
342Kb / 3P
1.0-2.3 Plug Connector Crimp-Solder Attachment for RG188-DS, RG316-DS
PE44874 PASTERNACK-PE44874 Datasheet
246Kb / 3P
MMCX Plug Connector Crimp-Solder Attachment For RG188-DS, RG316-DS
PE45169 PASTERNACK-PE45169 Datasheet
347Kb / 3P
MC-Card Plug Connector Crimp - Solder Attachment for RG188-DS, RG316-DS
PE45190 PASTERNACK-PE45190 Datasheet
357Kb / 3P
MMCX Plug Connector Crimp - Solder Attachment for RG188-DS, RG316-DS
PE44792 PASTERNACK-PE44792 Datasheet
265Kb / 3P
SMB Plug Connector Crimp - Solder Attachment For RG316-DS, RG188-DS
PE45155 PASTERNACK-PE45155 Datasheet
356Kb / 3P
SMC Plug Connector Crimp - Solder Attachment for RG188-DS, RG316-DS
PE45153 PASTERNACK-PE45153 Datasheet
356Kb / 3P
SSMB Plug Connector Crimp - Solder Attachment for RG188-DS, RG316-DS
PE45374 PASTERNACK-PE45374 Datasheet
405Kb / 5P
SSMC Jack Connector Crimp/Solder Attachment for RG316-DS, RG188-DS
PE45383 PASTERNACK-PE45383 Datasheet
378Kb / 5P
SSMC Plug Right Angle Connector Crimp/Solder Attachment for RG316-DS, RG188-DS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com